Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MMBL4148H Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MMBL4148H
Description  Surface Mount Switching Diode
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MMBL4148H Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MMBL4148H Datasheet HTML 1Page - List of Unclassifed Manufacturers MMBL4148H Datasheet HTML 2Page - List of Unclassifed Manufacturers MMBL4148H Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
WE IT R ON
MMBL4148H
WEITRON
http://www.weitron.com.tw
Maximum Ratings
Thermal Characteristics
Device Marking
Electrical Characteristics (TA=25 C Unless Otherwise note)
Off Characteristics
Rating
Symbol
Value
Unit
Characterictics
Symbol
Max
Unit
Characterictics
Symbol
Max
Unit
Reverse Voltage
Forward Current
Peak Forward Surge Current
VR
IF
IFM(Surge)
100
200
500
Vdc
mAdc
mAdc
Total Device Dissipation FR-5
Board TA=25 C
Thermal Resistance, Junction
to Ambient
Junction and Storage
Temperature
PD
R JA
TJ,Tstg
556
-55 to + 150
mW
C/W
C
Min
Reverse Breakdown Votalge
(IR=100uAdc)
Forward Voltage(IF=10mAdc)
Reverse Voltage
Leakage Current
(VR=20Vdc)
(VR=75Vdc)
Reverse Recover Time
(IF=IR=10mAdc)
V(BR)
VF
IR
Diode Capacitance
(VR=0, f=1.0MHz)
CT
trr
100
1000
0.025
5.0
4.0
4.0
Vcc
mVdc
uAdc
pF
ns
1. FR-5=1.0x0.75x0.062 in
2.Alumina=0.4x0.3x0.024 in. 99.5% alumina.
Item
Marking
Eqivalent Circuitdiagram
MMBL4148H
5D
2
1
500
q


Similar Part No. - MMBL4148H

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
MMBL4148H WEITRON-MMBL4148H Datasheet
111Kb / 3P
   Surface Mount Switching Diode
logo
PACELEADER INDUSTRIAL
MMBL4148H PACELEADER-MMBL4148H Datasheet
590Kb / 3P
   SURFACE MOUNT SWITCHING DIODES
More results

Similar Description - MMBL4148H

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
BAL99 DIODES-BAL99 Datasheet
151Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS12009 Rev. 12 - 2
logo
Transys Electronics
BAL99 TRSYS-BAL99 Datasheet
146Kb / 2P
   SURFACE MOUNT SWITCHING DIODE
logo
Diodes Incorporated
BAV23A DIODES-BAV23A_08 Datasheet
126Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30042 Rev. 13 - 2
MMBD2004SW DIODES-MMBD2004SW_08 Datasheet
113Kb / 3P
   SURFACE MOUNT SWITCHING DIODE
DS30443 Rev. 6 - 2
logo
Pan Jit International I...
MMBD7000 PANJIT-MMBD7000_09 Datasheet
231Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
MMBD7000W PANJIT-MMBD7000W_09 Datasheet
215Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
1SS400G PANJIT-1SS400G_09 Datasheet
265Kb / 4P
   SURFACE MOUNT SWITCHING DIODE
logo
Galaxy Semi-Conductor H...
1SS184 BILIN-1SS184 Datasheet
280Kb / 3P
   Surface mount switching diode
BAL99 BILIN-BAL99 Datasheet
175Kb / 3P
   Surface mount switching diode
BAS16 BILIN-BAS16 Datasheet
308Kb / 3P
   Surface mount switching diode
BAS21 BILIN-BAS21 Datasheet
177Kb / 3P
   Surface mount switching diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com