Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MOS6020-472MXC Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MOS6020-472MXC
Description  SMT Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MOS6020-472MXC Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MOS6020-472MXC Datasheet HTML 1Page - List of Unclassifed Manufacturers MOS6020-472MXC Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMT Power Inductor - MOS6020 Series
Document 287 -1
Specifications subject to change without notice.
Document 287-1
Revised 07/30/04
L ±20%2 DCR max SRF typ3 2 Isat4 4Irms5
Part number1
(µH)
(Ohms)
(MHz)
(A)
(A)
MOS6020-222MX_
2.2
0.035
110
2.15
4.1
MOS6020-332MX_
3.3
0.046
85
1.80
3.6
MOS6020-472MX_
4.7
0.050
60
1.50
3.1
MOS6020-682MX_
6.8
0.078
55
1.28
2.7
MOS6020-103MX_
10
0.092
36
1.00
2.2
MOS6020-153MX_
15
0.130
30
0.85
1.8
MOS6020-223MX_
22
0.182
22
0.72
1.4
MOS6020-333MX_
33
0.290
20
0.58
1.1
MOS6020-473MX_
47
0.420
16
0.49
0.7
MOS6020-683MX_
68
0.520
15
0.40
0.63
MOS6020-104MX_
100
0.800
13
0.33
0.56
MOS6020-154MX_
150
1.28
10
0.27
0.49
MOS6020-224MX_
220
2.00
8
0.22
0.42
MOS6020-334MX_
330
2.84
7
0.18
0.35
MOS6020-474MX_
470
4.40
5
0.15
0.29
Measuring a mere 2 mm high, the MOS6020 family of
surface mount power inductors offers exceptionally low
DC resistance and excellent current handling.
These magnetically shielded inductors are extremely
space-efficient, with a 6 × 7.1 mm footprint. They are
available in inductance values from 2.2 µH to 470 µH
with saturation current ratings up to 2.15 Amps. Custom
versions up to 4.7 mH are also available.
Free evaluation samples are available by contacting
Coilcraft or ordering them on-line at www.coilcraft.com.
1. When ordering, please specify packaging code:
MOS6020-104MX
C
Packaging: C =7
″ machine-ready reel. EIA-481 embossed plastic
tape (500 parts per full reel).
B = Less than full reel. In tape, but not machine ready.
To have a leader and trailer added ($25 charge),
use code letter C instead.
D =13
″ machine-ready reel. EIA-481 embossed plastic
tape (2000 parts per full reel).
2. Inductance tested at 100 kHz, 0.1 Vrms, 0 Adc using an Agilent/
HP 4284A or equivalent.
3. SRF measured using Agilent/HP 8753D network analyzer.
4. DC current at which the inductance drops 30% (typ) from its value
without current.
5. Average current for 40°C temperature rise from 25°C ambient.
6. Operating temperature range -40°C to +85°C.
7. Electrical specifications at 25°C.
See Qualification Standards section for environmental and test data.


Similar Part No. - MOS6020-472MXC

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MOS6020-472ML COILCRAFT-MOS6020-472ML Datasheet
201Kb / 2P
   SMT Power Inductors
MOS6020-472ML COILCRAFT-MOS6020-472ML Datasheet
195Kb / 2P
   Shielded Power Inductors ??MOS6020
MOS6020-472ML COILCRAFT-MOS6020-472ML Datasheet
195Kb / 2P
   Shielded Power Inductors ??MOS6020
MOS6020-472ML COILCRAFT-MOS6020-472ML Datasheet
456Kb / 2P
   Shielded Power Inductors
logo
List of Unclassifed Man...
MOS6020-472MLB ETC2-MOS6020-472MLB Datasheet
202Kb / 1P
   Kit Contents for C359: MOS6020 Power Inductors
More results

Similar Description - MOS6020-472MXC

ManufacturerPart #DatasheetDescription
logo
ice Components, Ins.
ISL37-3R8 ICE-ISL37-3R8 Datasheet
210Kb / 2P
   SMT SMT Power Inductor
logo
Delta Electronics, Inc.
SIL104-1R5 DELTA-SIL104-1R5 Datasheet
83Kb / 1P
   SMT Power Inductor
SIWC1365 DELTA-SIWC1365 Datasheet
97Kb / 1P
   SMT Power Inductor
logo
List of Unclassifed Man...
SI106 ETC-SI106 Datasheet
419Kb / 1P
   SMT Power Inductor
logo
Delta Electronics, Inc.
HAL1345 DELTA-HAL1345 Datasheet
149Kb / 1P
   SMT Power Inductor
SIWC1350 DELTA-SIWC1350 Datasheet
96Kb / 1P
   SMT Power Inductor
SIQ1250R DELTA-SIQ1250R Datasheet
76Kb / 1P
   SMT Power Inductor
SIQ1055 DELTA-SIQ1055 Datasheet
211Kb / 1P
   SMT Power Inductor
SIQ126R DELTA-SIQ126R Datasheet
327Kb / 1P
   SMT Power Inductor
SIL530 DELTA-SIL530 Datasheet
92Kb / 1P
   SMT Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com