Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NTE6128 Datasheet(PDF) 2 Page - NTE Electronics

Part # NTE6128
Description  Silicon Power Rectifier Diode, 430 Amp
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics

NTE6128 Datasheet(HTML) 2 Page - NTE Electronics

  NTE6128 Datasheet HTML 1Page - NTE Electronics NTE6128 Datasheet HTML 2Page - NTE Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Electrical Characteristics:
Parameter
Symbol
Test Conditions
Rating
Unit
Forward Voltage Drop
VFM
TJ = +25°C, IFM = 800A
2.0
V
Repetitive Peak Reverse Voltage
VRRM
1600
V
Non–Repetitive Peak Reverse Voltage
VRSM
t
≤ 5ms
1800
V
Reverse Leakage Current (Peak)
IRRM
TJ = +150C, VRRM = 1400V
50
mA
Maximum Reverse Recovery Time
trr
IFM = 785A, tp = 100µs, diR/dt = 25A/µs,
TC = +25°C
1.0
µs
.750
(19.05)
.750
(19.05)
1.650 (41.91)
Dia Max
.030 (.762)
.030 (.762)
.530 (13.46)
Cathode
Marking
.140 (3.55) Dia x
.077 (1.94) Deep
(Both Sides)
1.440
(36.57)


Similar Part No. - NTE6128

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE612 NTE-NTE612 Datasheet
19Kb / 2P
   Voltage Variable Capacitance Diode (Tuning Diode)
NTE6120 NTE-NTE6120 Datasheet
16Kb / 2P
   Industrial Rectifier, 500 Amp
NTE6121 NTE-NTE6121 Datasheet
16Kb / 2P
   Industrial Rectifier, 1200 Amp
NTE6122 NTE-NTE6122 Datasheet
18Kb / 2P
   Industrial Rectifier, 2200 Amp
NTE6129 NTE-NTE6129 Datasheet
21Kb / 2P
   Silicon Power Rectifier Diode, 700 Amp
More results

Similar Description - NTE6128

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE5850 NTE-NTE5850 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 6 Amp
NTE5906 NTE-NTE5906 Datasheet
26Kb / 3P
   Silicon Power Rectifier Diode, 40 Amp
NTE5962 NTE-NTE5962 Datasheet
19Kb / 2P
   Silicon Power Rectifier Diode, 25 Amp
NTE6036 NTE-NTE6036 Datasheet
23Kb / 2P
   Silicon Power Rectifier Diode, 85 Amp
NTE5844 NTE-NTE5844 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 20 Amp
NTE5940 NTE-NTE5940 Datasheet
24Kb / 3P
   Silicon Power Rectifier Diode, 15 Amp
NTE6129 NTE-NTE6129 Datasheet
21Kb / 2P
   Silicon Power Rectifier Diode, 700 Amp
NTE5826 NTE-NTE5826 Datasheet
18Kb / 2P
   Silicon Power Rectifier Diode, 50 Amp
NTE6354 NTE-NTE6354 Datasheet
25Kb / 3P
   Silicon Power Rectifier Diode, 300 Amp
NTE5810 NTE-NTE5810 Datasheet
24Kb / 2P
   Silicon Power Rectifier Diode, 12 Amp
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com