Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MS5534-BP Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # MS5534-BP
Description  BAROMETER MODULE
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MS5534-BP Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  MS5534-BP Datasheet HTML 1Page - List of Unclassifed Manufacturers MS5534-BP Datasheet HTML 2Page - List of Unclassifed Manufacturers MS5534-BP Datasheet HTML 3Page - List of Unclassifed Manufacturers MS5534-BP Datasheet HTML 4Page - List of Unclassifed Manufacturers MS5534-BP Datasheet HTML 5Page - List of Unclassifed Manufacturers MS5534-BP Datasheet HTML 6Page - List of Unclassifed Manufacturers MS5534-BP Datasheet HTML 7Page - List of Unclassifed Manufacturers MS5534-BP Datasheet HTML 8Page - List of Unclassifed Manufacturers MS5534-BP Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 21 page
background image
DA5534B_003.doc
February 28th, 2005
3
00005534B784
ECN 711
RECOMMENDED OPERATING CONDITIONS
(
Ta = 25°C, VDD = 3.0 V unless noted otherwise)
Parameter
Symbol
Conditions
Min.
Typ.
Max
Unit
Operating pressure range
p
10
1100
mbar
abs.
Supply voltage
VDD
2.2
3.0
3.6
V
Supply current,
average (1)
during conversion (2)
standby (no conversion)
Iavg
Isc
Iss
VDD = 3.0 V
4
1
0.1
µA
mA
µA
Current consumption into
MCLK (3)
MCLK = 32.768 kHz
0.5
µA
Operating temperature
range
T
-40
+125
°C
Conversion time
tconv
MCLK = 32.768 kHz
35
ms
External clock signal (4)
MCLK
30.000 32.768 35.000
kHz
Duty cycle of MCLK
40/60
50/50
60/40
%
Serial data clock
SCLK
500
kHz
NOTES
1) Under the assumption of one conversion every second. Conversion means either a pressure or a
temperature measurement started by a command to the serial interface of MS5534B.
2) During conversion the sensor will be switched on and off in order to reduce power consumption; the total on
time within a conversion is about 2 ms.
3) This value can be reduced by switching off MCLK while MS5534B is in standby mode.
4) It is strongly recommended that a crystal oscillator be used because the device is sensitive to clock jitter. A
square-wave form of the clock signal is a must.


Similar Part No. - MS5534-BP

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5534-BP INTERSEMA-MS5534-BP Datasheet
958Kb / 21P
   BAROMETER MODULE
More results

Similar Description - MS5534-BP

ManufacturerPart #DatasheetDescription
logo
Intersema Sensoric SA
MS5534C INTERSEMA-MS5534C Datasheet
769Kb / 21P
   BAROMETER MODULE
MS5534B INTERSEMA-MS5534B_1 Datasheet
958Kb / 21P
   BAROMETER MODULE
logo
List of Unclassifed Man...
MS5534AP ETC1-MS5534AP Datasheet
258Kb / 21P
   BAROMETER MODULE
logo
Intersema Sensoric SA
MS5540B INTERSEMA-MS5540B Datasheet
370Kb / 18P
   MINIATURE BAROMETER MODULE
MS5540C INTERSEMA-MS5540C Datasheet
285Kb / 18P
   MINIATURE BAROMETER MODULE
logo
List of Unclassifed Man...
SMD500 ETC2-SMD500 Datasheet
211Kb / 10P
   Altimeter / Barometer Module ultra low power, low voltage
logo
Vaisala
PTB110 VAISALA-PTB110 Datasheet
1Mb / 2P
   BAROCAP Barometer PTB110
logo
Freescale Semiconductor...
MPL115A2 FREESCALE-MPL115A2 Datasheet
116Kb / 8P
   Miniature I2C Digital Barometer
MPL115A2 FREESCALE-MPL115A2_13 Datasheet
218Kb / 16P
   Miniature I2C Digital Barometer
MPL115A1 FREESCALE-MPL115A1 Datasheet
125Kb / 8P
   Miniature SPI Digital Barometer
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com