Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM51V16160F Datasheet(PDF) 1 Page - OKI electronic componets

Part # MSM51V16160F
Description  1,048,576-Word X 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM51V16160F Datasheet(HTML) 1 Page - OKI electronic componets

  MSM51V16160F Datasheet HTML 1Page - OKI electronic componets MSM51V16160F Datasheet HTML 2Page - OKI electronic componets MSM51V16160F Datasheet HTML 3Page - OKI electronic componets MSM51V16160F Datasheet HTML 4Page - OKI electronic componets MSM51V16160F Datasheet HTML 5Page - OKI electronic componets MSM51V16160F Datasheet HTML 6Page - OKI electronic componets MSM51V16160F Datasheet HTML 7Page - OKI electronic componets MSM51V16160F Datasheet HTML 8Page - OKI electronic componets MSM51V16160F Datasheet HTML 9Page - OKI electronic componets Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 16 page
background image
OKI Semiconductor
FEDD51V16160F-02
Issue Date: Aug. 16, 2002
MSM51V16160F
1,048,576-Word
× 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
1/16
DESCRIPTION
The MSM51V16160F is a 1,048,576-word
× 16-bit dynamic RAM fabricated in Oki’s silicon-gate
CMOS technology. The MSM51V16160F achieves high integration, high-speed operation, and
low-power
consumption
because
Oki
manufactures
the
device
in
a
quadruple-layer
polysilicon/double-layer metal CMOS process. The MSM51V16160F is available in a 50/44-pin plastic
TSOP.
FEATURES
·
1,048,576-word
× 16-bit configuration
·
Single 3.3V power supply,
±0.3V tolerance
·
Input
: LVTTL compatible, low input capacitance
·
Output : LVTTL compatible, 3-state
·
Refresh : 4096 cycles/64ms
·
Fast page mode, read modify write capability
· CAS before RAS refresh, hidden refresh, RAS-only refresh capability
· Packages
50/44-pin 400mil plastic TSOP (TSOPII50/44-P-400-0.80-K) (Product : MSM51V16160F-xxTS-K)
xx indicates speed rank.
PRODUCT FAMILY
Access Time (Max.)
Power Dissipation
Family
tRAC
tAA
tCAC
tOEA
Cycle Time
(Min.)
Operating
(Max.)
Standby
(Max.)
50ns
25ns
13ns
13ns
90ns
270mW
60ns
30ns
15ns
15ns
110ns
252mW
MSM51V16160F
70ns
35ns
20ns
20ns
130ns
234mW
1.8mW


Similar Part No. - MSM51V16160F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM51V16160A OKI-MSM51V16160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160D OKI-MSM51V16160D Datasheet
469Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160DSL OKI-MSM51V16160DSL Datasheet
469Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results

Similar Description - MSM51V16160F

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM5116160D OKI-MSM5116160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160A OKI-MSM5118160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160D OKI-MSM5118160D Datasheet
526Kb / 17P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5118160B OKI-MSM5118160B Datasheet
253Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160A OKI-MSM51V18160A Datasheet
1Mb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160A OKI-MSM51V16160A Datasheet
605Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160D OKI-MSM51V18160D Datasheet
469Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V18160F OKI-MSM51V18160F Datasheet
177Kb / 15P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM5116160 OKI-MSM5116160 Datasheet
568Kb / 8P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
MSM51V16160D OKI-MSM51V16160D Datasheet
469Kb / 16P
   1,048,576-Word x 16-Bit DYNAMIC RAM : FAST PAGE MODE TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com