Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSM7545 Datasheet(PDF) 7 Page - OKI electronic componets

Part # MSM7545
Description  LSI
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OKI [OKI electronic componets]
Direct Link  http://www.oki.com
Logo OKI - OKI electronic componets

MSM7545 Datasheet(HTML) 7 Page - OKI electronic componets

  MSM7545 Datasheet HTML 1Page - OKI electronic componets MSM7545 Datasheet HTML 2Page - OKI electronic componets MSM7545 Datasheet HTML 3Page - OKI electronic componets MSM7545 Datasheet HTML 4Page - OKI electronic componets MSM7545 Datasheet HTML 5Page - OKI electronic componets MSM7545 Datasheet HTML 6Page - OKI electronic componets MSM7545 Datasheet HTML 7Page - OKI electronic componets MSM7545 Datasheet HTML 8Page - OKI electronic componets  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
MSM7545 l
7/8
n
応用回路例
n
外部クロック応用例
X2
3.6864MHz
200pF
X1
高速C-MOS
TTL etc.
オープン
TVI
送信音声入力
送信秘話出力
C1
C2
受信復元
  音声出力
受信秘話入力
C3
C4
RVO
TSO
TSTO
PDN
FT
TST1
SEC
VDD
SG
AG
C6
DG
正電源
C7
X1
X2
3.6864MHz
C1, C2, C3, C4=0.1mF
C5, C6, C7=1.0mF
水晶振動子:等価直列抵抗100W以下
      (キンセキ社HC-49/U-A又は相当品)
RSI
MSM7545MS-K
C5


Similar Part No. - MSM7545

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7540 OKI-MSM7540 Datasheet
156Kb / 16P
   Single Rail ADPCM CODEC
MSM7540L OKI-MSM7540L Datasheet
131Kb / 15P
   Single Rail ADPCM CODEC
MSM7541 OKI-MSM7541 Datasheet
154Kb / 20P
   Single Rail CODEC
MSM7542 OKI-MSM7542 Datasheet
154Kb / 20P
   Single Rail CODEC
MSM7543 OKI-MSM7543 Datasheet
159Kb / 19P
   Single Rail CODEC
More results

Similar Description - MSM7545

ManufacturerPart #DatasheetDescription
logo
OKI electronic componet...
MSM7576 OKI-MSM7576 Datasheet
279Kb / 34P
   LSI
logo
Sanyo Semicon Device
LC822973 SANYO-LC822973 Datasheet
214Kb / 27P
   CMOS LSI TV Image Viewer LSI
logo
Motorola, Inc
MCM14537 MOTOROLA-MCM14537 Datasheet
384Kb / 8P
   CMOS LSI
logo
Rohm
VQFN040V6060 ROHM-VQFN040V6060 Datasheet
79Kb / 2P
   LSI Assembly
SBGA035T050 ROHM-SBGA035T050 Datasheet
80Kb / 2P
   LSI Assembly
VBGA035T040 ROHM-VBGA035T040 Datasheet
80Kb / 2P
   LSI Assembly
VQFP80 ROHM-VQFP80_1 Datasheet
59Kb / 2P
   LSI Assembly
WSOF6 ROHM-WSOF6 Datasheet
79Kb / 2P
   LSI Assembly
UQFN044V6060 ROHM-UQFN044V6060 Datasheet
79Kb / 2P
   LSI Assembly
UQFP80 ROHM-UQFP80_1 Datasheet
82Kb / 2P
   LSI Assembly
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com