Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSP1250 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MSP1250
Description  Power Converter 150kHz 3A Step-down Voltage Regulator
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSP1250 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MSP1250 Datasheet HTML 1Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 2Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 3Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 4Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 5Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 6Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 7Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 8Page - List of Unclassifed Manufacturers MSP1250 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
MSP1250
Power Converter 150kHz 3A
Step-down Voltage Regulator
Note 3: Typical numbers are at 25℃ and represent the most likely norm.
Note 4: All limits guaranteed at room temperature (standard type face) and at temperature
extremes (bold type face). All room temperature limits are 100% production tested.
All
limits at temperature extremes are guaranteed via correlation using standard Statistical
Quality Control (SQC) methods. All limits are used to calculate Average Outgoing Quality
Level (AOQL).
Note5: External components such as the catch diode, inductor, input and output capacitors,
and voltage programming resistors can affect switching regulator system performance.
Note 6: The switching frequency is reduced when the second stage current limit is
activated.
Note 7: No diode, inductor or capacitor connected to output pin.
Note 8: Feedback pin removed from output and connected to 0V to force the output
transistor switch ON.
Note 9: Feedback pin removed from output and connected to 12V for the 3.3V, 5V, and the
ADJ. version, and 15V for the 12V version, to force the output transistor switch OFF.
Note 10: VIN = 40V.
Note 11: Junction to ambient thermal resistance (no external heat sink) for the TO-220
package mounted vertically, with the leads soldered to a printed circuit board with
(1 oz.) copper area of approximately 1 in
2.
Note 12: Junction to ambient thermal resistance with the TO-263 package tab soldered to a
single printed circuit board with 0.5 in
2 of (1 oz.) copper area.
Note 13: Junction to ambient thermal resistance with the TO-263 package tab soldered to a
single sided printed circuit board with 2.5 in
2 of (1 oz.) copper area.
Note 14: Junction to ambient thermal resistance with the TO-263 package tab soldered to a
double sided printed circuit board with 3 in
2 of (1 oz.) copper area on the MSP1250 side of
the board, and approximately 16 in
2 of copper on the other side of the p-c board.


Similar Part No. - MSP1250

ManufacturerPart #DatasheetDescription
logo
Bookly Micro electronic
MSP1250G BOOKLY-MSP1250G Datasheet
616Kb / 10P
   Step-down Voltage Converter
More results

Similar Description - MSP1250

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
S5ELM2596 SECOS-S5ELM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ELM2596 GTM-G5ELM2596 Datasheet
506Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
SeCoS Halbleitertechnol...
S5ULM2596 SECOS-S5ULM2596 Datasheet
1Mb / 8P
   Simple Switcher Power Converter 150KHz 3A Step-Down Voltage Regulator
logo
GTM CORPORATION
G5ULM2596 GTM-G5ULM2596 Datasheet
504Kb / 8P
   Simple Switcher Power converter 150kHz 3A Step-Down Voltage Regulator
logo
First Components Intern...
LM7596 FCI-LM7596 Datasheet
226Kb / 3P
   LM7596 Simple Switcher Power Converter 150kHz 3A Step-Down Voltage Regulator
logo
Aimtron Technology
AT1796 AIMTRON-AT1796 Datasheet
526Kb / 12P
   150kHz, 3A Step-Down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596HVS-3.3 TECHPUBLIC-LM2596HVS-3.3 Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
LM2596HVS-ADJ TECHPUBLIC-LM2596HVS-ADJ Datasheet
1Mb / 6P
   60V / 3A | 150kHz Step-Down Switching Regulator
logo
HTC Korea TAEJIN Techno...
LM2596HV HTC-LM2596HV Datasheet
336Kb / 9P
   60V, 3A, 150kHz, Step-down Switching Regulator
logo
TECH PUBLIC Electronics...
LM2596 TECHPUBLIC-LM2596_V01 Datasheet
2Mb / 8P
   3A / 150kHz Step-Down DC-DC Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com