Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT2LDT432H Datasheet(PDF) 10 Page - Micron Technology

Part # MT2LDT432H
Description  SMALL-OUTLINE DRAM MODULE
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT2LDT432H Datasheet(HTML) 10 Page - Micron Technology

Back Button MT2LDT432H Datasheet HTML 6Page - Micron Technology MT2LDT432H Datasheet HTML 7Page - Micron Technology MT2LDT432H Datasheet HTML 8Page - Micron Technology MT2LDT432H Datasheet HTML 9Page - Micron Technology MT2LDT432H Datasheet HTML 10Page - Micron Technology MT2LDT432H Datasheet HTML 11Page - Micron Technology MT2LDT432H Datasheet HTML 12Page - Micron Technology MT2LDT432H Datasheet HTML 13Page - Micron Technology MT2LDT432H Datasheet HTML 14Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 25 page
background image
10
4, 8 Meg x 32 DRAM SODIMMs
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DM89.p65 – Rev. 12/98
©1998, Micron Technology, Inc.
4, 8 MEG x 32
DRAM SODIMMs
ADVANCE
EDO PAGE MODE
AC ELECTRICAL CHARACTERISTICS
(Notes: 5, 6, 7, 8, 9, 10, 11, 12, 19) (VDD = +3.3V ±0.3V)
AC CHARACTERISTICS - EDO PAGE MODE OPTION
-5
-6
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Access time from column address
tAA
25
30
ns
Column-address setup to CAS# precharge
tACH
12
15
ns
Column-address hold time (referenced to RAS#)
tAR
38
45
ns
Column-address setup time
tASC
0
0
ns
Row-address setup time
tASR
0
0
ns
Access time from CAS#
tCAC
13
15
ns
Column-address hold time
tCAH
8
10
ns
CAS# pulse width
tCAS
8
10,000
10
10,000
ns
CAS# LOW to “Don’t Care” during Self Refresh
tCHD
15
15
ns
25
CAS# hold time (CBR Refresh)
tCHR
8
10
ns
4
CAS# to output in Low-Z
tCLZ
0
0
ns
Data output hold after next CAS# LOW
tCOH
3
3
ns
CAS# precharge time
tCP
8
10
ns
13
Access time from CAS# precharge
tCPA
28
35
ns
CAS# to RAS# precharge time
tCRP
5
5
ns
CAS# hold time
tCSH
38
45
ns
CAS# setup time (CBR Refresh)
tCSR
5
5
ns
4
WRITE command to CAS# lead time
tCWL
8
10
ns
Data-in hold time
tDH
8
10
ns
18
Data-in setup time
tDS
0
0
ns
18
Output buffer turn-off delay
tOFF
0
12
0
15
ns
17, 23
EDO-PAGE-MODE READ or WRITE cycle time
tPC
20
25
ns
Access time from RAS#
tRAC
50
60
ns
RAS# to column-address delay time
tRAD
9
12
ns
15
Row-address hold time
tRAH
9
10
ns
RAS# pulse width
tRAS
50
10,000
60
10,000
ns
RAS# pulse width (EDO PAGE MODE)
tRASP
50
125,000
60
125,000
ns
RAS# pulse width during Self Refresh
tRASS
100
100
µs
25
Random READ or WRITE cycle time
tRC
84
104
ns
RAS# to CAS# delay time
tRCD
11
14
ns
14


Similar Part No. - MT2LDT432H

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MT2 MACOM-MT2 Datasheet
488Kb / 9P
   MT2 Relay
logo
Volgen Kaga Electronics...
MT2-0505SI VOLGEN-MT2-0505SI Datasheet
213Kb / 2P
   2 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
MT2-0512SI VOLGEN-MT2-0512SI Datasheet
213Kb / 2P
   2 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
MT2-0512WI VOLGEN-MT2-0512WI Datasheet
213Kb / 2P
   2 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
MT2-0515SI VOLGEN-MT2-0515SI Datasheet
213Kb / 2P
   2 WATT DC//DC CONVERTER, SIINGLE & MULTIIPLE OUTPUTS
More results

Similar Description - MT2LDT432H

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT4LDT464H MICRON-MT4LDT464H Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
MT8LSDT864 MICRON-MT8LSDT864 Datasheet
1Mb / 27P
   SMALL-OUTLINE SDRAM MODULE
MT16LSDF6464HY-133D2 MICRON-MT16LSDF6464HY-133D2 Datasheet
476Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT4LSDT1664HG MICRON-MT4LSDT1664HG Datasheet
342Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
   Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
Micron Technology
MT32LD3264A MICRON-MT32LD3264A Datasheet
518Kb / 27P
   DRAM MODULE
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M456 AVAGO-HCPL-M456 Datasheet
197Kb / 14P
   Small Outline, 5 Lead Intelligent Power Module Optocoupler
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
   Small Outline Package
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
   Small Outline Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com