Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8LSDT3264AI Datasheet(PDF) 8 Page - Micron Technology

Part # MT8LSDT3264AI
Description  SYNCHRONOUS DRAM MODULE
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT8LSDT3264AI Datasheet(HTML) 8 Page - Micron Technology

Back Button MT8LSDT3264AI Datasheet HTML 4Page - Micron Technology MT8LSDT3264AI Datasheet HTML 5Page - Micron Technology MT8LSDT3264AI Datasheet HTML 6Page - Micron Technology MT8LSDT3264AI Datasheet HTML 7Page - Micron Technology MT8LSDT3264AI Datasheet HTML 8Page - Micron Technology MT8LSDT3264AI Datasheet HTML 9Page - Micron Technology MT8LSDT3264AI Datasheet HTML 10Page - Micron Technology MT8LSDT3264AI Datasheet HTML 11Page - Micron Technology MT8LSDT3264AI Datasheet HTML 12Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 24 page
background image
256MB / 512MB (x64)
168-PIN SDRAM DIMMs
32,64 Meg x 64 SDRAM DIMMs
Micron Technology, Inc., reserves the right to change products or specifications without notice.
SD8_16C32_64x64AG_C.fm - Rev. C 11/02
8
©2002, Micron Technology Inc.
MAND INHIBIT or NOP. Starting at some point during
this 100µs period and continuing at least through the
end of this period, COMMAND INHIBIT or NOP com-
mands should be applied.
Once the 100µs delay has been satisfied with at least
one COMMAND INHIBIT or NOP command having
been applied, a PRECHARGE command should be
applied. All device banks must then be precharged,
thereby placing the device in the all banks idle state.
Once in the idle state, two AUTO REFRESH cycles
must be performed. After the AUTO REFRESH cycles
are complete, the SDRAM is ready for mode register
programming. Because the mode register will power
up in an unknown state, it should be loaded prior to
applying any operational command.
Mode Register Definition
The mode register is used to define the specific
mode of operation of the SDRAM. This definition
includes the selection of a burst length, a burst type, a
CAS latency, an operating mode and a write burst
mode, as shown in Figure 5, Mode Register Definition
Diagram, on page 8. The mode register is programmed
via the LOAD MODE REGISTER command and will
retain the stored information until it is programmed
again or the device loses power.
Mode register bits M0–M2 specify the burst length,
M3 specifies the type of burst (sequential or inter-
leaved), M4–M6 specify the CAS latency, M7 and M8
specify the operating mode, M9 specifies the write
burst mode, and M10 and M11 are reserved for future
use.
The mode register must be loaded when all device
banks are idle, and the controller must wait the speci-
fied time before initiating the subsequent operation.
Violating either of these requirements will result in
unspecified operation.
Burst Length
Read and write accesses to the SDRAM are burst ori-
ented, with the burst length being programmable, as
shown in Figure 5, Mode Register Definition Diagram,
on page 8. The burst length determines the maximum
number of column locations that can be accessed for a
given READ or WRITE command. Burst lengths of 1, 2,
4, or 8 locations are available for both the sequential
and the interleaved burst types, and a full-page burst is
available for the sequential type. The full-page burst is
used in conjunction with the BURST TERMINATE
command to generate arbitrary burst lengths.
Reserved states should not be used, as unknown
operation or incompatibility with future versions may
result.
When a READ or WRITE command is issued, a block
of columns equal to the burst length is effectively
selected. All accesses for that burst take place within
this block, meaning that the burst will wrap within the
block if a boundary is reached, as shown in the Burst
Definition Table. The block is uniquely selected by A1–
A9 when the burst length is set to two; A2–A9 when the
burst length is set to four; and by A3–A9 when the burst
length is set to eight. The remaining (least significant)
address bit(s) is (are) used to select the starting loca-
tion within the block. Full-page bursts wrap within the
page if the boundary is reached, as shown in Table 7,
Burst Definitions, on page 9.
Burst Type
Accesses within a given burst may be programmed
to be either sequential or interleaved; this is referred to
as the burst type and is selected via bit M3.
The ordering of the accesses within a burst is deter-
mined by the burst length, the burst type, and the
starting column adress, as shown in Table 7, Burst Def-
initions, on page 9.
Figure 5: Mode Register Definition


Similar Part No. - MT8LSDT3264AI

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT8LSDT3264A(I) MICRON-MT8LSDT3264A(I) Datasheet
525Kb / 28P
   Synchronous DRAM Module
MT8LSDT3264AY MICRON-MT8LSDT3264AY Datasheet
525Kb / 28P
   Synchronous DRAM Module
More results

Similar Description - MT8LSDT3264AI

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT8LSDT3264AY MICRON-MT8LSDT3264AY Datasheet
525Kb / 28P
   Synchronous DRAM Module
MT18LSDT12872AG MICRON-MT18LSDT12872AG Datasheet
979Kb / 29P
   Synchronous DRAM Module
MT9LSDT1672AY MICRON-MT9LSDT1672AY Datasheet
677Kb / 26P
   SYNCHRONOUS DRAM MODULE
MT36LSDT12872G MICRON-MT36LSDT12872G Datasheet
1,002Kb / 30P
   Synchronous DRAM Module
MT36LSDT25672G MICRON-MT36LSDT25672G Datasheet
1,002Kb / 30P
   Synchronous DRAM Module
MT9LSDT872 MICRON-MT9LSDT872 Datasheet
320Kb / 18P
   SYNCHRONOUS DRAM MODULE
MT48LC64M4A2 MICRON-MT48LC64M4A2 Datasheet
1Mb / 62P
   SYNCHRONOUS DRAM
MT48LC32M4A1 MICRON-MT48LC32M4A1 Datasheet
3Mb / 51P
   SYNCHRONOUS DRAM
logo
Eorex Corporation
EM482M3244VTB EOREX-EM482M3244VTB_15 Datasheet
1Mb / 17P
   Synchronous DRAM
EM488M1644VTG EOREX-EM488M1644VTG_15 Datasheet
1Mb / 18P
   Synchronous DRAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com