Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8LD864A Datasheet(PDF) 10 Page - Micron Technology

Part # MT8LD864A
Description  DRAM MODULE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT8LD864A Datasheet(HTML) 10 Page - Micron Technology

Back Button MT8LD864A Datasheet HTML 6Page - Micron Technology MT8LD864A Datasheet HTML 7Page - Micron Technology MT8LD864A Datasheet HTML 8Page - Micron Technology MT8LD864A Datasheet HTML 9Page - Micron Technology MT8LD864A Datasheet HTML 10Page - Micron Technology MT8LD864A Datasheet HTML 11Page - Micron Technology MT8LD864A Datasheet HTML 12Page - Micron Technology MT8LD864A Datasheet HTML 13Page - Micron Technology MT8LD864A Datasheet HTML 14Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 27 page
background image
10
8, 16, 32 Meg x 64 Nonbuffered DRAM DIMMs
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DM78.p65 – Rev. 2/99
©1999, Micron Technology, Inc.
8, 16, 32 MEG x 64
NONBUFFERED DRAM DIMMs
ICC OPERATING CONDITIONS AND MAXIMUM LIMITS
(Notes: 1, 5, 6) (VDD = +3.3V ±0.3V)
PARAMETER/CONDITION
SYMBOL SIZE
-5
-6
UNITS NOTES
STANDBY CURRENT: TTL
64MB
8
8
(RAS# = CAS# = VIH)ICC1
128MB
16
16
mA
256MB
32
32
STANDBY CURRENT: CMOS
64MB
4
4
(RAS# = CAS# = VDD - 0.2V)
ICC2
128MB
8
8
mA
256MB
16
16
OPERATING CURRENT: Random READ/WRITE
64MB
1,400
1,320
Average power supply current
ICC3
128MB 2,720
2,560
mA
3, 24
(RAS#, CAS#, address cycling: tRC = tRC [MIN])
256MB 2,736
2,576
OPERATING CURRENT: EDO PAGE MODE
64MB
1,240
1,000
Average power supply current
ICC4
128MB 2,400
1,920
mA
3, 24
(RAS# = VIL, CAS#, address cycling: tPC = tPC [MIN])
256MB 2,416
1,936
REFRESH CURRENT: RAS#-ONLY
64MB
1,400
1,320
Average power supply current
ICC5
128MB 2,720
2,560
mA
3, 24
(RAS# cycling, CAS# = VIH: tRC = tRC [MIN])
256MB 2,736
2,576
REFRESH CURRENT: CBR
64MB
1,320
1,240
Average power supply current
ICC6
128MB 2,560
2,400
mA
3, 4
(RAS#, CAS#, address cycling: tRC = tRC [MIN])
256MB 2,576
2,416
MAX
CAPACITANCE
PARAMETER
SYMBOL 64MB 128MB 256MB UNITS NOTES
Input Capacitance: A0-A11
CI1
46
86
168
p F
2
Input Capacitance: WE0#, WE2#, OE0#, OE2#
CI2
32
60
118
p F
2
Input Capacitance: RAS0#-RAS3#
CI3
32
60
60
p F
2
Input Capacitance: CAS0#-CAS7#
CI4
10
18
32
p F
2
Input Capacitance: SCL, SA0-SA2
CI5
666
p F
2
Input/Output Capacitance: DQ0-DQ63, SDA
CIO
12
12
22
p F
2
MAX


Similar Part No. - MT8LD864A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT8LDT864 MICRON-MT8LDT864 Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
MT8LDT864HS MICRON-MT8LDT864HS Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
MT8LDT864HX MICRON-MT8LDT864HX Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
MT8LDT864HXS MICRON-MT8LDT864HXS Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
More results

Similar Description - MT8LD864A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
MT8LSDT3264AY MICRON-MT8LSDT3264AY Datasheet
525Kb / 28P
   Synchronous DRAM Module
MT18LSDT12872AG MICRON-MT18LSDT12872AG Datasheet
979Kb / 29P
   Synchronous DRAM Module
MT9LSDT1672AY MICRON-MT9LSDT1672AY Datasheet
677Kb / 26P
   SYNCHRONOUS DRAM MODULE
MT36LSDT12872G MICRON-MT36LSDT12872G Datasheet
1,002Kb / 30P
   Synchronous DRAM Module
MT8LSDT3264A MICRON-MT8LSDT3264A Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
MT36LSDT25672G MICRON-MT36LSDT25672G Datasheet
1,002Kb / 30P
   Synchronous DRAM Module
MT9LSDT872 MICRON-MT9LSDT872 Datasheet
320Kb / 18P
   SYNCHRONOUS DRAM MODULE
MT2LDT432H MICRON-MT2LDT432H Datasheet
399Kb / 25P
   SMALL-OUTLINE DRAM MODULE
MT4LDT464H MICRON-MT4LDT464H Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com