Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT8LDT864HS Datasheet(PDF) 2 Page - Micron Technology

Part # MT8LDT864HS
Description  SMALL-OUTLINE DRAM MODULE
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT8LDT864HS Datasheet(HTML) 2 Page - Micron Technology

  MT8LDT864HS Datasheet HTML 1Page - Micron Technology MT8LDT864HS Datasheet HTML 2Page - Micron Technology MT8LDT864HS Datasheet HTML 3Page - Micron Technology MT8LDT864HS Datasheet HTML 4Page - Micron Technology MT8LDT864HS Datasheet HTML 5Page - Micron Technology MT8LDT864HS Datasheet HTML 6Page - Micron Technology MT8LDT864HS Datasheet HTML 7Page - Micron Technology MT8LDT864HS Datasheet HTML 8Page - Micron Technology MT8LDT864HS Datasheet HTML 9Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
4, 8 Meg x 64 DRAM SODIMMs
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DM83.p65 – Rev. 2/99
©1999, Micron Technology, Inc.
2
4, 8 MEG x 64
DRAM SODIMMs
CAS#. Additional columns may be accessed by provid-
ing valid column addresses, strobing CAS# and hold-
ing RAS# LOW, thus executing faster memory cycles.
Returning RAS# HIGH terminates the FAST-PAGE-
MODE operation.
EDO PAGE MODE
EDO PAGE MODE, designated by the “X” option,
is an accelerated FAST-PAGE-MODE cycle. The pri-
mary advantage of EDO is the availability of data-out
even after CAS# goes back HIGH. EDO provides for
CAS# precharge time (tCP) to occur without the out-
put data going invalid. This elimination of CAS#
output control provides for pipelined READs.
FAST-PAGE-MODE modules have traditionally
turned the output buffers off (High-Z) with the rising
edge of CAS#. EDO operates as any DRAM READ or
FAST-PAGE-MODE READ, except data will be held
valid after CAS# goes HIGH, as long as RAS# and OE#
are held LOW and WE# is held HIGH. (Refer to the 8
Meg x 8 EDO DRAM data sheet for additional infor-
mation on EDO functionality.)
REFRESH
Memory cell data is retained in its correct state by
maintaining power and executing any RAS# cycle
(READ, WRITE) or RAS# refresh cycle (RAS#-ONLY,
CBR or HIDDEN) so that all combinations of RAS#
addresses are executed at least every tREF, regardless of
sequence. The CBR REFRESH cycle will invoke the
internal refresh counter for automatic RAS# address-
ing.
An optional self refresh mode is also available on
the “S” version. The “S” option allows the user the
choice of a fully static, low-power data retention mode
or a dynamic refresh mode at the extended refresh
period of 128ms, or 125µs per row when using distrib-
uted CBR REFESH. The optional self refresh feature is
initiated by performing a CBR REFRESH cycle and
holding RAS# LOW for the specified tRASS.
The self refresh mode is terminated by driving RAS#
HIGH for a minimum time of tRPS. This delay allows
for the completion of any internal refresh cycles that
may be in process at the time of the RAS# LOW-to-
HIGH transition. If the DRAM controller uses a distrib-
uted refresh sequence, a burst refresh is not required
upon exiting self refresh. However, if the DRAM con-
troller utilizes a RAS#-ONLY or burst refresh sequence,
all 1,240 rows must be refreshed within the average
internal refresh rate, prior to the resumption of normal
operation.
PART NUMBERS
FPM Operating Mode
PART NUMBER
CONFIGURATION
REFRESH
MT4LDT464HG-x
4 Meg x 64
Standard
MT4LDT464HG-x S
4 Meg x 64
Self
MT8LDT864HG-x
8 Meg x 64
Standard
MT8LDT864HG-x S
8 Meg x 64
Self
x = speed
EDO Operating Mode
PART NUMBER
CONFIGURATION
REFRESH
MT4LDT464HG-x X
4 Meg x 64
Standard
MT4LDT464HG-x XS
4 Meg x 64
Self
MT8LDT864HG-x X
8 Meg x 64
Standard
MT8LDT864HG-x XS
8 Meg x 64
Self
x = speed
GENERAL DESCRIPTION
The MT4LDT464H (X)(S) and MT8LDT864H (X)(S)
are randomly accessed 32MB and 64MB memories
organized in a small-outline, x64 configuration. They
are specially processed to operate from 3V to 3.6V for
low-voltage memory systems.
During READ or WRITE cycles, each location is
uniquely addressed via the address bits. The row ad-
dress is latched by the RAS# signal, then the column
address is latched by the CAS# signal.
READ and WRITE cycles are selected with the WE#
input. A logic HIGH on WE# dictates read mode, while
a logic LOW on WE# dictates write mode. During a
WRITE cycle, data-in (D) is latched by the falling edge
of WE# or CAS#, whichever occurs last. An EARLY
WRITE occurs when WE# is taken LOW prior to CAS#
falling. A LATE WRITE or READ-MODIFY-WRITE oc-
curs when WE# falls after CAS# is taken LOW. During
EARLY WRITE cycles, the data outputs (Q) will remain
High-Z, regardless of the state of OE#. During LATE
WRITE or READ-MODIFY-WRITE cycles, OE# must be
taken HIGH to disable the data outputs prior to apply-
ing input data. If a LATE WRITE or READ-MODIFY-
WRITE is attempted while keeping OE# LOW, no
WRITE will occur, and the data outputs will drive read
data from the access location.
FAST PAGE MODE
FAST-PAGE-MODE operations allow faster data
operations (READ or WRITE) within a row-address-
defined page boundary. The FAST-PAGE-MODE cycle
is always initiated with a row address strobed in by
RAS#, followed by a column address strobed in by


Similar Part No. - MT8LDT864HS

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT8LD864A MICRON-MT8LD864A Datasheet
518Kb / 27P
   DRAM MODULE
MT8LD864AG-5X MICRON-MT8LD864AG-5X Datasheet
518Kb / 27P
   DRAM MODULE
MT8LD864AG-6X MICRON-MT8LD864AG-6X Datasheet
518Kb / 27P
   DRAM MODULE
More results

Similar Description - MT8LDT864HS

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT2LDT432H MICRON-MT2LDT432H Datasheet
399Kb / 25P
   SMALL-OUTLINE DRAM MODULE
MT8LSDT864 MICRON-MT8LSDT864 Datasheet
1Mb / 27P
   SMALL-OUTLINE SDRAM MODULE
MT16LSDF6464HY-133D2 MICRON-MT16LSDF6464HY-133D2 Datasheet
476Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT4LSDT1664HG MICRON-MT4LSDT1664HG Datasheet
342Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
logo
Amkor Technology
SSOP AMKOR-SSOP Datasheet
433Kb / 2P
   Shrink Small Outline, Quarter-Size Small-Outline Packages
logo
Micron Technology
MT32LD3264A MICRON-MT32LD3264A Datasheet
518Kb / 27P
   DRAM MODULE
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-M456 AVAGO-HCPL-M456 Datasheet
197Kb / 14P
   Small Outline, 5 Lead Intelligent Power Module Optocoupler
logo
Advanced Power Electron...
AP2306AGEN-HF A-POWER-AP2306AGEN-HF_14 Datasheet
101Kb / 4P
   Small Outline Package
AP2318AGEN-HF A-POWER-AP2318AGEN-HF_14 Datasheet
64Kb / 4P
   Small Outline Package
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com