Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT16LD1664A Datasheet(PDF) 11 Page - Micron Technology

Part # MT16LD1664A
Description  DRAM MODULE
Download  27 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT16LD1664A Datasheet(HTML) 11 Page - Micron Technology

Back Button MT16LD1664A Datasheet HTML 7Page - Micron Technology MT16LD1664A Datasheet HTML 8Page - Micron Technology MT16LD1664A Datasheet HTML 9Page - Micron Technology MT16LD1664A Datasheet HTML 10Page - Micron Technology MT16LD1664A Datasheet HTML 11Page - Micron Technology MT16LD1664A Datasheet HTML 12Page - Micron Technology MT16LD1664A Datasheet HTML 13Page - Micron Technology MT16LD1664A Datasheet HTML 14Page - Micron Technology MT16LD1664A Datasheet HTML 15Page - Micron Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 27 page
background image
11
8, 16, 32 Meg x 64 Nonbuffered DRAM DIMMs
Micron Technology, Inc., reserves the right to change products or specifications without notice.
DM78.p65 – Rev. 2/99
©1999, Micron Technology, Inc.
8, 16, 32 MEG x 64
NONBUFFERED DRAM DIMMs
EDO PAGE MODE
AC ELECTRICAL CHARACTERISTICS
(Notes: 5, 6, 7, 8, 9, 12, 29) (VDD = +3.3V ±0.3V)
AC CHARACTERISTICS
-5
-6
PARAMETER
SYMBOL
MIN
MAX
MIN
MAX
UNITS
NOTES
Access time from column address
tAA
25
30
ns
Column-address setup to CAS#
tACH
12
15
ns
precharge during writes
Column-address hold time (referenced to RAS#)
tAR
38
45
ns
Column-address setup time
tASC
0
0
ns
Row-address setup time
tASR
0
0
ns
Column address to WE# delay time
tAWD
42
49
ns
23
Access time from CAS#
tCAC
13
15
ns
14
Column-address hold time
tCAH
8
10
ns
CAS# pulse width
tCAS
8
10,000
10
10,000
ns
CAS# hold time (CBR Refresh)
tCHR
8
10
ns
4
CAS# to output in Low-Z
tCLZ
0
0
ns
Data output hold after CAS# LOW
tCOH
3
3
ns
CAS# precharge time
tCP
8
10
ns
15
Access time from CAS# precharge
tCPA
28
35
ns
CAS# to RAS# precharge time
tCRP
5
5
ns
CAS# hold time
tCSH
38
45
ns
CAS# setup time (CBR Refresh)
tCSR
5
5
ns
4
CAS# to WE# delay time
tCWD
30
35
ns
23
WRITE command to CAS# lead time
tCWL
8
10
ns
Data-in hold time
tDH
8
10
ns
22
Data-in setup time
tDS
0
0
ns
22
Output disable
tOD
0
12
0
15
ns
Output enable
tOE
12
15
ns
OE# hold time from WE# during
tOEH
8
10
ns
READ-MODIFY-WRITE cycle
OE# HIGH hold time from CAS# HIGH
tOEHC
5
10
ns
OE# HIGH pulse width
tOEP
5
5
ns
OE# LOW to CAS# HIGH setup time
tOES
4
5
ns
Output buffer turn-off delay
tOFF
0
12
0
15
ns
19, 27
OE# setup prior to RAS#
tORD
0
0
ns
19
during HIDDEN REFRESH cycle
EDO-PAGE-MODE READ or WRITE cycle time
tPC
20
25
ns
EDO-PAGE-MODE READ-WRITE cycle time
tPRWC
47
56
ns
Access time from RAS#
tRAC
50
60
ns
13
RAS# to column-address delay time
tRAD
9
12
ns
17
Row-address hold time
tRAH
9
10
ns
RAS# pulse width
tRAS
50
10,000
60
10,000
ns
RAS# pulse width (EDO PAGE MODE)
tRASP
50
125,000
60
125,000
ns
Random READ or WRITE cycle time
tRC
84
104
ns
RAS# to CAS# delay time
tRCD
11
14
ns
16
READ command hold time (referenced to CAS#)
tRCH
0
0
ns
18
READ command setup time
tRCS
0
0
ns


Similar Part No. - MT16LD1664A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT16LSDF3264LHG-10E MICRON-MT16LSDF3264LHG-10E Datasheet
476Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT16LSDF3264LHG-133 MICRON-MT16LSDF3264LHG-133 Datasheet
476Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT16LSDF3264LHG-13E MICRON-MT16LSDF3264LHG-13E Datasheet
476Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT16LSDF3264LHY-10E MICRON-MT16LSDF3264LHY-10E Datasheet
476Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
MT16LSDF3264LHY-133 MICRON-MT16LSDF3264LHY-133 Datasheet
476Kb / 22P
   SMALL-OUTLINE SDRAM MODULE
More results

Similar Description - MT16LD1664A

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT12D436 MICRON-MT12D436 Datasheet
310Kb / 17P
   DRAM MODULE
MT8LSDT3264AY MICRON-MT8LSDT3264AY Datasheet
525Kb / 28P
   Synchronous DRAM Module
MT18LSDT12872AG MICRON-MT18LSDT12872AG Datasheet
979Kb / 29P
   Synchronous DRAM Module
MT9LSDT1672AY MICRON-MT9LSDT1672AY Datasheet
677Kb / 26P
   SYNCHRONOUS DRAM MODULE
MT36LSDT12872G MICRON-MT36LSDT12872G Datasheet
1,002Kb / 30P
   Synchronous DRAM Module
MT8LSDT3264A MICRON-MT8LSDT3264A Datasheet
614Kb / 24P
   SYNCHRONOUS DRAM MODULE
MT36LSDT25672G MICRON-MT36LSDT25672G Datasheet
1,002Kb / 30P
   Synchronous DRAM Module
MT9LSDT872 MICRON-MT9LSDT872 Datasheet
320Kb / 18P
   SYNCHRONOUS DRAM MODULE
MT2LDT432H MICRON-MT2LDT432H Datasheet
399Kb / 25P
   SMALL-OUTLINE DRAM MODULE
MT4LDT464H MICRON-MT4LDT464H Datasheet
625Kb / 32P
   SMALL-OUTLINE DRAM MODULE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com