Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MT46H32M16 Datasheet(PDF) 1 Page - Micron Technology

Part # MT46H32M16
Description  Mobile Double Data Rate (DDR) SDRAM
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICRON [Micron Technology]
Direct Link  http://www.micron.com
Logo MICRON - Micron Technology

MT46H32M16 Datasheet(HTML) 1 Page - Micron Technology

  MT46H32M16 Datasheet HTML 1Page - Micron Technology MT46H32M16 Datasheet HTML 2Page - Micron Technology MT46H32M16 Datasheet HTML 3Page - Micron Technology  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
512Mb: 32 Meg x 16, 16 Meg x 32 Mobile DDR SDRAM
Advance
PDF: 09005aef818ff7c5/Source: 09005aef818ff7ae
Micron Technology, Inc., reserves the right to change products or specifications without notice.
MT46H32M16.fm - Rev. A 03/05 EN
1
©2005 Micron Technology, Inc. All rights reserved.
‡Products and specifications discussed herein are for evaluation and reference purposes only and are subject to change by Micron without notice. Products are only warranted by Micron
to meet Micron’s production data sheet specifications.
Mobile Double Data Rate (DDR) SDRAM
MT46H32M16LF – 8 Meg x 16 x 4 Banks
MT46H16M32LF – 4 Meg x 32 x 4 Banks
For a complete data sheet, please refer to www.micron.com/mobileds.
Features
•VDD = +1.8V ±0.1V, VDDQ = +1.8V ±0.1V
• Bidirectional data strobe per byte of data (DQS)
• Internal, pipelined double data rate (DDR)
architecture; two data accesses per clock cycle
• Differential clock inputs (CK and CK#)
• Commands entered on each positive CK edge
• DQS edge-aligned with data for READs; center-
aligned with data for WRITEs
• Four internal banks for concurrent operation
• Data masks (DM) for masking write data–one mask
per byte
• Programmable burst lengths: 2, 4, 8, 16 or full page
• Concurrent auto precharge option is supported
• Auto refresh and self refresh modes
• 1.8V LVCMOS compatible inputs
• On-chip temperature sensor to control refresh rate
• Partial array self refresh (PASR)
• Deep power-down (DPD)
• Selectable output drive (DS)
• Clock stop capability
Notes:1. Only available for x16 configuration.
2. Only available for x32 configuration.
Options
Marking
•VDD/VDDQ
• 1.8V/1.8V
H
• Configuration
• 32 Meg x 16(8 Meg x 16 x 4 banks)
• 16 Meg x 32 (4 Meg x 32 x 4 banks)
32M16
16M32
•Plastic Package
• 60-Ball VFBGA1
• 90-Ball VFBGA 2
TBD
• Timing – Cycle Time
•6ns @ CL = 3
• 7.5ns @ CL = 3
• 10ns @ CL = 3
-6
-75
-10
• Operating Temperature Range
• Commercial (0° to +70°C)
• Industrial (-40°C to +85°C)
None
IT
Figure 1: 60-Ball VFBGA Assignment
Table 1:
Configuration Addressing
Architecture
32 Meg x 16
16 Meg x 32
Configuration
8 Meg x 16 x 4
4 Meg x 32 x 4
Refresh Count
8K
8K
Row Addressing
8K (A0–A12)
8K (A0–A12)
Bank Addressing
4 (BA0, BA1)
4 (BA0, BA1)
Column Addressing
1K (A0–A9)
512 (A0–A8)
1234
6789
5
A
B
C
D
E
F
G
H
J
K
VSSQ
DQ14
DQ12
DQ10
DQ8
NC
CK#
A12
A8
A5
VSS
VDDQ
VSSQ
VDDQ
VSSQ
VSS
CKE
A9
A6
VSS
DQ15
DQ13
DQ11
DQ9
UDQS
UDM
CK
A11
A7
A4
VDDQ
DQ1
DQ3
DQ5
DQ7
A13, NC
WE#
CS#
A10/AP
A2
DQ0
DQ2
DQ4
DQ6
LDQS
LDM
CAS#
BA0
A0
A3
VDD
VSSQ
VDDQ
VSSQ
VDDQ
VDD
RAS#
BA1
A1
VDD


Similar Part No. - MT46H32M16

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46H32M16LF MICRON-MT46H32M16LF Datasheet
3Mb / 96P
   512Mb: x16, x32 Mobile Low-Power DDR SDRAM Features
MT46H32M16LFBF-6ITC MICRON-MT46H32M16LFBF-6ITC Datasheet
3Mb / 96P
   512Mb: x16, x32 Mobile Low-Power DDR SDRAM Features
More results

Similar Description - MT46H32M16

ManufacturerPart #DatasheetDescription
logo
Micron Technology
MT46H16M16 MICRON-MT46H16M16 Datasheet
112Kb / 3P
   Mobile Double Data Rate (DDR) SDRAM
MT46H8M16LF MICRON-MT46H8M16LF Datasheet
115Kb / 3P
   Mobile Double Data Rate (DDR) SDRAM
logo
List of Unclassifed Man...
SAA32M4 ETC1-SAA32M4 Datasheet
256Kb / 13P
   DOUBLE DATA RATE (DDR) SDRAM
logo
Micron Technology
MT46V32M8P-5BK MICRON-MT46V32M8P-5BK Datasheet
4Mb / 91P
   Double Data Rate (DDR) SDRAM
MT46V64M4 MICRON-MT46V64M4 Datasheet
152Kb / 8P
   DOUBLE DATA RATE DDR SDRAM
MT46V4M32 MICRON-MT46V4M32 Datasheet
1Mb / 66P
   DOUBLE DATA RATE DDR SDRAM
logo
Alliance Semiconductor ...
MT46V32M16CV-5B ALSC-MT46V32M16CV-5B Datasheet
1Mb / 93P
   Double Data Rate (DDR) SDRAM
logo
Micron Technology
MT46V64M4 MICRON-MT46V64M4_1 Datasheet
3Mb / 93P
   Double Data Rate (DDR) SDRAM
MT46V32M4-1 MICRON-MT46V32M4-1 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
MT46V128M4 MICRON-MT46V128M4 Datasheet
2Mb / 68P
   DOUBLE DATA RATE DDR SDRAM
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com