Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MU82 Datasheet(PDF) 2 Page - ams AG

Part # MU82
Description  8-input to 1-output digital multiplexer with 2x drive strength
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMSCO [ams AG]
Direct Link  http://www.ams.com
Logo AMSCO - ams AG

MU82 Datasheet(HTML) 2 Page - ams AG

  MU82 Datasheet HTML 1Page - ams AG MU82 Datasheet HTML 2Page - ams AG  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
0.35 µm CMOS
MU82
April 2000
Page 2 of 2
Rev. N/C
AC Characteristics
Rise
Fall
Slope [ns]
0.1
2
0.1
2
Load [pF]
0.03
0.3
0.03
0.3
0.03
0.3
0.03
0.3
Delay I0 => Q
0.85
1.35
1.02
1.51
0.93
1.48
1.06
1.61
Delay I1 => Q
0.86
1.35
1.01
1.52
0.93
1.48
1.06
1.61
Delay I2 => Q
0.88
1.37
1.04
1.53
0.95
1.5
1.08
1.64
Delay I3 => Q
0.87
1.37
1.04
1.53
0.95
1.5
1.09
1.63
Delay I4 => Q
0.87
1.36
1.03
1.53
0.95
1.5
1.08
1.63
Delay I5 => Q
0.87
1.36
1.04
1.53
0.96
1.51
1.08
1.64
Delay I6 => Q
0.89
1.38
1.06
1.55
0.97
1.52
1.1
1.65
Delay I7 => Q
0.88
1.37
1.05
1.55
0.97
1.52
1.1
1.65
Delay S001 => Q
0.82
1.31
1.03
1.52
1.23
1.78
1.54
2.09
Delay S010 => Q
1.18
1.68
1.43
1.93
0.88
1.43
1.08
1.63
Delay S101 => Q
0.8
1.3
1.06
1.56
0.64
1.19
0.85
1.4
Delay S110 => Q
0.57
1.07
0.77
1.27
0.85
1.41
1.08
1.63
Delay S201 => Q
0.33
0.83
0.59
1.09
0.55
1.1
0.75
1.3
Delay S210 => Q
0.46
0.95
0.65
1.14
0.38
0.94
0.6
1.16
Slew I0 => Q
0.35
1.86
0.35
1.86
0.32
1.34
0.32
1.35
Slew I1 => Q
0.34
1.85
0.35
1.86
0.32
1.34
0.31
1.35
Slew I2 => Q
0.35
1.86
0.35
1.86
0.32
1.35
0.32
1.33
Slew I3 => Q
0.34
1.86
0.35
1.85
0.32
1.33
0.32
1.34
Slew I4 => Q
0.35
1.86
0.35
1.86
0.32
1.35
0.33
1.35
Slew I5 => Q
0.35
1.85
0.35
1.86
0.32
1.33
0.32
1.35
Slew I6 => Q
0.36
1.86
0.35
1.85
0.32
1.33
0.32
1.34
Slew I7 => Q
0.35
1.86
0.36
1.85
0.32
1.35
0.32
1.35
Slew S001 => Q
0.35
1.86
0.35
1.86
0.32
1.35
0.32
1.34
Slew S010 => Q
0.35
1.86
0.35
1.86
0.32
1.34
0.32
1.34
Slew S101 => Q
0.35
1.86
0.35
1.86
0.32
1.34
0.32
1.34
Slew S110 => Q
0.35
1.86
0.35
1.85
0.31
1.35
0.33
1.34
Slew S201 => Q
0.34
1.85
0.39
1.87
0.31
1.34
0.31
1.34
Slew S210 => Q
0.34
1.86
0.34
1.85
0.3
1.34
0.36
1.37


Similar Part No. - MU82

ManufacturerPart #DatasheetDescription
logo
Bookham, Inc.
MU8-940-01 BOOKHAM-MU8-940-01 Datasheet
394Kb / 4P
   8W 940nm Uncooled Multimode Laser Diode Module
MU8-940-04 BOOKHAM-MU8-940-04 Datasheet
394Kb / 4P
   8W 940nm Uncooled Multimode Laser Diode Module
More results

Similar Description - MU82

ManufacturerPart #DatasheetDescription
logo
ams AG
MU42 AMSCO-MU42 Datasheet
15Kb / 2P
   4-input to 1-output digital multiplexer with 2x drive strength
logo
List of Unclassifed Man...
NA82 ETC1-NA82 Datasheet
13Kb / 2P
   NA82 is an 8-input NAND gate with 2x drive strength.
logo
ams AG
OR22 AMSCO-OR22 Datasheet
8Kb / 1P
   2-input OR gate with 2x drive strength
AND52 AMSCO-AND52 Datasheet
12Kb / 1P
   5-input AND gate with 2x drive strength.
INA22 AMSCO-INA22 Datasheet
10Kb / 1P
   2-input NAND gate with one inverted input 2x drive strength
NA72 AMSCO-NA72 Datasheet
13Kb / 2P
   NA72 is a 7-input NAND gate with 2x drive strength
OR62 AMSCO-OR62 Datasheet
13Kb / 2P
   OR62 is a 6-input OR gate with 2x drive strength
logo
AVG Semiconductors(HITE...
DV74ACT251 AVG-DV74ACT251 Datasheet
310Kb / 4P
   8 Input Multiplexer with 3-State Outputs, 8 Input Digital Multiplexer
logo
ams AG
EO12 AMSCO-EO12 Datasheet
9Kb / 1P
   EO12 is a 2-input EXCLUSIVE-OR (XOR) gate with 2x drive strength
logo
NXP Semiconductors
HEF4512B PHILIPS-HEF4512B Datasheet
68Kb / 7P
   8-input multiplexer with 3-state output
January 1995
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com