Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTL6420U.001.S Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # MTL6420U.001.S
Description  SINGLE CHANNEL OPTOCOUPLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTL6420U.001.S Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  MTL6420U.001.S Datasheet HTML 1Page - List of Unclassifed Manufacturers MTL6420U.001.S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MINCO TECNHOLOGY LABS, INC.
♦ 1805 Rutherford Lane, Austin, TX 78754 ♦
♦ TEL: 512.834.2022 ♦
♦ FAX: 512.837.6285
MTL6400U
SINGLE CHANNEL OPTOCOUPLER
(Electrically similar to 6N140)
Features:
High Reliability
High Current Ration: 300% Typical
Rugged surface mount package
Low Input current requirement: 0.5mA
+1.5kV electrical isolation
Applications:
Military and Space
Level shifting
Line receiver
Switching power supplies
Communication Systems
DESCRIPTION
The MTL6400U contains a gallium aluminum arsenide LED optically coupled to a silicon photodarlington detector. The
optocoupler is built in a 6-pin leadless chip carrier. This optocoupler is capable of transmitting signals between two galvanic
sources. The potential difference between transmitter and receiver should not go over the maximum isolation voltage. Also
available screened to MIL-STD-883.
ABSOLUTE MAXIMUM RATINGS
Input Diode
Peak Forward Input Current (Value applies for tw
< 1ms, 500 pps) ..............................................................................................................20mA
Average Input Current, IF (Note 1)……………………………………………...….…………………………………………..10mA
Reverse Input Voltage, VR………………………………………………………………………………………………………….5V
Output Photodetector
Output Current, IO…………………………………………………………………………………………………………….….40mA
Output Voltage, VO……………………………………………………………………………………………..………..-0.5V to 18V
Supply Voltage, VCC……………………………………………………………………………………….…………….-0.5V to 20V
Output Power Dissipation (Note 2)…………………………………………………………………………………...……….75mW
Storage Temperature.................................................................................................................................................................................. -65°C to +150°C
Operating Free-Air Temperature Range.................................................................................................................................................-55°C to +125°C
Lead Solder Temperature (vapor phase reflow for 30 sec.) ............................................................................................................................215°C
Notes:
1.
Derate IF at 0.66mA/
°C above 110°C
2.
Output power is collector output power plus one half of the total supply power. Derate at 5mW/
°C above 110°C.
RECOMMENDED OPERATING CONDITIONS:
PARAMETER
SYMBOL
MIN
MAX
UNITS
Input Current, Low Level
IFL
01
µA
Input Current, High Level
IFH
0.5
5
mA
Supply Voltage
VCE
518
V
Operating Temperature
TA
-55
125
°C
SELECTION GUIDE
PART NUMBER
PART DESCRIPTION
MTL64X0U.001.X
Single Channel optocoupler, commercial (0° to+70°C operating temperature range)
MTL64XOU.002.X
Single Channel optocoupler, commercial (-40° to +85°C operating temperature range)
MTL64X0U.003.X
Single Channel optocoupler, commercial (-55° to +125 operating temperature range)
MTL64X0U.004.X
Single Channel optocoupler, w/100% device screening -55° to +125
°Coperating temperature range)
NOTE: Replace first X with 0 or 2 to indicate type of part required.
X at end of part number represents lead finish. Replace with A for gold or S for solder.


Similar Part No. - MTL6420U.001.S

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MTL MSYSTEM-MTL Datasheet
99Kb / 2P
   Plug-in Signal Conditioners M-UNIT
MTL-0 MSYSTEM-MTL-0 Datasheet
99Kb / 2P
   Plug-in Signal Conditioners M-UNIT
MTL-0/Q MSYSTEM-MTL-0/Q Datasheet
99Kb / 2P
   Plug-in Signal Conditioners M-UNIT
MTL-2 MSYSTEM-MTL-2 Datasheet
99Kb / 2P
   Plug-in Signal Conditioners M-UNIT
MTL-2/Q MSYSTEM-MTL-2/Q Datasheet
99Kb / 2P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - MTL6420U.001.S

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66356 MICROPAC-66356 Datasheet
71Kb / 5P
   SINGLE CHANNEL HIGH VOLTAGE OPTOCOUPLER
logo
Fairchild Semiconductor
FOD0708_0604 FAIRCHILD-FOD0708_0604 Datasheet
540Kb / 11P
   Single/Dual Channel CMOS Optocoupler
logo
Micropac Industries
66353 MICROPAC-66353 Datasheet
72Kb / 5P
   SINGLE CHANNEL HIGH VOLTAGE OPTOCOUPLER
logo
Vishay Siliconix
TCET1200 VISHAY-TCET1200 Datasheet
273Kb / 10P
   Optocoupler, Phototransistor Output (Single, Dual Channel)
Rev. 1.5, 26-Oct-04
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
logo
Vishay Siliconix
IL74 VISHAY-IL74 Datasheet
191Kb / 9P
   Optocoupler, Phototransistor Output(Single, Dual, Quad Channel)
Rev. 1.6, 09-Jan-08
IL30 VISHAY-IL30_V02 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2023
logo
Siemens Semiconductor G...
CNY17FG SIEMENS-CNY17FG Datasheet
182Kb / 4P
   single channel phototransistor optocoupler no base connection
logo
Micropac Industries
66158 MICROPAC-66158 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLER DIRECT REPLACEMENT FOR 3C92C
logo
ON Semiconductor
FODM217A ONSEMI-FODM217A Datasheet
831Kb / 12P
   Single Channel, DC Sensing Input, Phototransistor Optocoupler
January 2017 - Rev. P0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com