Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MTL642OU.002.S Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MTL642OU.002.S
Description  SINGLE CHANNEL OPTOCOUPLER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MTL642OU.002.S Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MTL642OU.002.S Datasheet HTML 1Page - List of Unclassifed Manufacturers MTL642OU.002.S Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MINCO TECNHOLOGY LABS, INC.
♦ 1805 Rutherford Lane, Austin, TX 78754 ♦
♦ TEL: 512.834.2022 ♦
♦ FAX: 512.837.6285
MTL6400U
SINGLE CHANNEL OPTOCOUPLER (Electrically similar to 6N140)
ELECTRICAL CHARACTERISTICS
INPUT DIODE
TA= 25
°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Input Reverse Breakdown Voltage
BVR
5V
IR = 10
µA
Input Diode Static Forward Voltage
VF
1.8
V
IF = 1.6mA
Input Diode Static Forward Voltage
-55
°CVF
1.5
1.8
V
IF = 1.6mA
Input Diode Static Forward Voltage
+100
°CVF
1.2
1.8
V
IF = 1.6mA
COUPLED CHARACTERISTICS
TA= 25
°C unless otherwise specified.
PARAMETER
SYMBOL
MIN
TYP
MAX
UNITS
TEST CONDITIONS
Current Transfer Ration
CTR
300
1500
%
IF = 0.5mA, VO = 0.4V, VCC = 4.5V
300
1000
%
IF = 1.6mA, VO = 0.4V, VCC = 4.5V
200
500
%
IF = 5.0mA, VO = 0.4V, VCC = 4.5V
Logic Low Output Voltage
VOL
0.1
0.4
V
IF = 0.5mA, IOL = 1.5mA, VCC = 4.5V
Logic Low Output Voltage
VOL
0.2
0.4
V
IF = 0.5mA, IOL = 10mA, VCC = 4.5V
Logic High Output Current
IOH
0.01
250
µA
VO = VCC = 18V
Logic Low Supply Current
ICCL
0.4
1.0
mA
IF = 1.6mA, VCC = 18V
Logic High Supply Current
ICCH
0.01
10
µA
IF = 0mA, VCC = 18V
Input-Output Insulation Leakage Current
II-O
1.0
µA
45% Relative Humidity, TA= 25
°C
t = 5 sec, VI-O = 1500Vdc
Resistance (Input-Output)
RI-O
10
12
VIN-OUT = 500V
Input to Output Capacitance
CIO
1.5
pF
f = 1MHz, TA = 25
°C
Propagation Delay Time to High Output Level
tPLH
6.0
60
µs
VCC = 5V, IF = 0.5mA, RL = 4.7k
4.0
20
µs
VCC = 5V, IF = 5mA, RL = 680
Propagation Delay Time to Low Output Level
tPHL
30
100
µs
VCC = 5V, IF = 0.5mA, RL = 4.7k
2.0
5.0
µs
VCC = 5V, IF = 5mA, RL = 680
Common Mode Transient Immunity
At High Output Level
CMH
500
1000
V/
µsVCM = 50VP-P, VCC = 5.0V
RL = 1.5K
Ω, IF = 0mA
Common Mode Transient Immunity
At Low Output Level
CML
500
1000
V/
µsVCM = 50VP-P, VCC = 5.0V
RL = 1.5K
Ω, IF = 1.69mA
Package Dimensions
Schematic Diagram


Similar Part No. - MTL642OU.002.S

ManufacturerPart #DatasheetDescription
logo
M-System Co.,Ltd.
MTL MSYSTEM-MTL Datasheet
99Kb / 2P
   Plug-in Signal Conditioners M-UNIT
MTL-0 MSYSTEM-MTL-0 Datasheet
99Kb / 2P
   Plug-in Signal Conditioners M-UNIT
MTL-0/Q MSYSTEM-MTL-0/Q Datasheet
99Kb / 2P
   Plug-in Signal Conditioners M-UNIT
MTL-2 MSYSTEM-MTL-2 Datasheet
99Kb / 2P
   Plug-in Signal Conditioners M-UNIT
MTL-2/Q MSYSTEM-MTL-2/Q Datasheet
99Kb / 2P
   Plug-in Signal Conditioners M-UNIT
More results

Similar Description - MTL642OU.002.S

ManufacturerPart #DatasheetDescription
logo
Micropac Industries
66356 MICROPAC-66356 Datasheet
71Kb / 5P
   SINGLE CHANNEL HIGH VOLTAGE OPTOCOUPLER
logo
Fairchild Semiconductor
FOD0708_0604 FAIRCHILD-FOD0708_0604 Datasheet
540Kb / 11P
   Single/Dual Channel CMOS Optocoupler
logo
Micropac Industries
66353 MICROPAC-66353 Datasheet
72Kb / 5P
   SINGLE CHANNEL HIGH VOLTAGE OPTOCOUPLER
logo
Vishay Siliconix
TCET1200 VISHAY-TCET1200 Datasheet
273Kb / 10P
   Optocoupler, Phototransistor Output (Single, Dual Channel)
Rev. 1.5, 26-Oct-04
logo
Micropac Industries
66179 MICROPAC-66179 Datasheet
49Kb / 2P
   GULL WING HERMETICALLY SEALED, SINGLE CHANNEL OPTOCOUPLER
logo
Vishay Siliconix
IL74 VISHAY-IL74 Datasheet
191Kb / 9P
   Optocoupler, Phototransistor Output(Single, Dual, Quad Channel)
Rev. 1.6, 09-Jan-08
IL30 VISHAY-IL30_V02 Datasheet
259Kb / 11P
   Optocoupler, Photodarlington Output, (Single, Dual, Quad Channel)
01-Jan-2023
logo
Siemens Semiconductor G...
CNY17FG SIEMENS-CNY17FG Datasheet
182Kb / 4P
   single channel phototransistor optocoupler no base connection
logo
Micropac Industries
66158 MICROPAC-66158 Datasheet
85Kb / 2P
   SINGLE CHANNEL OPTOCOUPLER DIRECT REPLACEMENT FOR 3C92C
logo
ON Semiconductor
FODM217A ONSEMI-FODM217A Datasheet
831Kb / 12P
   Single Channel, DC Sensing Input, Phototransistor Optocoupler
January 2017 - Rev. P0
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com