Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NBB-502 Datasheet(PDF) 5 Page - RF Micro Devices

Part # NBB-502
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NBB-502 Datasheet(HTML) 5 Page - RF Micro Devices

  NBB-502 Datasheet HTML 1Page - RF Micro Devices NBB-502 Datasheet HTML 2Page - RF Micro Devices NBB-502 Datasheet HTML 3Page - RF Micro Devices NBB-502 Datasheet HTML 4Page - RF Micro Devices NBB-502 Datasheet HTML 5Page - RF Micro Devices NBB-502 Datasheet HTML 6Page - RF Micro Devices NBB-502 Datasheet HTML 7Page - RF Micro Devices NBB-502 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 5 / 8 page
background image
4-61
NBB-502
Rev A4 050414
Extended Frequency InGaP Amplifier Designer’s Tool Kit
NBB-X-K1
This tool kit was created to assist in the design-in of the RFMD NBB- and NLB-series InGap HBT gain block amplifiers.
Each tool kit contains the following.
• 5 each NBB-300, NBB-310 and NBB-400 Ceramic Micro-X Amplifiers
• 5 each NLB-300, NLB-310 and NLB-400 Plastic Micro-X Amplifiers
• 2 Broadband Evaluation Boards and High Frequency SMA Connectors
• Broadband Bias Instructions and Specification Summary Index for ease of operation


Similar Part No. - NBB-502

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-502 RFMD-NBB-502 Datasheet
186Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-502 RFMD-NBB-502 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
NBB-502 RFMD-NBB-502 Datasheet
117Kb / 2P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-502 RFMD-NBB-502 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 4GHz
NBB-502-E RFMD-NBB-502-E Datasheet
186Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
More results

Similar Description - NBB-502

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NBB-500 RFMD-NBB-500_07 Datasheet
283Kb / 12P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-502 RFMD-NBB-502_1 Datasheet
117Kb / 2P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-500 RFMD-NBB-500 Datasheet
217Kb / 10P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-502 RFMD-NBB-502_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 4GHz
NBB-502 RFMD-NBB-502_06 Datasheet
186Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 4GHz
NBB-500 RFMD-NBB-500_13 Datasheet
570Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 4GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com