Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NCV33163DWR2 Datasheet(PDF) 6 Page - ON Semiconductor

Part # NCV33163DWR2
Description  2.5 A, Step-Up/Down/ Inverting Switching Regulators
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ONSEMI [ON Semiconductor]
Direct Link  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

NCV33163DWR2 Datasheet(HTML) 6 Page - ON Semiconductor

Back Button NCV33163DWR2 Datasheet HTML 2Page - ON Semiconductor NCV33163DWR2 Datasheet HTML 3Page - ON Semiconductor NCV33163DWR2 Datasheet HTML 4Page - ON Semiconductor NCV33163DWR2 Datasheet HTML 5Page - ON Semiconductor NCV33163DWR2 Datasheet HTML 6Page - ON Semiconductor NCV33163DWR2 Datasheet HTML 7Page - ON Semiconductor NCV33163DWR2 Datasheet HTML 8Page - ON Semiconductor NCV33163DWR2 Datasheet HTML 9Page - ON Semiconductor NCV33163DWR2 Datasheet HTML 10Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 16 page
background image
NCV33163
http://onsemi.com
6
Figure 14. Standby Supply Current
versus Supply Voltage
Figure 15. Standby Supply Current
versus Temperature
8.0
6.0
4.0
2.0
0
0
10203040
VCC, SUPPLY VOLTAGE (V)
Pins 7, 8, 16 = VCC
Pins 4, 6, 14 = Gnd
Remaining Pins Open
TA = 25°C
7.2
6.4
5.6
4.8
−55
−25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
4.0
VCC = 15 V
Pins 7, 8, 16 = VCC
Pins 4, 6, 14 = Gnd
Remaining Pins Open
0
0
Figure 16. Minimum Operating Supply
Voltage versus Temperature
3.0
2.6
2.2
1.8
1.4
1.0
−55
−25
0
25
50
75
100
125
TA, AMBIENT TEMPERATURE (°C)
Pin 16 Open
CT = 620 pF
Pins 7,8 = VCC
Pins 4, 14 = Gnd
Pin 9 = 1.0 k
W to 15 V
Pin 10 = 100
W to 15 V
Figure 17. P Suffix (DIP-16) Thermal Resistance
and Maximum Power Dissipation
versus P.C.B. Copper Length
Graphs represent symmetrical layout
3.0 mm
Printed circuit board heatsink example
L
L
100
80
60
40
20
10
20
30
40
50
L, LENGTH OF COPPER (mm)
5.0
4.0
3.0
2.0
1.0
0
PD(max) for TA = 70°C
2.0 oz
Copper
Pin 16 = VCC
RqJA
Figure 18. DW Suffix (SOP-16L) Thermal Resistance and
Maximum Power Dissipation versus P.C.B. Copper Length
30
40
50
60
70
80
90
0
0.4
0.8
1.2
1.6
2.0
2.4
020
30
50
40
10
L, LENGTH OF COPPER (mm)
100
2.8
PD(max) for TA = 50°C
RqJA
2.0 oz.
Copper
Graph represents symmetrical layout
3.0 mm
L
L


Similar Part No. - NCV33163DWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV33163DWR2 ONSEMI-NCV33163DWR2 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
NCV33163DWR2G ONSEMI-NCV33163DWR2G Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
More results

Similar Description - NCV33163DWR2

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCV33163 ONSEMI-NCV33163_05 Datasheet
202Kb / 15P
   2.5 A, Step?뭊p/Down/Inverting Switching Regulators
November, 2005 ??Rev. 2
MC34063LINVEVB ONSEMI-MC34063LINVEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34163 ONSEMI-MC34163_08 Datasheet
262Kb / 16P
   3.4 A, Step-Up/Down/ Inverting Switching Regulators
August, 2008 ??Rev. 6
MC33063A ONSEMI-MC33063A Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063A ONSEMI-MC34063A_16 Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/Inverting Switching Regulators
December, 2016 ??Rev. 24
MC34063LBBEVB ONSEMI-MC34063LBBEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
MC34063LBKEVB ONSEMI-MC34063LBKEVB Datasheet
1Mb / 15P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
August, 2010 ??Rev. 23
logo
Guangdong Kexin Industr...
MC34063 KEXIN-MC34063 Datasheet
54Kb / 2P
   1.2 A, Step-Up/Down/Inverting Switching Regulators
logo
ON Semiconductor
NCP3063MNTXG ONSEMI-NCP3063MNTXG Datasheet
364Kb / 19P
   1.5 A, Step-Up/Down/ Inverting Switching Regulators
November, 2009 ??Rev. 9
logo
Unisonic Technologies
MC33167 UTC-MC33167 Datasheet
220Kb / 8P
   5.0A, STEP-UP/DOWN/ INVERTING SWITCHING REGULATORS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com