Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NKM2401 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # NKM2401
Description  Code/decoder chip
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NKM2401 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button NKM2401 Datasheet HTML 4Page - List of Unclassifed Manufacturers NKM2401 Datasheet HTML 5Page - List of Unclassifed Manufacturers NKM2401 Datasheet HTML 6Page - List of Unclassifed Manufacturers NKM2401 Datasheet HTML 7Page - List of Unclassifed Manufacturers NKM2401 Datasheet HTML 8Page - List of Unclassifed Manufacturers NKM2401 Datasheet HTML 9Page - List of Unclassifed Manufacturers NKM2401 Datasheet HTML 10Page - List of Unclassifed Manufacturers NKM2401 Datasheet HTML 11Page - List of Unclassifed Manufacturers NKM2401 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 15 page
background image
Data Sheet and Application Notes NKM2401 Code/decoder chip
Part number 1-982
NKM2401 Issue 1.1 Nov-98
©
© Milford Instruments/nikam electronics www.milinst.demon.co.uk
Page 8 of 15
Receive Mode Operation
In receive mode the NKM2401 is continually listening for messages and searching the digital ‘white
noise’ on the receiver data output for the preamble followed by the unique synchronising character. If
it finds this character it “locks on” to the signal, decodes it and stores the data in a local buffer. The
CRC is calculated on the received data and if correct the ‘Data Ready Output’ line is set low.
Handshake Methods
One Wire Interface. (Beginners) This is the simplest method. The ‘Send Data’ line is permanently wired
high. Whenever the buffer is full (signalled by the ‘Data Ready’ line going low) it is immediately sent out
on the ‘Serial Data’ line. The host must therefore always be “ready and waiting” for this data.
Three Wire Interface. This full handshaking method allows complete flow control by the host at the
expense of using two extra I/O lines. The host monitors the ‘Data Ready’ line (by polling or interrupt)
until the NKM2401 signals that it has data in its buffer by setting the ‘Data Ready’ line low. When the
host is ready to receive data, it must set the ‘Send Data’ line high. After a 1mS delay (to allow settling)
the serial data is sent. After each character is sent there is a further 1mS delay and the ‘Send Data’
line is tested again. If it is still high another character is sent, if it is low no more characters are sent.
This allows the host to unload the buffer a character at a time, process the data (at its own pace) and
then collect another character. The ‘Data Ready’ line will only go high again when the buffer is empty.
The only disadvantage to this method is that the NKM2401 cannot receive any more new messages until
the buffer is empty.
Two Wire Interface. (Advanced) This is a refinement of the above method and saves one I/O line by
using a configurable bi-directional port in the host.. The ‘Data Ready’ output is connected to the ‘Send
Data’ input by a 10k resistor. The host I/O line is initially set up as an input and it is normally pulled up
to Vcc (+5V) via the 10k resistor from the ‘Data Ready’ line. When the buffer is full the ‘Data Ready’
line goes low as above. The host should detect this state, configure the I/O line as an output and set it
high when it is ready to receive the serial data. The series resistor allows the ‘Send Data’ input to be
set high overriding the ‘Data Ready’ low output. When the serial data has been sent (buffer empty) the
‘Data Ready’ line returns high awaiting the next packet.
Status
Data Ready Output
Serial Data Output
Send Data Input
No data available
High
Low
Set Low
Data ready
o
Goes Low
Low
Low
Send data
Low
Low
r
Pull High
Sending data
Low
Serial Data
r
Keep High
Done
r
Goes High
Low
Set Low
Notes
1. The Data Ready line can drive an optional LED which indicates when the buffer has valid data
available. This is a useful diagnostic tool.
2. The Send Data input is tested after the transmission of each character and therefore must be held
high for the total duration of transmission (Eight characters)
3. The error checking (CRC) ensures (with 99.9% certainty) that any message received and flagged by
Data Ready will be error free. However if the CRC fails for any reason the message is lost forever.
In simplex (one way only) systems such as these it may therefore be prudent to send the message
multiple times.


Similar Description - NKM2401

ManufacturerPart #DatasheetDescription
logo
Microchip Technology
HCS512 MICROCHIP-HCS512_02 Datasheet
317Kb / 26P
   KEELOQ짰 Code Hopping Decoder
2002
HCS515-I MICROCHIP-HCS515-I Datasheet
313Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS500 MICROCHIP-HCS500_15 Datasheet
529Kb / 42P
   KEELOQ짰 Code Hopping Decoder
01/27/15
HCS512 MICROCHIP-HCS512 Datasheet
224Kb / 20P
   KEELOQ CODE HOPPING DECODER
1997
HCS515 MICROCHIP-HCS515 Datasheet
324Kb / 32P
   KEELOQ Code Hopping Decoder
01/18/02
HCS500-I MICROCHIP-HCS500-I Datasheet
403Kb / 34P
   KEELOQ Code Hopping Decoder
01/18/02
HCS515 MICROCHIP-HCS515 Datasheet
332Kb / 28P
   KEELOQ CODE HOPPING DECODER
2002
HCS515 MICROCHIP-HCS515_11 Datasheet
820Kb / 38P
   KEELOQ짰 Code Hopping Decoder stand-alone decoder
2011
logo
List of Unclassifed Man...
AHA4524 ETC1-AHA4524 Datasheet
100Kb / 4P
   TURBO PRODUCT CODE ENCODER/DECODER
logo
Hitachi Semiconductor
HD153009 HITACHI-HD153009 Datasheet
446Kb / 15P
   2-7 Code Encoder/Decoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com