Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MSS7341-104MXB Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # MSS7341-104MXB
Description  SMT Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

MSS7341-104MXB Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  MSS7341-104MXB Datasheet HTML 1Page - List of Unclassifed Manufacturers MSS7341-104MXB Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
SMT Power Inductors – MSS7341 Series
Document 383-2
Specifications subject to change without notice.
Document 383-2
Revised 09/08/04
Typical L vs Current
Typical L vs Frequency
max
Recommended
Land Pattern
max
XXX
0.287
7,3
0.161
4,1
typ
0.260
6,6
typ
0.260
6,6
typ
0.083
2,1
0.083
2,1
max
0.287
7,3
0.280
7,1
0.280
7,1
Dimensions
1.0
10
100
1000
0.01
0.1
10.0
1.0
Frequency (MHz)
3.3 µH
10 µH
33 µH
100 µH
1.0
10
100
1000
0.01
0.1
10.0
1.0
Current (A)
3.3 µH
10 µH
33 µH
100 µH
50
40
30
20
0
10
Current (A rms)
1.0
0
3.0
4.0
2.0
5.0
6.0
Temperature Rise vs Current
Tape and reel:
1200/13
″ reel 16 mm tape width
For packaging data see Tape and Reel Specifications section.


Similar Part No. - MSS7341-104MXB

ManufacturerPart #DatasheetDescription
logo
Coilcraft lnc.
MSS7341-104ML COILCRAFT-MSS7341-104ML Datasheet
204Kb / 2P
   SMT Power Inductors
MSS7341-104MLB COILCRAFT-MSS7341-104MLB Datasheet
170Kb / 2P
   Shielded Power Inductors MSS7341
MSS7341-104MLD COILCRAFT-MSS7341-104MLD Datasheet
170Kb / 2P
   Shielded Power Inductors MSS7341
More results

Similar Description - MSS7341-104MXB

ManufacturerPart #DatasheetDescription
logo
Filtran LTD
8401-XXX FILTRAN-8401-XXX Datasheet
21Kb / 1P
   Inductors SMT Power Inductors
logo
EPCOS
B82479 EPCOS-B82479 Datasheet
1Mb / 4P
   SMT Power Inductors
B82477G2 EPCOS-B82477G2 Datasheet
160Kb / 7P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PF0560.252NLT PULSE-PF0560.252NLT Datasheet
234Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82477G4105M EPCOS-B82477G4105M Datasheet
566Kb / 8P
   SMT power inductors
B82462G4152M EPCOS-B82462G4152M Datasheet
542Kb / 8P
   SMT power inductors
logo
Pulse A Technitrol Comp...
PE-53680NLT PULSE-PE-53680NLT Datasheet
181Kb / 2P
   SMT POWER INDUCTORS
logo
EPCOS
B82462G4472M EPCOS-B82462G4472M Datasheet
542Kb / 8P
   SMT power inductors
B82479G1103M EPCOS-B82479G1103M Datasheet
521Kb / 7P
   SMT power inductors
B82477G2104M EPCOS-B82477G2104M Datasheet
541Kb / 7P
   SMT power inductors
B82472P6473M EPCOS-B82472P6473M Datasheet
546Kb / 7P
   SMT power inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com