Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NLB-310-T1 Datasheet(PDF) 7 Page - RF Micro Devices

Part # NLB-310-T1
Description  CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RFMD [RF Micro Devices]
Direct Link  http://www.rfmd.com
Logo RFMD - RF Micro Devices

NLB-310-T1 Datasheet(HTML) 7 Page - RF Micro Devices

  NLB-310-T1 Datasheet HTML 1Page - RF Micro Devices NLB-310-T1 Datasheet HTML 2Page - RF Micro Devices NLB-310-T1 Datasheet HTML 3Page - RF Micro Devices NLB-310-T1 Datasheet HTML 4Page - RF Micro Devices NLB-310-T1 Datasheet HTML 5Page - RF Micro Devices NLB-310-T1 Datasheet HTML 6Page - RF Micro Devices NLB-310-T1 Datasheet HTML 7Page - RF Micro Devices NLB-310-T1 Datasheet HTML 8Page - RF Micro Devices  
Zoom Inzoom in Zoom Outzoom out
 7 / 8 page
background image
4-145
NLB-310
Rev A6 040409
Noise Figure versus Frequency at +25°C
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
Frequency (GHz)
Output P1dB versus Frequency Across Temperature
0.0
2.0
4.0
6.0
8.0
10.0
12.0
14.0
16.0
0.0
2.0
4.0
6.0
8.0
10.0
12.0
Frequency (GHz)
25°C
40°C
85°C
S11 versus Frequency, Over Temperature
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
Frequency (GHz)
S11, +25°C
S11, -40°C
S11, +85°C
S21 versus Frequency, Over Temperature
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
13.0
14.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
Frequency (GHz)
S21, +25°C
S21, -40°C
S21, +85°C
S12 versus Frequency, Over Temperature
-20.0
-18.0
-16.0
-14.0
-12.0
-10.0
-8.0
-6.0
-4.0
-2.0
0.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
Frequency (GHz)
S12, +25°C
S12, -40°C
S12, +85°C
S22 versus Frequency, Over Temperature
-40.0
-35.0
-30.0
-25.0
-20.0
-15.0
-10.0
-5.0
0.0
0.0
1.0
2.0
3.0
4.0
5.0
6.0
7.0
8.0
9.0
10.0
11.0
12.0
Frequency (GHz)
S22, +25°C
S22, -40°C
S22, +85°C


Similar Part No. - NLB-310-T1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-310-T1 RFMD-NLB-310-T1 Datasheet
178Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310-T1 RFMD-NLB-310-T1 Datasheet
262Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310-T1 RFMD-NLB-310-T1 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
More results

Similar Description - NLB-310-T1

ManufacturerPart #DatasheetDescription
logo
RF Micro Devices
NLB-310 RFMD-NLB-310_06 Datasheet
178Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310_13 Datasheet
1Mb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
NLB-300 RFMD-NLB-300_07 Datasheet
266Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-300 RFMD-NLB-300 Datasheet
204Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-310 RFMD-NLB-310_1 Datasheet
262Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 10GHz
NLB-300 RFMD-NLB-300_13 Datasheet
1,017Kb / 9P
   Cascadable Broadband GaAs MMIC Amplifier DC to 10GHz
NBB-312 RFMD-NBB-312_1 Datasheet
310Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
logo
Qorvo, Inc
NBB-300 QORVO-NBB-300 Datasheet
567Kb / 11P
   Cascadable Broadband GaAs MMIC Amplifier DC to 12GHz
logo
RF Micro Devices
NBB-302 RFMD-NBB-302 Datasheet
216Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
NBB-312 RFMD-NBB-312 Datasheet
210Kb / 8P
   CASCADABLE BROADBAND GaAs MMIC AMPLIFIER DC TO 12GHz
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com