Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSHU590B Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # NSHU590B
Description  SPECIFICATIONS FOR NICHIA UV LED
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NSHU590B Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button NSHU590B Datasheet HTML 5Page - List of Unclassifed Manufacturers NSHU590B Datasheet HTML 6Page - List of Unclassifed Manufacturers NSHU590B Datasheet HTML 7Page - List of Unclassifed Manufacturers NSHU590B Datasheet HTML 8Page - List of Unclassifed Manufacturers NSHU590B Datasheet HTML 9Page - List of Unclassifed Manufacturers NSHU590B Datasheet HTML 10Page - List of Unclassifed Manufacturers NSHU590B Datasheet HTML 11Page - List of Unclassifed Manufacturers NSHU590B Datasheet HTML 12Page - List of Unclassifed Manufacturers NSHU590B Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
Forward Current IFP (mA)
! Ambient Temperature vs.
Peak Wavelength
! Forward Current vs.
Peak Wavelength
Ambient Temperature Ta (°C)
! Spectrum
! Directivity
Wavelength
λ (nm)
Radiation Angle
1
5
20
50 100
10
371
367
361
369
365
363
Ta=25°C
300 350 400 450
550 600
500
1.2
1.0
0.8
0.4
0.2
0
0.6
020
60 80 100
40
-40 -20
371
367
361
369
365
363
IFP=20mA
1.0
0.5
0
30°
0.5
90°
60°
1.0
10° 20°
30°
40°
50°
60°
70°
80°
90°
Ta=25°C
IF=20mA
Ta=25°C
IFP=20mA
Model
NSHU590B
NICHIA CORPORATION Title
No.
040319424771
CHARACTERISTICS


Similar Part No. - NSHU590B

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSHU590B NICHIA-NSHU590B Datasheet
237Kb / 14P
   UV LED
More results

Similar Description - NSHU590B

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSHU590A ETC1-NSHU590A Datasheet
324Kb / 14P
   SPECIFICATIONS FOR NICHIA UV LED
logo
NICHIA CORPORATION
NSHU551B NICHIA-NSHU551B Datasheet
555Kb / 12P
   SPECIFICATIONS FOR NICHIA UV LED
NSSU100D NICHIA-NSSU100D Datasheet
665Kb / 14P
   SPECIFICATIONS FOR NICHIA CHIP TYPE UV LED
logo
List of Unclassifed Man...
NSPR546CS ETC-NSPR546CS Datasheet
473Kb / 15P
   SPECIFICATIONS FOR NICHIA RED LED
NSPR510AS ETC1-NSPR510AS Datasheet
190Kb / 15P
   SPECIFICATIONS FOR NICHIA RED LED
NSPWF50BS ETC-NSPWF50BS Datasheet
371Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
AAEON Technology
NSPG310B AAEON-NSPG310B Datasheet
486Kb / 14P
   SPECIFICATIONS FOR NICHIA GREEN LED
logo
NICHIA CORPORATION
NSPWR70CSS-K1 NICHIA-NSPWR70CSS-K1 Datasheet
587Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
NSPWF50DS NICHIA-NSPWF50DS Datasheet
196Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
logo
List of Unclassifed Man...
NSPW510BS ETC-NSPW510BS Datasheet
434Kb / 15P
   SPECIFICATIONS FOR NICHIA WHITE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com