Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSPB510S Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # NSPB510S
Description  SPECIFICATION FOR NICHIA BLUE LED
Download  15 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

NSPB510S Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button NSPB510S Datasheet HTML 6Page - List of Unclassifed Manufacturers NSPB510S Datasheet HTML 7Page - List of Unclassifed Manufacturers NSPB510S Datasheet HTML 8Page - List of Unclassifed Manufacturers NSPB510S Datasheet HTML 9Page - List of Unclassifed Manufacturers NSPB510S Datasheet HTML 10Page - List of Unclassifed Manufacturers NSPB510S Datasheet HTML 11Page - List of Unclassifed Manufacturers NSPB510S Datasheet HTML 12Page - List of Unclassifed Manufacturers NSPB510S Datasheet HTML 13Page - List of Unclassifed Manufacturers NSPB510S Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 15 page
background image
! Directivity (NSPB510(S))
Radiation Angle
10° 20°
30°
40°
50°
60°
70°
80°
90°
1
0.5
0
! Spectrum
! Forward Current vs.
Chromaticity Coordinate D)
! Ambient Temperature vs.
Dominant Wavelength
! Forward Current vs.
Dominant Wavelength
Forward Current IFP (mA)
Ambient Temperature Ta (°C)
xx
Wavelength
λ (nm)
30°
0.5
90°
60°
1
1mA(473nm)
5mA(472nm)
20mA(470nm)
100mA(467nm)
50mA(468nm)
Ta=25°C
Ta=25°C
0.13
0.11
0.09
0.07
0.05
0.03
0.10 0.12 0.14 0.16 0.18 0.20
1.2
1
0.8
0.4
0.2
0
0.6
350 400 450 500
600 650
550
474
473
472
470
469
466
471
468
467
15
10 20
100
50
476
472
470
464
474
468
466
020
60 80 100
40
-40 -20
Ta=25°C
IF=20mA
IFP=20mA
Ta=25°C
IF=20mA
TYP.CHARACTERISTICS
Model
NSPB510(S)
NICHIA CORPORATION Title
No.
011130109741


Similar Part No. - NSPB510S

ManufacturerPart #DatasheetDescription
logo
NICHIA CORPORATION
NSPB510S NICHIA-NSPB510S Datasheet
297Kb / 15P
   BLUE LED
More results

Similar Description - NSPB510S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
NSPW310BS ETC-NSPW310BS Datasheet
325Kb / 15P
   SPECIFICATION FOR NICHIA WHITE LED
NSPW500BS ETC-NSPW500BS Datasheet
414Kb / 15P
   SPECIFICATION FOR NICHIA WHITE LED
NSPB636AS ETC1-NSPB636AS Datasheet
364Kb / 15P
   SPECIFICATIONS FOR NICHIA BLUE LED
logo
AAEON Technology
NSPB510AS AAEON-NSPB510AS Datasheet
696Kb / 14P
   SPECIFICATIONS FOR NICHIA BLUE LED
NSPB300B AAEON-NSPB300B_15 Datasheet
474Kb / 14P
   SPECIFICATIONS FOR NICHIA BLUE LED
NSPB500AS AAEON-NSPB500AS_15 Datasheet
489Kb / 14P
   SPECIFICATIONS FOR NICHIA BLUE LED
NSPB300B AAEON-NSPB300B Datasheet
474Kb / 14P
   SPECIFICATIONS FOR NICHIA BLUE LED
logo
NICHIA CORPORATION
NSPB500AS NICHIA-NSPB500AS_14 Datasheet
489Kb / 14P
   SPECIFICATIONS FOR NICHIA BLUE LED
logo
List of Unclassifed Man...
NSPB320 ETC-NSPB320 Datasheet
367Kb / 15P
   SPECIFICATIONS FOR NICHIA BLUE LED
NSPB300A ETC-NSPB300A Datasheet
292Kb / 15P
   SPECIFICATIONS FOR NICHIA BLUE LED
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com