Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NSVS680 Datasheet(PDF) 1 Page - New Japan Radio

Part # NSVS680
Description  JRC SAW FILTER
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NSVS680 Datasheet(HTML) 1 Page - New Japan Radio

  NSVS680 Datasheet HTML 1Page - New Japan Radio NSVS680 Datasheet HTML 2Page - New Japan Radio NSVS680 Datasheet HTML 3Page - New Japan Radio NSVS680 Datasheet HTML 4Page - New Japan Radio NSVS680 Datasheet HTML 5Page - New Japan Radio NSVS680 Datasheet HTML 6Page - New Japan Radio NSVS680 Datasheet HTML 7Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
NSVS680 Jul-03
Application
European keyless
Electrical Specification: (Table 1)
The device characteristics are measured in the circuit shown in Fig.1.
Maximum Rating: (Table 2)
Mechanical Specifications: (Fig.2)
Package is designed as small as 3.5x3.5x1.0[mm
3] for SMD (Surface Mount Device) type.
Notice:
This part is electrostatic discharge sensitive and may be damaged by improper handling.
Table 1. Electrical Specifications
Item
Spec.
Input and Output Impedance
50
Nominal Center Frequency (f0)
447 MHz
Insertion Loss
446~448MHz
3.0dB max.
Response Variation
446~448MHz
1.5dB max.
Input and Output VSWR
446~448MHz
2.5 max.
Out of Band Rejection
(Relative to Through Level)
425.3MHz
45dB min.
(Operating Temperature Range: -20~+70ºC)
Table 2. Maximum Ratings
Item
Rating
Maximum Input Power
+20dBm
Maximum DC Voltage
7.5V
Operating Temperature Range
-20~+70ºC
Storage Temperature
-30~+80ºC
JRC SAW FILTER
NSVS680
Communications and Device Group
Communications Equipment Marketing Department
10-1, Nishi-Shinjuku 6-chome, Shinjuku-ku,
Tokyo, 160-8328 Japan
Tel. +81 3-3348-3845
Fax. +81 3-3348-3935
http://www.jrc.co.jp/jp/product/device/saw/index.html (Japanese)
http://www.jrc.co.jp/eng/product/comm/device/saw/saw_top_e.html (English)


Similar Part No. - NSVS680

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NSVS680 NJRC-NSVS680_14 Datasheet
485Kb / 4P
   New JRC SAW FILTER
More results

Similar Description - NSVS680

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NSVS783 NJRC-NSVS783 Datasheet
72Kb / 4P
   JRC SAW FILTER
NSVA339 NJRC-NSVA339 Datasheet
48Kb / 3P
   JRC SAW FILTER
NSVS658 NJRC-NSVS658 Datasheet
279Kb / 4P
   JRC SAW FILTER
logo
List of Unclassifed Man...
NSVS822 ETC-NSVS822 Datasheet
86Kb / 4P
   JRC SAW FILTER
logo
New Japan Radio
NSVS792 NJRC-NSVS792 Datasheet
70Kb / 4P
   JRC SAW FILTER
NSVA288 NJRC-NSVA288 Datasheet
146Kb / 6P
   JRC SAW FILTER
NSVA301 NJRC-NSVA301 Datasheet
113Kb / 5P
   JRC SAW FILTER
NSVA352 NJRC-NSVA352 Datasheet
198Kb / 7P
   JRC SAW FILTER
logo
List of Unclassifed Man...
NSVS784 ETC1-NSVS784 Datasheet
103Kb / 4P
   JRC SAW FILTER
NSVS806 ETC2-NSVS806 Datasheet
123Kb / 4P
   JRC SAW FILTER
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com