Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

O2-E2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # O2-E2
Description  Oxygen Sensor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

O2-E2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  O2-E2 Datasheet HTML 1Page - List of Unclassifed Manufacturers O2-E2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
O2-E2 Performance Data
Figure 2 Sensitivity Temperature Dependence
Figure 3 10kPa Pressure Step Performance
In the interest of continued product improvement, we reserve the right to change design features and specifications without prior notification. The data contained
in this document is for guidance only. Alphasense Ltd accepts no liability for any consequential losses, injury or damage resulting from the use of this document
or the information contained within it.
( ©ALPHASENSE LTD ) Doc. Ref. TDS/O2E2/ Issue 12
Figure 2 shows the variation
in sensitivity caused by
changes in temperature.
See Application Note:
AAN 110 on our website
Figure 4 shows the time taken
for a typical O2-E2 sensor to
reach 90% of its maximum
output. This is termed the t
90
response time and for these
sensors is less than 10
seconds.
For further information on the performance of this sensor, on other sensors in the range or any other subject, please
contact Alphasense Ltd. For Application Notes visit “www.alphasense.com”.
Figure 4 Response Profile
Step changes in pressure can
cause a temporary signal
transient. Positive pressure
gives an output signal
increase whilst negative
pressure causes the output
signal to decrease.
S
α
80
82
84
86
88
90
92
94
96
98
100
102
104
106
-30
-20
-10
0
10
20
30
40
50
Mean
"+95 conf."
"-95 conf."
Temperature oC
0
100
200
300
400
500
600
700
800
900
0
50
100
150
200
250
300
Time (seconds)
0
50
100
150
200
250
300
350
0
100
200
300
400
500
600
700
800
900
Time (seconds)
This repeatability was tested
on sensors six months old.


Similar Part No. - O2-E2

ManufacturerPart #DatasheetDescription
logo
OEN India Limited
O2-12-1AE OENINDIA-O2-12-1AE Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
O2-12-1ANIL OENINDIA-O2-12-1ANIL Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
O2-12-1CE OENINDIA-O2-12-1CE Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
O2-12-1CNIL OENINDIA-O2-12-1CNIL Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
O2-12-1UE OENINDIA-O2-12-1UE Datasheet
78Kb / 2P
   MINI AUTOMOTIVE RELAY
More results

Similar Description - O2-E2

ManufacturerPart #DatasheetDescription
logo
Fujikura Ltd.
FCX-MP-F-AC FUJIKURA-FCX-MP-F-AC Datasheet
154Kb / 3P
   Oxygen sensor module
logo
Figaro Engineering Inc.
SK-25F FIGARO-SK-25F Datasheet
333Kb / 2P
   Figaro Oxygen Sensor
logo
Zhengzhou Winsen Electr...
ME2-O2-D20 WINSEN-ME2-O2-D20 Datasheet
523Kb / 4P
   Electrochemical Oxygen Sensor
logo
Figaro Engineering Inc.
KDS-25B FIGARO-KDS-25B Datasheet
292Kb / 2P
   Maxell Dissolved Oxygen Sensor
logo
Sensortechnics GmbH
ZBXYA025M0 SENSORTECHNICS-ZBXYA025M0 Datasheet
239Kb / 5P
   Oxygen sensor interface boards
logo
Honeywell Accelerometer...
KGZ10-SP HONEYWELL-ACC-KGZ10-SP Datasheet
227Kb / 4P
   Oxygen Sensors
logo
Sensortechnics GmbH
XYA1S SENSORTECHNICS-XYA1S Datasheet
66Kb / 4P
   Oxygen sensors
logo
Fuji Electric
EDS3-62H FUJI-EDS3-62H Datasheet
110Kb / 4P
   PARAMAGNETIC OXYGEN ANALYZER
EDS3-69F FUJI-EDS3-69F Datasheet
150Kb / 4P
   PARAMAGNETIC OXYGEN ANALYZER
EDS3-115C FUJI-EDS3-115C Datasheet
81Kb / 4P
   PARAMAGNETIC OXYGEN ANALYZER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com