Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV320TTC-12G Datasheet(PDF) 9 Page - Macronix International

Part # MX29LV320TTC-12G
Description  32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV320TTC-12G Datasheet(HTML) 9 Page - Macronix International

Back Button MX29LV320TTC-12G Datasheet HTML 5Page - Macronix International MX29LV320TTC-12G Datasheet HTML 6Page - Macronix International MX29LV320TTC-12G Datasheet HTML 7Page - Macronix International MX29LV320TTC-12G Datasheet HTML 8Page - Macronix International MX29LV320TTC-12G Datasheet HTML 9Page - Macronix International MX29LV320TTC-12G Datasheet HTML 10Page - Macronix International MX29LV320TTC-12G Datasheet HTML 11Page - Macronix International MX29LV320TTC-12G Datasheet HTML 12Page - Macronix International MX29LV320TTC-12G Datasheet HTML 13Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 63 page
background image
9
P/N:PM0742
REV. 1.4, JUL. 04, 2003
MX29LV320T/B
Operation
CE
OE
WE RESET WP/ACC
Addresses
Q0~Q7
Q8 ~ Q15
(Note 2)
Byte=VIH
Byte=VIL
Read
L
L
H
H
L/H
A
IN
D
OUT
D
OUT
Q8-A14
=High-Z
Write (Note 1)
L
H
L
H
Note 3
A
IN
D
IN
D
IN
Q15=A-1
Accelerate
L
H
L
H
V
HH
A
IN
D
IN
D
IN
Program
Standby
VCC ±
X
X
VCC ±
H
X
High-Z
High-Z
High-Z
0.3V
0.3V
Output Disable
L
H
H
H
L/H
X
High-Z
High-Z
High-Z
Reset
X
X
X
L
L/H
X
High-Z
High-Z
High-Z
Sector Group
L
H
L
V
ID
L/H
Sector Addresses, D
IN, DOUT
XX
Protect (Note 2)
A6=L, A1=H, A0=L
Chip Unprotect
L
H
L
V
ID
Note 3
Sector Addresses, D
IN, DOUT
XX
(Note 2)
A6=H, A1=H, A0=L
Temporary Sector
X
X
X
V
ID
Note 3
A
IN
D
IN
D
IN
High-Z
Group Unprotect
Legend:
L=Logic LOW=V
IL, H=Logic High=VIH, VID=12.0
±
0.5V, V
HH=11.5-12.5V, X=Don't Care, AIN=Address IN, DIN=Data IN,
D
OUT=Data OUT
Notes:
1. When the WP/ACC pin is at V
HH, the device enters the accelerated program mode. See "Accelerated Program
Operations" for more information.
2.The sector group protect and chip unprotect functions may also be implemented via programming equipment. See
the "Sector Group Protection and Chip Unprotection" section.
3.If WP/ACC=V
IL, the two outermost boot sectors remain protected. If WP/ACC=VIH, the two outermost boot sector
protection depends on whether they were last protected or unprotected using the method described in "Sector/
Sector Block Protection and Unprotection". If WP/ACC=V
HH, all sectors will be unprotected.
4.DIN or Dout as required by command sequence, data polling, or sector protection algorithm.
5.Address are A20:A0 in word mode (BYTE=V
IH), A20:A-1 in byte mode (BYTE=VIL).
Table 2. BUS OPERATION--1


Similar Part No. - MX29LV320TTC-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320AB MCNIX-MX29LV320AB Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320ABTC-70 MCNIX-MX29LV320ABTC-70 Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320ABTC-70G MCNIX-MX29LV320ABTC-70G Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320ABTC-90 MCNIX-MX29LV320ABTC-90 Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320ABTC-90G MCNIX-MX29LV320ABTC-90G Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV320TTC-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTB MCNIX-MX29LV320MTB Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320AT MCNIX-MX29LV320AT Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com