Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MX29LV320TTI-12G Datasheet(PDF) 6 Page - Macronix International

Part # MX29LV320TTI-12G
Description  32 BIT 4M X 8 / 2M X 16 ] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
Download  63 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MCNIX [Macronix International]
Direct Link  http://www.macronix.com
Logo MCNIX - Macronix International

MX29LV320TTI-12G Datasheet(HTML) 6 Page - Macronix International

Back Button MX29LV320TTI-12G Datasheet HTML 2Page - Macronix International MX29LV320TTI-12G Datasheet HTML 3Page - Macronix International MX29LV320TTI-12G Datasheet HTML 4Page - Macronix International MX29LV320TTI-12G Datasheet HTML 5Page - Macronix International MX29LV320TTI-12G Datasheet HTML 6Page - Macronix International MX29LV320TTI-12G Datasheet HTML 7Page - Macronix International MX29LV320TTI-12G Datasheet HTML 8Page - Macronix International MX29LV320TTI-12G Datasheet HTML 9Page - Macronix International MX29LV320TTI-12G Datasheet HTML 10Page - Macronix International Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 63 page
background image
6
P/N:PM0742
REV. 1.4, JUL. 04, 2003
MX29LV320T/B
Sector
Sector
Sector Address
Sector Size
(x8)
(x16)
Group
A20-A12
(Kbytes/Kwords)
Address Range
Address Range
11
SA40
101000xxx
64/32
280000h-28FFFFh
140000h-147FFFh
11
SA41
101001xxx
64/32
290000h-29FFFFh
148000h-14FFFFh
11
SA42
101010xxx
64/32
2A0000h-2AFFFFh
150000h-157FFFh
11
SA43
101011xxx
64/32
2B0000h-2BFFFFh
158000h-15FFFFh
12
SA44
101100xxx
64/32
2C0000h-2CFFFFh
160000h-147FFFh
12
SA45
101101xxx
64/32
2D0000h-2DFFFFh
168000h-14FFFFh
12
SA46
101110xxx
64/32
2E0000h-2EFFFFh
170000h-177FFFh
12
SA47
101111xxx
64/32
2F0000h-2FFFFFh
178000h-17FFFFh
13
SA48
110000xxx
64/32
300000h-30FFFFh
180000h-187FFFh
13
SA49
110001xxx
64/32
310000h-31FFFFh
188000h-18FFFFh
13
SA50
110010xxx
64/32
320000h-32FFFFh
190000h-197FFFh
13
SA51
110011xxx
64/32
330000h-33FFFFh
198000h-19FFFFh
14
SA52
110100xxx
64/32
340000h-34FFFFh
1A0000h-1A7FFFh
14
SA53
110101xxx
64/32
350000h-35FFFFh
1A8000h-1AFFFFh
14
SA54
110110xxx
64/32
360000h-36FFFFh
1B0000h-1B7FFFh
14
SA55
110111xxx
64/32
370000h-37FFFFh
1B8000h-1BFFFFh
15
SA56
111000xxx
64/32
380000h-38FFFFh
1C0000h-1C7FFFh
15
SA57
111001xxx
64/32
390000h-39FFFFh
1C8000h-1CFFFFh
15
SA58
111010xxx
64/32
3A0000h-3AFFFFh
1D0000h-1D7FFFh
15
SA59
111011xxx
64/32
3B0000h-3BFFFFh
1D8000h-1DFFFFh
16
SA60
111100xxx
64/32
3C0000h-3CFFFFh
1E0000h-1E7FFFh
16
SA61
111101xxx
64/32
3D0000h-3DFFFFh
1E8000h-1EFFFFh
16
SA62
111110xxx
64/32
3E0000h-3EFFFFh
1F0000h-1F7FFFh
17
SA63
111111000
8/4
3F0000h-3F1FFFh
1F8000h-1F8FFFh
18
SA64
111111001
8/4
3F2000h-3F3FFFh
1F9000h-1F9FFFh
19
SA65
111111010
8/4
3F4000h-3F5FFFh
1FA000h-1FAFFFh
20
SA66
111111011
8/4
3F6000h-3F7FFFh
1FB000h-1FBFFFh
21
SA67
111111100
8/4
3F8000h-3F9FFFh
1FC000h-1FCFFFh
22
SA68
111111101
8/4
3FA000h-3FBFFFh
1FD000h-1FDFFFh
23
SA69
111111110
8/4
3FC000h-3FDFFFh
1FE000h-1FEFFFh
24
SA70
111111111
8/4
3FE000h-3FFFFFh
1FF000h-1FFFFFh
Top Boot Security Sector Addresses
Sector Address
Sector Size
(x8)
(x16)
A20~A12
(Kbytes/Kwords)
Address Range
Address Range
111111xxx
64/32
3F0000h-3FFFFFh
1F8000h-1FFFFFh
Note:The address range is A20:A-1 in byte mode (BYTE=VIL) or A20:A0 in word mode (BYTE=VIH)


Similar Part No. - MX29LV320TTI-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LV320AB MCNIX-MX29LV320AB Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320ABTC-70 MCNIX-MX29LV320ABTC-70 Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320ABTC-70G MCNIX-MX29LV320ABTC-70G Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320ABTC-90 MCNIX-MX29LV320ABTC-90 Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320ABTC-90G MCNIX-MX29LV320ABTC-90G Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results

Similar Description - MX29LV320TTI-12G

ManufacturerPart #DatasheetDescription
logo
Macronix International
MX29LA32XMT MCNIX-MX29LA32XMT Datasheet
913Kb / 72P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320MTB MCNIX-MX29LV320MTB Datasheet
984Kb / 71P
   32M-BIT [4M x 8/2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320AT MCNIX-MX29LV320AT Datasheet
603Kb / 60P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV320CT MCNIX-MX29LV320CT Datasheet
768Kb / 62P
   32M-BIT [4M x 8 / 2M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
logo
Elite Semiconductor Mem...
F49L320UA ESMT-F49L320UA Datasheet
546Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
F49L320UA ESMT-F49L320UA_1 Datasheet
548Kb / 55P
   32 Mbit (4M x 8/2M x 16) 3V Only CMOS Flash Memory
logo
Macronix International
MX29LV640MT MCNIX-MX29LV640MT Datasheet
647Kb / 74P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640E MCNIX-MX29LV640E_14 Datasheet
1Mb / 65P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640BT MCNIX-MX29LV640BT Datasheet
502Kb / 69P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
MX29LV640T MCNIX-MX29LV640T Datasheet
1Mb / 70P
   64M-BIT [8M x 8/4M x 16] SINGLE VOLTAGE 3V ONLY FLASH MEMORY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com