Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PE12316 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # PE12316
Description  Triple Incremental Encoder
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PE12316 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button PE12316 Datasheet HTML 5Page - List of Unclassifed Manufacturers PE12316 Datasheet HTML 6Page - List of Unclassifed Manufacturers PE12316 Datasheet HTML 7Page - List of Unclassifed Manufacturers PE12316 Datasheet HTML 8Page - List of Unclassifed Manufacturers PE12316 Datasheet HTML 9Page - List of Unclassifed Manufacturers PE12316 Datasheet HTML 10Page - List of Unclassifed Manufacturers PE12316 Datasheet HTML 11Page - List of Unclassifed Manufacturers PE12316 Datasheet HTML 12Page - List of Unclassifed Manufacturers PE12316 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 29 page
background image
PE12316
Triple
Incremental Encoder
February 6, 2003 Preliminary (Version 1.1)
February 6, 2003 (Preliminary Version 1.1)
Page 9/29
PE12316
MODE 6: Pulse Width Measurement Mode
In this mode, Ua1n acts as a gate, and is the
pulse width to be measured. Synchronised with
the clock edge after a low to high transition in
Ua1n, counting begins at the input clock
frequency. Similarly, synchronised with the clock
edge after a high to low transition of Ua1n,
counting is disabled; the value in the counter is
loaded in the output register; /KLI-KLOn is pulled
low; and then the counter clears. See Figure 6.
If Ua2n is held high, the counter will count up,
and if Ua2n is held low, the counter will count
down.
Each counter can be preloaded in two or three
bytes depending on 16 Bit or 24 Bit Mode by
activating /CS, and /WE, and selecting the
required byte with /A0 and /A3, and the required
channel with /A1 and /A2.
This must be done while Ua1n is low. The output
register should be read by activating /CS, /RD,
and selecting the individual bytes with /A0 after
Ua1n has fallen and before the next preload
takes place.
The KLI-KLOn signal may be used as an interrupt
to indicate to the processor when the output
register has been loaded. In both the pulse width
and frequency modes, the output register will not
be loaded via /CS and /RD, but by the falling
edge of Ua1n, or by pulling /KLI-KLOn low.
Figure 6 Pulse Width Measurement


Similar Part No. - PE12316

ManufacturerPart #DatasheetDescription
logo
YAGEO Corporation
PE1206DKE070R001L YAGEO-PE1206DKE070R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE1206DKE070R1L YAGEO-PE1206DKE070R1L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE1206DKE070R91L YAGEO-PE1206DKE070R91L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE1206DKE470R001L YAGEO-PE1206DKE470R001L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
PE1206DKE470R1L YAGEO-PE1206DKE470R1L Datasheet
890Kb / 12P
   CURRENT SENSOR - LOW TCR AUTOMOTIVE GRADE
More results

Similar Description - PE12316

ManufacturerPart #DatasheetDescription
logo
TRINAMIC Motion Control...
TMC424 TRINAMIC-TMC424 Datasheet
446Kb / 21P
   Serial Triple Incremental Encoder Interface
TMC423 TRINAMIC-TMC423_1 Datasheet
226Kb / 22P
   Serial Triple Incremental Encoder Interface
logo
CUI INC
MAS36 CUI-MAS36 Datasheet
47Kb / 1P
   Incremental Encoder
MES12 CUI-MES12 Datasheet
74Kb / 3P
   incremental encoder
logo
IC-Haus GmbH
IC-WT ICHAUS-IC-WT Datasheet
731Kb / 13P
   INCREMENTAL ENCODER
logo
CUI INC
MES3 CUI-MES3 Datasheet
298Kb / 5P
   INCREMENTAL ENCODER
MEH9 CUI-MEH9 Datasheet
78Kb / 3P
   incremental encoder
logo
List of Unclassifed Man...
580A316IR-60 ETC2-580A316IR-60 Datasheet
155Kb / 4P
   Incremental Encoder
logo
CUI INC
MEH20 CUI-MEH20 Datasheet
80Kb / 3P
   incremental encoder
MEH30 CUI-MEH30 Datasheet
76Kb / 3P
   incremental encoder
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com