Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PI6C185-02B Datasheet(PDF) 1 Page - Pericom Semiconductor Corporation

Part # PI6C185-02B
Description  Precision 1-7 Clock Buffer
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PERICOM [Pericom Semiconductor Corporation]
Direct Link  http://www.pericom.com
Logo PERICOM - Pericom Semiconductor Corporation

PI6C185-02B Datasheet(HTML) 1 Page - Pericom Semiconductor Corporation

  PI6C185-02B Datasheet HTML 1Page - Pericom Semiconductor Corporation PI6C185-02B Datasheet HTML 2Page - Pericom Semiconductor Corporation PI6C185-02B Datasheet HTML 3Page - Pericom Semiconductor Corporation PI6C185-02B Datasheet HTML 4Page - Pericom Semiconductor Corporation PI6C185-02B Datasheet HTML 5Page - Pericom Semiconductor Corporation PI6C185-02B Datasheet HTML 6Page - Pericom Semiconductor Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
1
PS8469
05/03/00
PI6C185-02B
Precision 1-7 Clock Buffer
Pin Configuration
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
12345678901234567890123456789012123456789012345678901234567890121234567890123456789012345678901212345678901234567890123456789012123456789012
Block Diagram
Features
• High speed: 140 MHz
• Low noise non-inverting 1-7 buffer
• Supports up to three SDRAM DIMMs
• Low skew (<250ps) between any two output clocks
• I2C Serial Configuration interface
• Multiple Vdd, Vss pins for noise reduction
• 3.3V power supply voltage
• 16-pin TSSOP (L) and QSOP (Q) packages
Description
The PI6C185-02B, a high-speed low-noise 1-7 non-inverting
buffer, is designed for SDRAM clock buffer applications. It is
intended to be used with the PI6C10X clock generator for Intel
Architecture-based Mobile systems.
At power up, all SDRAM outputs are enabled and active. The I2C
Serial control may be used to individually activate/deactivate any
of the seven output drivers.
Note:
Purchase of I2C components from Pericom conveys a license to
use them in an I2C system as defined by Philips.
SDRAM6
SDRAM2
SDRAM1
SDRAM0
BUF_IN
SDATA
SCLOCK
SDRAM3
I2C
I/O
1
2
3
Vss
4
BUF_IN
5
SDRAM1
6
Vdd
7
SCLK
8
SDRAM2
SDRAM6
Vss
Vdd
SDRAM3
Vss
SDATA
16
15
14
13
12
11
10
9
Vdd
SDRAM0
SDRAM4
SDRAM5
16-Pin
L,Q


Similar Part No. - PI6C185-02B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C185-00 PERICOM-PI6C185-00 Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
PI6C185-00AL PERICOM-PI6C185-00AL Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
PI6C185-00AQ PERICOM-PI6C185-00AQ Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
PI6C185-00L PERICOM-PI6C185-00L Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
PI6C185-00Q PERICOM-PI6C185-00Q Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
More results

Similar Description - PI6C185-02B

ManufacturerPart #DatasheetDescription
logo
Pericom Semiconductor C...
PI6C185-00 PERICOM-PI6C185-00 Datasheet
398Kb / 7P
   Precision 1-7 Clock Buffer
PI6C180B PERICOM-PI6C180B Datasheet
573Kb / 7P
   Precision 1-18 Clock Buffer
logo
Advanced Analogic Techn...
PI6C184 ANALOGICTECH-PI6C184 Datasheet
205Kb / 7P
   Precision 1-13 Clock Buffer
logo
Pericom Semiconductor C...
PI6C184-02 PERICOM-PI6C184-02 Datasheet
246Kb / 6P
   Precision 1-13 Clock Buffer
PI6C185-01B PERICOM-PI6C185-01B Datasheet
362Kb / 6P
   Precision 1-5 Clock Buffer
PI6C182B PERICOM-PI6C182B Datasheet
458Kb / 7P
   Precision 1-10 Clock Buffer
PI6C185-01 PERICOM-PI6C185-01 Datasheet
188Kb / 7P
   Precision 1-5 Clock Buffer
PI6C182 PERICOM-PI6C182 Datasheet
420Kb / 7P
   Precision 1-10 Clock Buffer
PI6C182BHEX PERICOM-PI6C182BHEX Datasheet
487Kb / 7P
   Precision 1-10 Clock Buffer
logo
Micrel Semiconductor
SY89838U MICREL-SY89838U_10 Datasheet
349Kb / 16P
   Precision 1:8 LVDS Clock Fanout Buffer
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com