Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PDM41256SA10T Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PDM41256SA10T
Description  256K Static RAM 32K x 8-Bit
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PDM41256SA10T Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PDM41256SA10T Datasheet HTML 1Page - List of Unclassifed Manufacturers PDM41256SA10T Datasheet HTML 2Page - List of Unclassifed Manufacturers PDM41256SA10T Datasheet HTML 3Page - List of Unclassifed Manufacturers PDM41256SA10T Datasheet HTML 4Page - List of Unclassifed Manufacturers PDM41256SA10T Datasheet HTML 5Page - List of Unclassifed Manufacturers PDM41256SA10T Datasheet HTML 6Page - List of Unclassifed Manufacturers PDM41256SA10T Datasheet HTML 7Page - List of Unclassifed Manufacturers PDM41256SA10T Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
Rev. 2.0 - 7/17/96
3-33
1
2
3
4
5
6
7
8
9
10
11
12
Features
s High-speed access times
Com’l: 7, 8, 10, 12, and 15 ns
Ind’l: 8, 10, 12, and 15 ns
s Low power operation (typical)
- PDM41256SA
Active: 400 mW
Standby: 150 mW
- PDM41256LA
Active: 350 mW
Standby: 25 mW
s Single +5V (±10%) power supply
s TTL-compatible inputs and outputs
s Packages
Plastic SOJ (300 mil) - TSO
Plastic TSOP - T
Description
The PDM41256 is a high-performance CMOS static
RAM organized as 32,768 x 8 bits. This product is
produced
in
Paradigm’s
proprietary
CMOS
technology which offers the designer the highest
speed parts. Writing to this device is accomplished
when the write enable (WE) and the chip enable
(CE) inputs are both LOW. Reading is accomplished
when WE remains HIGH and CE and OE are both
LOW.
The PDM41256 operates from a single +5V power
supply and all the inputs and outputs are fully TTL-
compatible. The PDM41256 comes in two versions,
the standard power version PDM41256SA and a low
power version the PDM41256LA. The two versions
are functionally the same and only differ in their
power consumption.
The PDM41256 is available in a 28-pin plastic TSOP
and a 28-pin 300-mil plastic SOJ.
Functional Block Diagram
PDM41256
256K Static RAM
32K x 8-Bit


Similar Part No. - PDM41256SA10T

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PDM41024 ETC-PDM41024 Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SO ETC-PDM41024LA10SO Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOA ETC-PDM41024LA10SOA Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATR ETC-PDM41024LA10SOATR Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
PDM41024LA10SOATY ETC-PDM41024LA10SOATY Datasheet
294Kb / 8P
   1 Megabit Static RAM 128K x 8-Bit
More results

Similar Description - PDM41256SA10T

ManufacturerPart #DatasheetDescription
logo
Cypress Semiconductor
CY7C1399B CYPRESS-CY7C1399B_05 Datasheet
185Kb / 10P
   256K(32K x 8) Static RAM
CY62256N CYPRESS-CY62256N Datasheet
712Kb / 13P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN Datasheet
609Kb / 14P
   256K (32K x 8) Static RAM
CY7C199CN CYPRESS-CY7C199CN_09 Datasheet
589Kb / 14P
   256K (32K x 8) Static RAM
logo
Integrated Device Techn...
IDT71256SA IDT-IDT71256SA Datasheet
61Kb / 8P
   CMOS STATIC RAM 256K (32K x 8-BIT)
5962-8855206XA IDT-5962-8855206XA Datasheet
289Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
IDT71256SA IDT-IDT71256SA_14 Datasheet
69Kb / 8P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
List of Unclassifed Man...
71256L25YG ETC2-71256L25YG Datasheet
108Kb / 10P
   CMOS Static RAM 256K (32K x 8-Bit)
logo
Renesas Technology Corp
71256SA RENESAS-71256SA Datasheet
191Kb / 9P
   CMOS Static RAM 256K (32K x 8-Bit)
Jun.29.20
logo
Cypress Semiconductor
CY62256VN CYPRESS-CY62256VN Datasheet
647Kb / 12P
   256K (32K x 8) Static RAM
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com