Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PL03-CTG13 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # PL03-CTG13
Description  3mm (T1) LED
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

PL03-CTG13 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  PL03-CTG13 Datasheet HTML 1Page - List of Unclassifed Manufacturers PL03-CTG13 Datasheet HTML 2Page - List of Unclassifed Manufacturers PL03-CTG13 Datasheet HTML 3Page - List of Unclassifed Manufacturers PL03-CTG13 Datasheet HTML 4Page - List of Unclassifed Manufacturers PL03-CTG13 Datasheet HTML 5Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Absolute Maximum Ratings at TA = 25 °C
Reverse Voltage (<100µA)..…………………...…………………………………………......……..4.0V
Max Forward Current…………..………………..………………………………………….……20mA
Peak Forward Current (1/10 Duty Cycle, 0.1ms Pulse Width)….……………………………………....100mA
Operating Temperature Range………………………………………………………..-25°C to + 85°C
Storage Temperature Range..………….……………………………………………...-25°C to +100°C
Soldering Temperature (1.6mm below body)……………………………………………………....260° for 5 seconds
PL03 Series 3mm (T1) LED
Tel:
(719) 589 3122
Fax:
(719) 589 3592
www.p-tec.net
sales@p-tec.net
Features
*Standard, Bi-Color and
Low Current available
*High Light Output
*Flanged
*Available in Color (CD), White
Diffused (WD), Color
Transparent (CT) and Water
Clear (WC)
*Available in PL301-03, PL309-
03, PL312, PL313 Right Angle
Holder
Electrical & Optical Characteristics at TA = 25 °C
Part Number
Emitting
Color
Material
Peak
Wave
Length
View
Angle
2
θ ½
Forward Voltage
@20mA (V)
Luminous
Intensity
@20mA
(mcd)
Standard
5V Integrated
Resistor
12V Integrated
Resistor
Color Diffused
White Diffused
(nm)
Deg
Typ Max Typ Max
Typ
Max
Typ
Max
Min
Typ
PL03-CDR24
PL03-CDR12
PL03-CDG13
PL03-CDG14
PL03-CDY01
PL03-CDA02
PL03-CDO12
PL03-WDR24
PL03-WDR12
PL03-WDG13
PL03-WDG14
PL03-WDY01
PL03-WDA02
PL03-WDO12
Bright Red
Hi-Eff Red
Green
HI-Eff Green
Yellow
Amber
Orange
GaP
GaAsP on GaP
GaP
GaP
GaAsP on GaP
GaAsP on GaP
GaAsP on GaP
700
635
567
567
585
610
635
56°
2.1
2.1
2.1
2.1
2.1
2.1
2.1
3.0
3.0
3.0
3.0
3.0
3.0
3.0
1.8
1.8
1.8
1.8
1.8
2.2
2.2
2.2
2.2
2.2
5.0
5.0
5.0
5.0
5.0
5.0
5.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
12.0
12.0
12.0
12.0
12.0
12.0
12.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
1.6
9.3
8.0
10.4
6.6
9.3
9.3
2.7
15.5
13.3
17.3
11.0
15.5
15.5
Color Transparent
Water Clear
(nm)
Deg
Typ Max Typ Max
Typ
Max
Typ
Max
Min
Typ
PL03-CTR24
PL03-CTR12
PL03-CTG13
PL03-CTG14
PL03-CTY01
PL03-CTA02
PL03-CTO12
PL03-WCR24
PL03-WCR12
PL03-WCG13
PL03-WCG14
PL03-WCY01
PL03-WCA02
PL03-WCO12
Bright Red
Hi-Eff Red
Green
HI-Eff Green
Yellow
Amber
Orange
GaP
GaAsP on GaP
GaP
GaP
GaAsP on GaP
GaAsP on GaP
GaAsP on GaP
700
635
567
567
585
610
635
36°
2.1
2.1
2.1
2.1
2.1
2.1
2.1
3.0
3.0
3.0
3.0
3.0
3.0
3.0
1.8
1.8
1.8
1.8
1.8
2.2
2.2
2.2
2.2
2.2
5.0
5.0
5.0
5.0
5.0
5.0
5.0
7.0
7.0
7.0
7.0
7.0
7.0
7.0
12.0
12.0
12.0
12.0
12.0
12.0
12.0
15.0
15.0
15.0
15.0
15.0
15.0
15.0
5.5
31.7
27.0
35.1
22.6
31.7
31.7
9.2
52.9
45.0
58.5
37.6
52.9
52.9
Low
Current
(2mA)
24.0Min.
3.0
4.1
5.1
0.5±0.5
1.0
1.5typ.
2.54±0.1
Anode
0.5 Square


Similar Part No. - PL03-CTG13

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL03-CDG13 P-TEC-PL03-CDG13 Datasheet
29Kb / 1P
   3mm (T1) LED
PL03-CDG13 P-TEC-PL03-CDG13 Datasheet
29Kb / 1P
   PL03 Series 3mm (T1) LED
PL03-CDG13 P-TEC-PL03-CDG13_14 Datasheet
75Kb / 1P
   Popular 3mm Lens Style
PL03-CDR12 P-TEC-PL03-CDR12 Datasheet
29Kb / 1P
   3mm (T1) LED
PL03-CDR12 P-TEC-PL03-CDR12 Datasheet
29Kb / 1P
   3mm (T1) LED
More results

Similar Description - PL03-CTG13

ManufacturerPart #DatasheetDescription
logo
P-tec Corporation
PL03G-WCB20Z P-TEC-PL03G-WCB20Z Datasheet
29Kb / 1P
   3mm (T1) LED
PL07-CDY01 P-TEC-PL07-CDY01 Datasheet
29Kb / 1P
   3mm (T1) LED
PL01-CDG13 P-TEC-PL01-CDG13 Datasheet
29Kb / 1P
   3mm (T1) LED
PL01-CDY01 P-TEC-PL01-CDY01 Datasheet
29Kb / 1P
   3mm (T1) LED
PL03F-WCW13Z P-TEC-PL03F-WCW13Z Datasheet
29Kb / 1P
   3mm (T1) LED
PL03F-WCW24Z P-TEC-PL03F-WCW24Z Datasheet
30Kb / 1P
   3mm (T1) LED
PL07-CDR12 P-TEC-PL07-CDR12 Datasheet
29Kb / 1P
   3mm (T1) LED
PL07-CDR21 P-TEC-PL07-CDR21 Datasheet
29Kb / 1P
   3mm (T1) LED
PL07-CDY01 P-TEC-PL07-CDY01 Datasheet
29Kb / 1P
   3mm (T1) LED
PL07-CDR12 P-TEC-PL07-CDR12 Datasheet
29Kb / 1P
   3mm (T1) LED
PL07-CDR24 P-TEC-PL07-CDR24 Datasheet
29Kb / 1P
   3mm (T1) LED
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com