Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZ3064 Datasheet(PDF) 9 Page - NXP Semiconductors

Part # PZ3064
Description  64 macrocell CPLD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZ3064 Datasheet(HTML) 9 Page - NXP Semiconductors

Back Button PZ3064 Datasheet HTML 5Page - NXP Semiconductors PZ3064 Datasheet HTML 6Page - NXP Semiconductors PZ3064 Datasheet HTML 7Page - NXP Semiconductors PZ3064 Datasheet HTML 8Page - NXP Semiconductors PZ3064 Datasheet HTML 9Page - NXP Semiconductors PZ3064 Datasheet HTML 10Page - NXP Semiconductors PZ3064 Datasheet HTML 11Page - NXP Semiconductors PZ3064 Datasheet HTML 12Page - NXP Semiconductors PZ3064 Datasheet HTML 13Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
Philips Semiconductors
Product specification
PZ3064
64 macrocell CPLD
1997 Mar 05
89
DC ELECTRICAL CHARACTERISTICS FOR INDUSTRIAL GRADE DEVICES
Industrial:
–40
°C ≤ Tamb ≤ +85°C; 3.0V ≤ VDD ≤ 3.6V
SYMBOL
PARAMETER
TEST CONDITIONS
MIN.
MAX.
UNIT
VIL
Input voltage low
VDD = 3.0V
0.8
V
VIH
Input voltage high
VDD = 3.6V
2.0
V
VI
Input clamp voltage
VDD = 3.0V, IIN = –18mA
–1.2
V
VOL
Output voltage low
VDD = 3.0V, IOL = 8mA
0.5
V
VOH
Output voltage high
VDD = 3.0V, IOH = –8mA
2.4
V
II
Input leakage current
VIN = 0 to VDD
–10
10
µA
IOZ
3-Stated output leakage current
VIN = 0 to VDD
–10
10
µA
IDDQ
Standby current
VDD = 3.6V, Tamb = –40°C
50
µA
I
1
Dynamic current
VDD = 3.6V, Tamb = –40°C @ 1MHz
1
mA
IDDD1
Dynamic current
VDD = 3.6V, Tamb = –40°C @ 50MHz
40
mA
IOS
Short circuit output current
1 pin at a time for no longer than 1 second
–5
–130
mA
CIN
Input pin capacitance
Tamb = 25°C, f = 1MHz
8
pF
CCLK
Clock input capacitance
Tamb = 25°C, f = 1MHz
5
12
pF
CI/O
I/O pin capacitance
Tamb = 25°C, f = 1MHz
10
pF
NOTE:
1. This parameter measured with a 16–bit, loadable up/down counter loaded into every logic block, with all outputs enabled and unloaded.
Inputs are tied to VDD or ground. This parameter guaranteed by design and characterization, not testing.
AC ELECTRICAL CHARACTERISTICS1 FOR INDUSTRIAL GRADE DEVICES
Industrial:
–40
°C ≤ Tamb ≤ +85°C; 3.0V ≤ VDD ≤ 3.6V
SYMBOL
PARAMETER
I12
I15
UNIT
SYMBOL
PARAMETER
MIN.
MAX.
MIN.
MAX.
UNIT
tPD_PAL
Propagation delay time, input (or feedback node) to output through PAL
2
12
2
15
ns
tPD_PLA
Propagation delay time, input (or feedback node) to output through PAL & PLA
3
14.5
3
17.5
ns
tCO
Clock to out delay time
2
8
2
9
ns
tSU_PAL
Setup time (from input or feedback node) through PAL
7
8
ns
tSU_PLA
Setup time (from input or feedback node) through PAL + PLA
9.5
10.5
ns
tH
Hold time
0
0
ns
tCH
Clock High time
5
5
ns
tCL
Clock Low time
5
5
ns
tR
Input Rise time
20
20
ns
tF
Input Fall time
20
20
ns
fMAX1
Maximum FF toggle rate2
(1/tCH + tCL)
100
100
MHz
fMAX2
Maximum internal frequency2
(1/tSUPAL + tCF)
74
65
MHz
fMAX3
Maximum external frequency2
(1/tSUPAL + tCO)
67
58
MHz
tBUF
Output buffer delay time
1.5
1.5
ns
tPDF_PAL
Input (or feedback node) to internal feedback node delay time through PAL
10.5
13.5
ns
tPDF_PLA
Input (or feedback node) to internal feedback node delay time through PAL+PLA
13
16
ns
tCF
Clock to internal feedback node delay time
6.5
7.5
ns
tINIT
Delay from valid VDD to valid reset
50
50
µs
tER
Input to output disable3
14
15
ns
tEA
Input to output valid
14
15
ns
tRP
Input to register preset
16
17
ns
tRR
Input to register reset
16
17
ns
NOTES:
1. Specifications measured with one output switching. See Figure 6 and Table 3 for derating.
2. This parameter guaranteed by design and characterization, not by test.
3. Output CL = 5pF.


Similar Part No. - PZ3064

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3032-10A44 PHILIPS-PZ3032-10A44 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3032-10BC PHILIPS-PZ3032-10BC Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3032-12A44 PHILIPS-PZ3032-12A44 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3032-12BC PHILIPS-PZ3032-12BC Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
More results

Similar Description - PZ3064

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCR3064XL XILINX-XCR3064XL Datasheet
174Kb / 9P
   XCR3064XL 64 Macrocell CPLD
XCR3064XL-6VQ44C XILINX-XCR3064XL-6VQ44C Datasheet
163Kb / 10P
   XCR3064XL 64 Macrocell CPLD
logo
Cypress Semiconductor
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
   UltraLogic??64-Macrocell Flash CPLD
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
logo
Microchip Technology
ATF1504ASV MICROCHIP-ATF1504ASV Datasheet
1Mb / 30P
   ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
Revision A 03/2019
logo
Xilinx, Inc
XCR3128 XILINX-XCR3128 Datasheet
143Kb / 18P
   XCR3128: 128 Macrocell CPLD
XCR3032XL-5VQ44C XILINX-XCR3032XL-5VQ44C Datasheet
224Kb / 9P
   XCR3032XL 32 Macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com