Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PZ3064-10BC Datasheet(PDF) 4 Page - NXP Semiconductors

Part # PZ3064-10BC
Description  64 macrocell CPLD
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHILIPS [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo PHILIPS - NXP Semiconductors

PZ3064-10BC Datasheet(HTML) 4 Page - NXP Semiconductors

  PZ3064-10BC Datasheet HTML 1Page - NXP Semiconductors PZ3064-10BC Datasheet HTML 2Page - NXP Semiconductors PZ3064-10BC Datasheet HTML 3Page - NXP Semiconductors PZ3064-10BC Datasheet HTML 4Page - NXP Semiconductors PZ3064-10BC Datasheet HTML 5Page - NXP Semiconductors PZ3064-10BC Datasheet HTML 6Page - NXP Semiconductors PZ3064-10BC Datasheet HTML 7Page - NXP Semiconductors PZ3064-10BC Datasheet HTML 8Page - NXP Semiconductors PZ3064-10BC Datasheet HTML 9Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 20 page
background image
Philips Semiconductors
Product specification
PZ3064
64 macrocell CPLD
1997 Mar 05
84
LOGIC
BLOCK
I/O
36
16
16
36
16
16
MC0
MC1
MC15
I/O
MC0
MC1
MC15
LOGIC
BLOCK
I/O
36
16
16
36
16
16
MC0
MC1
MC15
I/O
MC0
MC1
MC15
SP00439
ZIA
LOGIC
BLOCK
LOGIC
BLOCK
Figure 1.
Philips XPLA CPLD Architecture
6
5
CONTROL
PAL
ARRAY
36 ZIA INPUTS
PLA
ARRAY
(32)
SP00435
Figure 2.
Philips Logic Block Architecture


Similar Part No. - PZ3064-10BC

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3032-10A44 PHILIPS-PZ3032-10A44 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3032-10BC PHILIPS-PZ3032-10BC Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3032-12A44 PHILIPS-PZ3032-12A44 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
PZ3032-12BC PHILIPS-PZ3032-12BC Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
More results

Similar Description - PZ3064-10BC

ManufacturerPart #DatasheetDescription
logo
Xilinx, Inc
XCR3064XL XILINX-XCR3064XL Datasheet
174Kb / 9P
   XCR3064XL 64 Macrocell CPLD
XCR3064XL-6VQ44C XILINX-XCR3064XL-6VQ44C Datasheet
163Kb / 10P
   XCR3064XL 64 Macrocell CPLD
logo
Cypress Semiconductor
CY7C373 CYPRESS-CY7C373 Datasheet
183Kb / 12P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I CYPRESS-CY7C372I Datasheet
176Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C372I-66YMB CYPRESS-CY7C372I-66YMB Datasheet
165Kb / 13P
   UltraLogic 64-Macrocell Flash CPLD
CY7C373 CYPRESS-CY7C373 Datasheet
41Kb / 1P
   UltraLogic??64-Macrocell Flash CPLD
logo
NXP Semiconductors
PZ3032 PHILIPS-PZ3032 Datasheet
116Kb / 14P
   32 macrocell CPLD
1997 Feb 20
logo
Microchip Technology
ATF1504ASV MICROCHIP-ATF1504ASV Datasheet
1Mb / 30P
   ATF1504ASV(L) 3.3V 64-Macrocell CPLD Data Sheet
Revision A 03/2019
logo
Xilinx, Inc
XCR3128 XILINX-XCR3128 Datasheet
143Kb / 18P
   XCR3128: 128 Macrocell CPLD
XCR3032XL-5VQ44C XILINX-XCR3032XL-5VQ44C Datasheet
224Kb / 9P
   XCR3032XL 32 Macrocell CPLD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com