Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RLF12560T-7R8N8R2 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RLF12560T-7R8N8R2
Description  Inductors For Power Line SMD
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RLF12560T-7R8N8R2 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RLF12560T-7R8N8R2 Datasheet HTML 1Page - List of Unclassifed Manufacturers RLF12560T-7R8N8R2 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
• All specifications are subject to change without notice.
(2/2)
001-01 / 20011102 / e532_rlf12560.fm
Inductors
RLF Series RLF12560 Type
For Power Line
SMD
SHAPES AND DIMENSIONS/RECOMMENDED PC BOARD PATTERN
ELECTRICAL CHARACTERISTICS
Rated current: Value obtained when current flows and the temperature has risen to 40°C or when DC current flows and the initial value of inductance has
fallen by 50%, whichever is smaller.
• Test equipment Inductance: YHP 4194A IMPEDANCE GAIN/PHASE ANALYZER, or equivalent
DC resistance: DIGITAL MILLIOHM METER VP-2941A MATSUSHITA, or equivalent
TYPICAL ELECTRICAL CHARCTERISTICS
INDUCTANCE CHANGE vs. DC SUPERPOSITION
CHARACTERISTICS
MEASURING CIRCUIT
Inductance
(
µH)
Inductance tolerance
(%)
Test frequency L
(kHz)
DC resistance
(m
)±20%
Rated current(A)
Part No.
Based on inductance
change
Based on
temperature rise
1.0
±30
100
2.8
18.5 max.
14.4 typ.
RLF12560T-1R0N140
1.9
±30
100
3.6
15.6 max.
12.7 typ.
RLF12560T-1R9N120
2.7
±30
100
4.5
14.4 max.
11.5 typ.
RLF12560T-2R7N110
4.2
±30
100
7.4
10.2 max.
10.0 typ.
RLF12560T-4R2N100
5.6
±30
100
8.5
9.7 max.
9.2 typ.
RLF12560T-5R6N9R2
7.8
±30
100
10.2
8.2 max.
8.4 typ.
RLF12560T-7R8N8R2
10
±20
100
12.4
7.5 max.
7.8 typ.
RLF12560T-100M7R5
12.8
±0.5
(7.8)
2.5
±0.2
Winding start mark
2.5
±0.2
100
Terminal
electrode
6.0max.
7.5
3.2
3.2
Dimensions in mm
DC current(A)
0.1
1
0.1
10
110
1R0N
1R9N
2R7N
4R2N
5R6N
7R8N
100M
100
A
L=0.1H C=20000
µF
LX
Test circuit


Similar Part No. - RLF12560T-7R8N8R2

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
RLF12560T-7R8N8R2 TDK-RLF12560T-7R8N8R2 Datasheet
198Kb / 17P
   Inductors for Power Circuits Wound Ferrite
RLF12560T-7R8N8R2 TDK-RLF12560T-7R8N8R2 Datasheet
124Kb / 9P
   Inductors for Power Circuits Wound Ferrite
More results

Similar Description - RLF12560T-7R8N8R2

ManufacturerPart #DatasheetDescription
logo
TDK Electronics
ACL3225 TDK-ACL3225 Datasheet
43Kb / 3P
   INDUCTORS FOR POWER LINE SMD
SLF TDK-SLF Datasheet
82Kb / 2P
   Inductors For Power Line SMD
VLF5014ST-2R2M2R3 TDK-VLF5014ST-2R2M2R3 Datasheet
85Kb / 2P
   SMD Inductors For Power Line
SLF12575 TDK-SLF12575 Datasheet
82Kb / 2P
   Inductors For Power Line SMD
NLC3225 TDK-NLC3225 Datasheet
63Kb / 2P
   Inductors For Power Line SMD
NLCV32T-1R0M-PF TDK-NLCV32T-1R0M-PF Datasheet
48Kb / 2P
   SMD Inductors For Power Line
VLC5045T-2R2N TDK-VLC5045T-2R2N Datasheet
61Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLS3015T-3R3M1R2 TDK-VLS3015T-3R3M1R2 Datasheet
48Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
VLC6045T-4R7M TDK-VLC6045T-4R7M Datasheet
70Kb / 3P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
GLFR2012 TDK-GLFR2012 Datasheet
49Kb / 2P
   SMD Inductors(Coils) For Power Line(Wound, Magnetic Shielded)
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com