Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S82K Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # S82K
Description  Switch mode Power Supply
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S82K Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button S82K Datasheet HTML 2Page - List of Unclassifed Manufacturers S82K Datasheet HTML 3Page - List of Unclassifed Manufacturers S82K Datasheet HTML 4Page - List of Unclassifed Manufacturers S82K Datasheet HTML 5Page - List of Unclassifed Manufacturers S82K Datasheet HTML 6Page - List of Unclassifed Manufacturers S82K Datasheet HTML 7Page - List of Unclassifed Manufacturers S82K Datasheet HTML 8Page - List of Unclassifed Manufacturers S82K Datasheet HTML 9Page - List of Unclassifed Manufacturers S82K Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
L-10
Switch mode Power Supply
S82K
90-/100-/240W models with PFC (S82K-P
@@@24 models)
Note: 1. Defined with a 100% load and the rated input voltage (100 or 200 VAC)
2. The output specification is defined at the power supply output terminals.
3. When the ambient temperature exceeds 25
°C, the protection function will operate at a current of 92% to 111% of the rated load current.
4. Parallel operation is set with the Parallel/Single Operation Selector Switch.
Item
Single output
90 W
100 W
240 W
Efficiency (typical)
60% to 80% (Varies depending on specifications.)
Input
Voltage
100 V (85 to 132 VAC)/200 V (170 to 264 VAC) Select-
able
100 to 230 V (85 to 253 VAC)
Frequency
50/60 Hz (47 to 63 Hz)
Current
(see note 1)
100-V input 2.5 A max.
4 A max.
200-V input 1.0 A max.
2 A max.
Power factor
100-V input ---
0.95 min.
200-V input 0.7 min.
0.95 min.
Leakage current
(see note 1)
100-V input 0.5 mA max.
200-V input 1 mA max.
Inrush current
(see note 1)
100-V input 25 A max.
200-V input 50 A max.
Noise filter
Yes
Output
(see note 2)
Voltage adjustment range
±10% (V.ADJ)
Ripple (see note 1)
2% (p-p) max.
Input variation influence
0.5% max. (at 85 to 132 VAC/170 to 264 VAC input,
100% load)
0.5% max. (at 85 to 253 VAC input,
100% load)
Load variation influence
1.5% max. (0 to 100% load)
1.5% max. (10 to 100% load)
Temperature variation
0.05%/
°C max.
Startup time
200 ms max.
1,000 ms max.
Hold time (see note 1)
20 ms min.
Additional
function
Overload protection
101% to 111% of rated load
current, inverted L drop, auto-
matic reset (see note 3)
105% to 160% of rated load current, inverted L drop, automatic re-
set
Overvoltage protection
No
Under voltage alarm indicator Yes (color: red)
No
Under voltage alarm output
Yes
No
Parallel operation
Impossible
Possible (2 units max.) (see note 4)


Similar Part No. - S82K

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
S82K00315 OMRON-S82K00315 Datasheet
409Kb / 24P
   DIN-Rail Mount Power Supply with a Wide Power Range of 3 to 240 W
More results

Similar Description - S82K

ManufacturerPart #DatasheetDescription
logo
Compact Technology Corp...
CF2N60I CTC-CF2N60I Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF2N60S CTC-CF2N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8VM03015CD OMRON-S8VM03015CD Datasheet
6Mb / 38P
   Switch Mode Power Supply
S8VK-C OMRON-S8VK-C Datasheet
4Mb / 20P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60S CTC-CF4N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
CF6N60S CTC-CF6N60S Datasheet
1Mb / 5P
   Switch Mode Power Supply
logo
Omron Electronics LLC
S8TS OMRON-S8TS Datasheet
274Kb / 3P
   Switch Mode Power Supply
S8VK-X OMRON-S8VK-X Datasheet
6Mb / 29P
   Switch Mode Power Supply
S8VM OMRON-S8VM Datasheet
5Mb / 37P
   Switch Mode Power Supply
S8JX OMRON-S8JX Datasheet
2Mb / 28P
   Switch Mode Power Supply
logo
Compact Technology Corp...
CF4N60I CTC-CF4N60I Datasheet
753Kb / 5P
   Switch Mode Power Supply
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com