Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

S8740340PT Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # S8740340PT
Description  GaAs Push Pull, 40 - 870MHz, 34.5dB min. Gain @ 870MHz, 300mA max. @ 24VDC
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

S8740340PT Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  S8740340PT Datasheet HTML 1Page - List of Unclassifed Manufacturers S8740340PT Datasheet HTML 2Page - List of Unclassifed Manufacturers S8740340PT Datasheet HTML 3Page - List of Unclassifed Manufacturers S8740340PT Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Product Specification
S8740340PT
GaAs Push Pull, 40 – 870MHz, 34.5dB min. Gain @ 870MHz, 300mA max. @ 24VDC
Page 2 of 4
2004 Jun 01
Document Revision Level C
CHARACTERISTICS
Table 2: Distortion data 40 – 750 MHz; VB = 24V; Tmb = 30°C; ZS = ZL = 75 Ω
SYMBOL
CONDITIONS
MIN.
TYP.
MAX.
UNIT
CTB
112 ch. flat; Vo = 44 dBmV
1)
-
-66
- 64
dBc
XMOD
112 ch. flat; Vo = 44 dBmV
1)
-
-58
- 56
dBc
CSO
112 ch. flat; Vo = 44 dBmV
1)
-
-65
- 63
dBc
Notes:
1) 112 channels, NTSC frequency raster: 55.25 MHz to 745.25 MHz, +44 dBmV flat output level.
Composite Second Order (CSO)
The CSO parameter (both sum and difference products) is defined by the NCTA.
Composite Triple Beat (CTB)
The CTB parameter is defined by the NCTA.
Cross Modulation (XMOD)
Cross modulation (XMOD) is measured at baseband (selective voltmeter method), referenced to 100% modulation of the
carrier being tested.


Similar Part No. - S8740340PT

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
S8740340PT PDI-S8740340PT Datasheet
128Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 34.5dB min. Gain @ 870MHz 300mA max. @ 24VDC
logo
RF Micro Devices
S8740340PT RFMD-S8740340PT Datasheet
264Kb / 3P
   GaAs Push Pull Hybrid 40MHz to 870MHz
More results

Similar Description - S8740340PT

ManufacturerPart #DatasheetDescription
logo
PREMIER DEVICES, INC.
S8740340PT PDI-S8740340PT Datasheet
128Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 34.5dB min. Gain @ 870MHz 300mA max. @ 24VDC
S8740340 PDI-S8740340 Datasheet
126Kb / 4P
   GaAs Push Pull, 40 - 870MHz, 34.5dB min. Gain @ 870MHz, 280mA max. @ 24VDC
S8740240GT PDI-S8740240GT Datasheet
62Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 24.2dB min. Gain @ 870MHz 240mA max. @ 24VDC
S8740220GT PDI-S8740220GT Datasheet
62Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 22.7dB min. Gain @ 870MHz 240mA max. @ 24VDC
S8740280GT PDI-S8740280GT Datasheet
88Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 28.0dB min. Gain @ 870MHz 260mA max. @ 24VDC
S8740220P PDI-S8740220P Datasheet
127Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 22dB min. Gain @ 870MHz 270mA max. @ 24VDC
S8740180GT PDI-S8740180GT Datasheet
62Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 18.7dB min. Gain @ 870MHz 240mA max. @ 24VDC
logo
List of Unclassifed Man...
S8740240P ETC1-S8740240P Datasheet
128Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz / 23.5dB min. Gain @ 870MHz / 255mA max. @ 24VDC
logo
PREMIER DEVICES, INC.
S8740240P PDI-S8740240P Datasheet
128Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 23.5dB min. Gain @ 870MHz 255mA max. @ 24VDC
S8740200P PDI-S8740200P Datasheet
128Kb / 4P
   GaAs Push Pull Hybrid 40 - 870MHz 20dB min. Gain @ 870MHz 260mA max. @ 24VDC
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com