Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCM5B33-04 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SCM5B33-04
Description  Isolated True RMS Input Modules
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SCM5B33-04 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SCM5B33-04 Datasheet HTML 1Page - List of Unclassifed Manufacturers SCM5B33-04 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
DATAFORTH
A Burr-Brown Company
®
48
Call 800-444-7644
For Information and Assistance
SCM5B33
Isolated True RMS Input Modules
FEATURES
q INTERFACES RMS VOLTAGE (0 – 300V) OR RMS CURRENT (0 – 5A)
q DESIGNED FOR STANDARD OPERATION WITH FREQUENCIES OF
45HZ TO 1000HZ (EXTENDED RANGE TO 20Khz)
q COMPATIBLE WITH STANDARD CURRENT AND POTENTIAL
TRANSFORMERS
q INDUSTRY STANDARD OUTPUTS OF EITHER 0-1MA, 0-20mA,
4-20MA, 0-5V OR 0-10VDC
q
±0.25% FACTORY CALIBRATED ACCURACY (ACCURACY CLASS
0.2)
q 1500 VRMS CONTINUOUS TRANSFORMER BASED ISOLATION
q INPUT OVERLOAD PROTECTED TO 480V MAX (PEAK AC & DC) OR
10A RMS CONTINUOUS
q ANSI/IEEE C37.90.1-1989 TRANSIENT PROTECTION
q REGULATORY COMPLIANCE (TO BE DETERMINED)
DESCRIPTION
Each SCM5B33 True RMS input module provides a single channel of AC
input which is converted to its True RMS dc value, filtered, isolated,
amplified, and converted to a standard process voltage or current output
(Figure 1).
The SCM5B modules are designed with a completely isolated computer side
circuit which can be floated to
±50V from Power Common, pin 16. This
complete isolation means that no connection is required between I/O
Common and Power Common for proper operation of the output switch. If
desired, the output switch can be turned on continuously by simply connecting
pin 22, the Read-Enable pin to I/O Common, pin 19.
The field voltage or current input signal is processed through a pre-amplifier
and RMS converter on the field side of the isolation barrier. The converted dc
signal is then chopped by a proprietary chopper circuit and transferred across
the transformer isolation barrier, suppressing transmission of common
mode spikes and surges. The computer side circuitry reconstructs, filters and
converts the signal to industry standard outputs. Modules are powered from
+5VDC,
±5%.
For current output models an external loop supply is required having a
compliance voltage of 14 to 48VDC. Connection, with series load, is between
Pin 20 (+) and Pin 19 (-).
FIGURE 1. SCM5B33 Block Diagram.
+In
AC Source
–In
**
**
**
–EXC
Backpanel
Term Block
6
5
3
Surge
Suppression
and
Protection
Pre-Amp,
Conversion
*
* Current Input Models Only
Add Jumpers for Current Input Modules
(provided with SCM5B33-06, 07)
Isolated
Field-Side
Power
4
3
2
1
+EXC
–V
+V
I
IN
4
–V
LPF
+V
Power
Oscillator
Isolated
Computer-Side
Power
V
OUT or IOUT
20
22
I/O Common
RD EN\
+5V
17
16
Power Common
19
Isochopper™
Amplifier
Pat Pending


Similar Part No. - SCM5B33-04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SCM5B37 ETC-SCM5B37 Datasheet
29Kb / 2P
   Thermocouple Input Modules
SCM5B37B ETC-SCM5B37B Datasheet
29Kb / 2P
   Thermocouple Input Modules
SCM5B37C ETC-SCM5B37C Datasheet
29Kb / 2P
   Thermocouple Input Modules
SCM5B37E ETC-SCM5B37E Datasheet
29Kb / 2P
   Thermocouple Input Modules
SCM5B37J ETC-SCM5B37J Datasheet
29Kb / 2P
   Thermocouple Input Modules
More results

Similar Description - SCM5B33-04

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AM-530 ETC2-AM-530 Datasheet
621Kb / 2P
   True-rms Electrical True-rms Contractor Multimeter
logo
Murata Power Solutions ...
DMS-20RM MURATA-PS-DMS-20RM Datasheet
190Kb / 4P
   True-rms ac Voltmeters with Isolated Inputs
logo
Extech Instruments Corp...
EX205T EXTECH-EX205T Datasheet
215Kb / 1P
   True RMS MultiMeters
logo
Fluke Corporation
8060A FLUKE-8060A Datasheet
5Mb / 140P
   True-rms Multimeter
logo
Extech Instruments Corp...
DL160 EXTECH-DL160 Datasheet
274Kb / 1P
   Dual Input True RMS AC Voltage/Current Datalogger
logo
List of Unclassifed Man...
DBX2252 ETC-DBX2252 Datasheet
175Kb / 2P
   TRUE RMS LEVEL DETECTOR
5492B ETC2-5492B Datasheet
2Mb / 5P
   True RMS Bench Multimeter
logo
Fluke Corporation
287 FLUKE-287 Datasheet
2Mb / 88P
   True-rms Digital Multimeters
Rev. 1, 7/08
logo
B&K Precision Corporati...
2831E BK-2831E Datasheet
2Mb / 5P
   True RMS Bench Multimeters
5492B BK-5492B Datasheet
2Mb / 5P
   True RMS Bench Multimeter
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com