Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDP60N03L Datasheet(PDF) 4 Page - SamHop Microelectronics Corp.

Part # SDP60N03L
Description  N-Channel Logic Level E nhancement Mode Field E ffect Transistor
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SAMHOP [SamHop Microelectronics Corp.]
Direct Link  http://www.samhop.com.tw
Logo SAMHOP - SamHop Microelectronics Corp.

SDP60N03L Datasheet(HTML) 4 Page - SamHop Microelectronics Corp.

  SDP60N03L Datasheet HTML 1Page - SamHop Microelectronics Corp. SDP60N03L Datasheet HTML 2Page - SamHop Microelectronics Corp. SDP60N03L Datasheet HTML 3Page - SamHop Microelectronics Corp. SDP60N03L Datasheet HTML 4Page - SamHop Microelectronics Corp. SDP60N03L Datasheet HTML 5Page - SamHop Microelectronics Corp. SDP60N03L Datasheet HTML 6Page - SamHop Microelectronics Corp.  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
S DP /B 60N03L
with T emperature
F igure 6. B reakdown V oltage V ariation
with T emperature
F igure 7. T rans conductance V ariation
with Drain C urrent
IDS , Drain-S ource C urrent (A)
F igure 9. G ate C harge
Qg, T otal G ate C harge (nC )
F igure 10. Maximum S afe
O perating Area
V DS , Drain-S ource V oltage (V )
F igure 8. B ody Diode F orward V oltage
V ariation with S ource C urrent
V S D, B ody Diode F orward V oltage (V )
T j, J unction T emperature ( C )
T j, J unction T emperature ( C )
4
4
F igure 5. G ate T hres hold V ariation
50
40
30
20
10
0
0
10
20
30
40
50
10
1
0.1
0.4
0.6
0.8
1.0
1.2
1.4
10
8
6
4
2
0
0
5
10
15
20
25 30 35 40
VDS=15V
ID=30A
100
200
300
10
1
0.5
0.1
1
10
30 60
V DS =10V
VGS =10V
S ingle P ulse
Tc=25 C
R D
S (O
N)
Lim
it
DC
100
ms
10m
s
1m
s
100μ
s
1.3
1.2
1.1
1.0
0.9
0.8
0.7
0.6
-50 -25
0
25
50
75 100 125
V DS =V GS
ID=250uA
-50 -25
0
25
50
75 100 125
1.15
1.10
1.05
1.00
0.95
0.90
0.85
ID=250uA


Similar Part No. - SDP60N03L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDP600 ETC2-SDP600 Datasheet
475Kb / 10P
   Accuracy better than 0.2% FS near zero
SDP600-125Pa ETC2-SDP600-125Pa Datasheet
475Kb / 10P
   Accuracy better than 0.2% FS near zero
SDP600-25Pa ETC2-SDP600-25Pa Datasheet
475Kb / 10P
   Accuracy better than 0.2% FS near zero
SDP600-500Pa ETC2-SDP600-500Pa Datasheet
475Kb / 10P
   Accuracy better than 0.2% FS near zero
SDP601 ETC2-SDP601 Datasheet
475Kb / 10P
   Accuracy better than 0.2% FS near zero
More results

Similar Description - SDP60N03L

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
SDPB55N03L ETC1-SDPB55N03L Datasheet
319Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
SamHop Microelectronics...
SDB65N03 SAMHOP-SDB65N03 Datasheet
417Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
SDP55N03L SAMHOP-SDP55N03L Datasheet
417Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
List of Unclassifed Man...
55N03L ETC1-55N03L Datasheet
415Kb / 5P
   N-Channel Logic Level E nhancement Mode Field E ffect Transistor
logo
SamHop Microelectronics...
SDP55N02 SAMHOP-SDP55N02 Datasheet
479Kb / 6P
   N-Channel E nhancement Mode Field E ffect Transistor
STU420S SAMHOP-STU420S Datasheet
940Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU3055L SAMHOP-STU3055L Datasheet
765Kb / 8P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
ST426S SAMHOP-ST426S Datasheet
175Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
STU426S SAMHOP-STU426S Datasheet
175Kb / 9P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
SDU40N03 SAMHOP-SDU40N03 Datasheet
386Kb / 5P
   N-Channel Logic Level E nhancement Mode F ield E ffect Transistor
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com