Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

RSBL-9 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # RSBL-9
Description  Using Permanent Magnet, High sensitivity Two Poles Signal Relay RSB RELAYS
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

RSBL-9 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  RSBL-9 Datasheet HTML 1Page - List of Unclassifed Manufacturers RSBL-9 Datasheet HTML 2Page - List of Unclassifed Manufacturers RSBL-9 Datasheet HTML 3Page - List of Unclassifed Manufacturers RSBL-9 Datasheet HTML 4Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
RSB RELAYS
2/4
SHINMEI ELECTRIC CO., LTD.
[]
Products Line (Single side stable , High sensitive type)(at 20 degree Celsius)
Model number
Nominal
Voltage
(VDC)
Pick-up
voltage
(VDC)
Drop-out
voltage
(VDC)
Coil resistance
(ohm)
Nominal
operating
current
(mA)
Electric power
consumption
(mW)
Max .allowable
voltage
(VDC)
RSB-3-S
3
45
66.7
5.9
RSB-5-S
5
125
40.0
9.8
RSB-6-S
6
180
33.3
11.7
RSB-9-S
9
406
22.2
17.7
RSB-12-S
12
720
16.6
23.5
RSB-24-S
24
2,880
8.3
47.1
RSB-48-S
48
70%
Max .of
nominal
voltage
10%
Min .of
nominal
voltage
11,520
4.2
200
94.3
[]
Products Line (2 coil latching , Standard type)(at 20 degree Celsius)
Model number
Nominal
Voltage
(VDC)
Set voltage
(VDC)
Reset voltage
(VDC)
Coil resistance
(ohm)
Nominal
operating
current
(mA)
Electric power
consumption
(mW)
Max .allowable
voltage
(VDC)
RSBL-3
3
25
120
4.6
RSBL-5
5
69.4
72
7.8
RSBL-6
6
100
60
9.3
RSBL-9
9
225
40
14.0
RSBL-12
12
400
30
18.7
RSBL-24
24
1,600
15
37.4
RSBL-48
48
70%
Max .of
nominal
voltage
70%
Min .of
nominal
voltage
6,400
7.5
360
74.8
[]
Products Line (2 coil latching , High sensitive type)(at 20 degree Celsius)
Model number
Nominal
Voltage
(VDC)
Set voltage
(VDC)
Reset voltage
(VDC)
Coil resistance
(ohm)
Nominal
operating
current
(mA)
Electric power
consumption
(mW)
Max .allowable
voltage
(VDC)
RSBL-3-S
3
50
60
5.8
RSBL-5-S
5
139
36
9.8
RSBL-6-S
6
200
30
11.8
RSBL-9-S
9
450
20
17.7
RSBL-12-S
12
800
15
23.6
RSBL-24-S
24
3,200
7.5
47.2
RSBL-48-S
48
70%
Max .of
nominal
voltage
70%
Min .of
nominal
voltage
12,800
3.8
180
94.4
[]
Products Line(1 coil latching , Standard type)(at 20 degree Celsius)
Model number
Nominal
Voltage
(VDC)
Set voltage
(VDC)
Reset voltage
(VDC)
Coil resistance
(ohm)
Nominal
operating
current
(mA)
Electric power
consumption
(mW)
Max .allowable
voltage
(VDC)
RSBK-3
3
25
120
4.6
RSBK-5
5
69.4
72
7.8
RSBK-6
6
100
60
9.3
RSBK-9
9
225
40
14.0
RSBK-12
12
400
30
18.7
RSBK-24
24
1,600
15
37.4
RSBK-48
48
70%
Max .of
nominal
voltage
70%
Min .of
nominal
voltage
6,400
7.5
360
74.8


Similar Part No. - RSBL-9

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
RSBL-9 ETC-RSBL-9 Datasheet
58Kb / 2P
   2 Pole relay suitable for signal circuits
logo
SHINMEI ELECTRIC CO., L...
RSBL-9 SHINMEI-RSBL-9 Datasheet
93Kb / 4P
   Using Permanent Magnet, High sensitivity Two Poles Signal Relay
RSBL-9-S SHINMEI-RSBL-9-S Datasheet
93Kb / 4P
   Using Permanent Magnet, High sensitivity Two Poles Signal Relay
logo
List of Unclassifed Man...
RSBL-9S ETC-RSBL-9S Datasheet
58Kb / 2P
   2 Pole relay suitable for signal circuits
More results

Similar Description - RSBL-9

ManufacturerPart #DatasheetDescription
logo
SHINMEI ELECTRIC CO., L...
RSB SHINMEI-RSB Datasheet
93Kb / 4P
   Using Permanent Magnet, High sensitivity Two Poles Signal Relay
logo
PIC GmbH
PIC-M0414 PIC-PIC-M0414 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M01707 PIC-PIC-M01707 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0625 PIC-PIC-M0625 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M02508 PIC-PIC-M02508 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0830 PIC-PIC-M0830 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0824 PIC-PIC-M0824 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M301211 PIC-PIC-M301211 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0310 PIC-PIC-M0310 Datasheet
20Kb / 1P
   Permanent Magnet
PIC-M0419 PIC-PIC-M0419 Datasheet
20Kb / 1P
   Permanent Magnet
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com