Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SFH9202 Datasheet(PDF) 4 Page - OSRAM GmbH

Part # SFH9202
Description  Reflexlichtschranke Reflective Interrupter
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OSRAM [OSRAM GmbH]
Direct Link  http://www.osram.com
Logo OSRAM - OSRAM GmbH

SFH9202 Datasheet(HTML) 4 Page - OSRAM GmbH

  SFH9202 Datasheet HTML 1Page - OSRAM GmbH SFH9202 Datasheet HTML 2Page - OSRAM GmbH SFH9202 Datasheet HTML 3Page - OSRAM GmbH SFH9202 Datasheet HTML 4Page - OSRAM GmbH SFH9202 Datasheet HTML 5Page - OSRAM GmbH SFH9202 Datasheet HTML 6Page - OSRAM GmbH SFH9202 Datasheet HTML 7Page - OSRAM GmbH SFH9202 Datasheet HTML 8Page - OSRAM GmbH SFH9202 Datasheet HTML 9Page - OSRAM GmbH Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
2007-04-03
4
SFH 9202
Reflexlichtschranke
Light Reflection Switch
Kollektor-Emitterstrom
Collector-emitter current
Kodak neutral white test card, 90% Reflexion
I
F = 10 mA; VCE = 5 V; d = 1 mm
I
CE min.
I
CE max
63
800
μA
μA
Kollektor-Emitter-Sättigungsspannung
Collector-emitter saturation voltage
Kodak neutral white test card, 90% Reflexion
I
F = 10 mA; d = 1 mm; IC = 20 μA
V
CE sat
0.15 (
≤ 0.6)
V
1)
Montage auf PC-Board mit > 5 mm
2 Padgrö
βe
1)
Mounting on pcb with > 5 mm
2 pad size
Kennwerte (
T
A = 25 °C)
Characteristics (cont’d)
Bezeichnung
Parameter
Symbol
Symbol
Wert
Value
Einheit
Unit
OHM02257
d
Reflector
with 90% reflexion
(Kodak neutral white
test card)


Similar Part No. - SFH9202

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH9201 OSRAM-SFH9201 Datasheet
104Kb / 10P
   Reflexlichtschranke Reflective Interrupter
SFH9201-2/3 OSRAM-SFH9201-2/3 Datasheet
104Kb / 10P
   Reflexlichtschranke Reflective Interrupter
SFH9201-3/4 OSRAM-SFH9201-3/4 Datasheet
104Kb / 10P
   Reflexlichtschranke Reflective Interrupter
SFH9206 OSRAM-SFH9206 Datasheet
482Kb / 15P
   Reflective Interrupter
SFH9206-4 OSRAM-SFH9206-4 Datasheet
482Kb / 15P
   Reflective Interrupter
More results

Similar Description - SFH9202

ManufacturerPart #DatasheetDescription
logo
OSRAM GmbH
SFH9201 OSRAM-SFH9201 Datasheet
104Kb / 10P
   Reflexlichtschranke Reflective Interrupter
SFH9210 OSRAM-SFH9210_05 Datasheet
111Kb / 10P
   Reflexlichtschranke mit VCSEL-Sender Reflective Interrupter with VCSEL-Emitter
SFH7740 OSRAM-SFH7740 Datasheet
432Kb / 14P
   Reflexlichtschranke Reflective Optical Switch
logo
Everlight Electronics C...
ITR9907 EVERLIGHT-ITR9907 Datasheet
274Kb / 8P
   Reflective Interrupter
logo
OSRAM GmbH
SFH-9202 OSRAM-SFH-9202 Datasheet
297Kb / 15P
   Reflective Interrupter
SFH9206 OSRAM-SFH9206 Datasheet
482Kb / 15P
   Reflective Interrupter
SFH-9201 OSRAM-SFH-9201 Datasheet
288Kb / 15P
   Reflective Interrupter
SFH-9206 OSRAM-SFH-9206 Datasheet
482Kb / 15P
   Reflective Interrupter
logo
KODENSHI_AUK CORP.
KPI-3020R KODENSHI-KPI-3020R Datasheet
102Kb / 1P
   Photo Interrupter(Reflective)
logo
OSRAM GmbH
SFH-9245 OSRAM-SFH-9245 Datasheet
195Kb / 14P
   Reflective Interrupter with Schmitt-Trigger
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com