Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR0602-470K Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SDR0602-470K
Description  SMD High Power Inductor
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDR0602-470K Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SDR0602-470K Datasheet HTML 1Page - List of Unclassifed Manufacturers SDR0602-470K Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SDR0602 Series - SMD High Power Inductor
Features
Available in E12 series
Unit height of 2.2 mm
Current up to 1.5 A
High Q level
Lead free version available (see How to
Order)
Lead free versions are RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
Portable communication equipment
Camcorders
LCD TVs
Car radios
Electrical Specifications
Product Dimensions
5.8 ± 0.2
(.229 ± .008)
2.2 ± 0.2
(.087 ± .008)
5.0 ± 0.2
(.196 ± .008)
1.4
(.055)
TYP.
2
1
4
3
1.4
(.055)
TYP.
General Specifications
Test Voltage ....................................1 Volt
Reflow Soldering .....260 ˚C, 50 sec max.
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature ..-40 °C to +125 °C
Packaging .....................800 pcs. per reel
Resistance to Soldering Heat
..................................260 °C for 5 sec.
Materials
Core Material...........................Ferrite DQ
Wire ............................Enameled Copper
Terminal ......................See How to Order
Rated Current ...Ind. drop 10 % typ. at Isat
Temperature Rise ...40 ˚C max at rated Irms
Recommended Layout
Electrical Schematic
6.0
(.236)
5.2
(.204)
1.5
(.059)
Typical Part Marking
3
4
1
2
470
Marking dot between terminal 1 and 4
4
1
Winding Start
Inductance 1kHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(
µ
µH)
Tol. %
Ref.
Frequency
Min.
(
Ω)
Max.
Typ.
(MHz)
(MHz)
(A)
(A)
SDR0602-2R7M_
2.7
± 20
20
7.96
40
0.12
1.50
2.10
SDR0602-3R9M_
3.9
± 20
20
7.96
40
0.13
1.40
1.90
SDR0602-4R7M_
4.7
± 20
20
7.96
35
0.15
1.30
1.80
SDR0602-5R6M_
5.6
± 20
18
7.96
30
0.17
1.20
1.60
SDR0602-6R8M_
6.8
± 20
18
7.96
28
0.18
1.15
1.55
SDR0602-8R2M_
8.2
± 20
15
7.96
27
0.20
1.10
1.43
SDR0602-100M_
10
± 20
50
2.52
25
0.24
1.00
1.32
SDR0602-120M_
12
± 20
45
2.52
21
0.26
0.90
1.17
SDR0602-150M_
15
± 20
45
2.52
20
0.28
0.80
1.10
SDR0602-180M_
18
± 20
45
2.52
18
0.30
0.75
1.07
SDR0602-220M_
22
± 20
45
2.52
16
0.40
0.70
0.90
SDR0602-270M_
27
± 20
40
2.52
15
0.45
0.65
0.83
SDR0602-330K_
33
± 10
35
2.52
12
0.50
0.60
0.73
SDR0602-390K_
39
± 10
32
2.52
12
0.65
0.55
0.68
SDR0602-470K_
47
± 10
30
2.52
11
0.68
0.50
0.62
SDR0602-560K_
56
± 10
30
2.52
10
0.78
0.45
0.57
SDR0602-680K_
68
± 10
27
2.52
9
0.85
0.40
0.52
SDR0602-820K_
82
± 10
27
2.52
8
1.30
0.35
0.46
SDR0602-101K_
100
±10
50
0.796
7
1.52
0.32
0.42
SDR0602-121K_
120
± 10
50
0.796
6
1.65
0.30
0.38
SDR0602-151K_
150
± 10
60
0.796
6
2.00
0.26
0.24
SDR0602-181K_
180
± 10
55
0.796
5
2.30
0.23
0.32
SDR0602-221K_
220
± 10
55
0.796
5
2.50
0.20
0.29
SDR0602-271K_
270
± 10
55
0.796
4
2.85
0.18
0.26
SDR0602-331K_
330
± 10
55
0.796
4
3.80
0.16
0.22
SDR0602-391K_
390
± 10
55
0.796
3
4.20
0.15
0.20
SDR0602-471K_
470
± 10
55
0.796
3
5.00
0.14
0.18
SDR0602-561K_
560
± 10
55
0.796
3
6.20
0.12
0.14
Multiple winding possible (up to two windings).
How to Order
SDR0602 - 100M __
Model
Value/Tolerance: from table
Termination
L = Ag/Ni/Sn
Blank = Ag/Ni/SnPb
DIMENSIONS:
MM
(INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.


Similar Part No. - SDR0602-470K

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR0603 BOURNS-SDR0603 Datasheet
167Kb / 2P
   SMD Power Inductors
SDR0603 BOURNS-SDR0603 Datasheet
131Kb / 2P
   SMD Power Inductors
SDR0603-100ML BOURNS-SDR0603-100ML Datasheet
167Kb / 2P
   SMD Power Inductors
SDR0603-100ML BOURNS-SDR0603-100ML Datasheet
131Kb / 2P
   SMD Power Inductors
SDR0603-101KL BOURNS-SDR0603-101KL Datasheet
167Kb / 2P
   SMD Power Inductors
More results

Similar Description - SDR0602-470K

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDH5D16 SUMIDA-CDH5D16 Datasheet
169Kb / 2P
   SMD Power Inductor SMD Power Inductor
logo
Allied Components Inter...
PCSE15Q8 ALLIED-PCSE15Q8 Datasheet
926Kb / 1P
   SMD Power Inductor
logo
Sumida Corporation
CDRH127HP SUMIDA-CDRH127HP Datasheet
338Kb / 5P
   SMD Power Inductor
CDRH125L125 SUMIDA-CDRH125L125_14 Datasheet
264Kb / 5P
   SMD Power Inductor
CDRH30D14R SUMIDA-CDRH30D14R_14 Datasheet
206Kb / 3P
   SMD Power Inductor
CDRH4D18 SUMIDA-CDRH4D18_14 Datasheet
272Kb / 5P
   SMD Power Inductor
CDRH4D16FB SUMIDA-CDRH4D16FB_14 Datasheet
161Kb / 4P
   SMD Power Inductor
CDRH4D14 SUMIDA-CDRH4D14_14 Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH2D11HP SUMIDA-CDRH2D11HP_14 Datasheet
160Kb / 2P
   SMD Power Inductor
CDRH2D09C SUMIDA-CDRH2D09C_14 Datasheet
167Kb / 4P
   SMD Power Inductor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com