Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SI5364 Datasheet(PDF) 1 Page - Silicon Laboratories

Part # SI5364
Description  SONET/SDH PRECISION PORT CARD CLOCK IC
Download  40 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SILABS [Silicon Laboratories]
Direct Link  http://www.silabs.com
Logo SILABS - Silicon Laboratories

SI5364 Datasheet(HTML) 1 Page - Silicon Laboratories

  SI5364 Datasheet HTML 1Page - Silicon Laboratories SI5364 Datasheet HTML 2Page - Silicon Laboratories SI5364 Datasheet HTML 3Page - Silicon Laboratories SI5364 Datasheet HTML 4Page - Silicon Laboratories SI5364 Datasheet HTML 5Page - Silicon Laboratories SI5364 Datasheet HTML 6Page - Silicon Laboratories SI5364 Datasheet HTML 7Page - Silicon Laboratories SI5364 Datasheet HTML 8Page - Silicon Laboratories SI5364 Datasheet HTML 9Page - Silicon Laboratories Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 40 page
background image
Rev. 2.2 7/04
Copyright © 2004 by Silicon Laboratories
Si5364
Si5364
SONET/SDH PRECISION PORT CARD CLOCK IC
Features
Applications
Description
The Si5364 is a complete solution for ultra-low jitter high-speed clock generation and
distribution in precision clocking applications, such as OC-192/OC-48 SONET/SDH line/
port cards. This device phase locks to one of three reference inputs in the range of
19.44 MHz and generates four synchronous clock outputs that can be independently
configured for operation in the 19, 155, or 622 MHz range (1, 8, and 32x input clock).
Silicon Laboratories DSPLL™ technology delivers phase-locked loop (PLL) functionality
with unparalleled performance while eliminating external loop filter components,
providing programmable loop parameters, and simplifying design. The on-chip reference
monitoring and clock switching functions support Stratum 3/3E and SMC compatible
clock switching with excellent output phase transient characteristics. FEC rates are
supported with selectable 255/238 or 238/255 scaling of the clock multiplication ratios.
The Si5364 establishes a new standard in performance and integration for ultra-low jitter
clock generation. It operates from a single 3.3 V supply.
Functional Block Diagram
Ultra-low jitter clock outputs with jitter
generation as low as 0.3 psRMS
No external components (other than a
resistor and standard bypassing)
Up to three clock inputs
Four independent clock outputs at 19,
155, or 622 MHz
Stratum 3, 3E, and SMC compatible
Digital hold for loss-of-input clock
Automatic or manually-controlled hitless
switching between clock inputs
Revertive/non-revertive switching
Loss-of-signal and frequency offset
alarms for each clock input
Support for forward and reverse FEC
clock scaling
8 kHz frame sync output
Low power
Small size (11x11 mm)
SONET/SDH line/port cards
Terabit routers
Core switches
Digital cross connects
FRQSEL_1[1:0]
CLKOUT_1+
CLKOUT_1–
2
2
2
2
DSBLFSYNC
FSYNC
MANCNTRL[1:0]
VALTIME
A_ACTV
LOS_A
FOS_A
LOS_B
FOS_B
LOS_F
REF/CLKIN_F+
REF/CLKIN_F–
CLKIN_B+
CLKIN_B–
CLKIN_A+
CLKIN_A–
AUTOSEL
CAL_ACTV
Signal
Detection,
Selection,
& Control
2
2
2
SMC/S3N
DSBLFOS
RVRT
B_ACTV
F_ACTV
DH_ACTV
RSTN/CAL
FEC[1:0]
BWSEL[1:0]
2
CLKOUT_2+
CLKOUT_2–
CLKOUT_3+
CLKOUT_3–
CLKOUT_4+
CLKOUT_4–
FRQSEL_2[1:0]
FRQSEL_3[1:0]
FRQSEL_4[1:0]
SYNCIN
Biasing & Supply
REXT
VSEL33
VDD
GND
÷
÷
÷
÷
÷
2
SiLECTTM
Switching
DSPLLTM
FXDDELAY
INCDELAY
DECDELAY
Ordering Information:
See page 36.
Si5364
Bottom View


Similar Part No. - SI5364

ManufacturerPart #DatasheetDescription
logo
Solid State Optronic
SI5364-EVB SSOUSA-SI5364-EVB Datasheet
1Mb / 14P
   EVALUATION BOARD FOR Si5364 SONET/SDH PRECISION PORT CARD CLOCK IC
logo
Silicon Laboratories
SI5364-EVB SILABS-SI5364-EVB Datasheet
1Mb / 14P
   Differential inputs terminated on board
More results

Similar Description - SI5364

ManufacturerPart #DatasheetDescription
logo
Silicon Laboratories
SI5321 SILABS-SI5321 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
List of Unclassifed Man...
SI5318 ETC-SI5318 Datasheet
593Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5321 ETC-SI5321 Datasheet
606Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 ETC1-SI5320 Datasheet
538Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Silicon Laboratories
SI5318 SILABS-SI5318 Datasheet
598Kb / 30P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
SI5320 SILABS-SI5320 Datasheet
1Mb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Skyworks Solutions Inc.
SI5321 SKYWORKS-SI5321 Datasheet
625Kb / 34P
   SONET/SDH PRECISION CLOCK MULTIPLIER IC
Revision 2.0 to Revision 2.1
logo
Solid State Optronic
SI5364-EVB SSOUSA-SI5364-EVB Datasheet
1Mb / 14P
   EVALUATION BOARD FOR Si5364 SONET/SDH PRECISION PORT CARD CLOCK IC
logo
List of Unclassifed Man...
SI5320-EVB ETC1-SI5320-EVB Datasheet
754Kb / 18P
   EVALUATION BOARD FOR Si5320 SONET/SDH PRECISION CLOCK MULTIPLIER IC
logo
Zarlink Semiconductor I...
ZL30406 ZARLINK-ZL30406_06 Datasheet
249Kb / 21P
   SONET/SDH Clock Multiplier PLL
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com