Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK-312 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SK-312
Description  LIGHTING ARRESTERS FOR 3-WIRE SENSORS
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SK-312 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SK-312 Datasheet HTML 1Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
ARRE X
SOCKET
ELEMENT
LIGHTING ARRESTERS
FOR 3-WIRE SENSORS
MODEL
SK-312
TYPICAL APPLICATIONS
COMMOM SPECIFICATIONS
INSTALLATION
¡¤
Three-Wire Sensors or transmitter for instance
Potentiometer/Resistance Temperature
Construction: plug-in
Housing material: plastic (black)
Operating temperature: -10 to +60¡É
Operating humidity: 90%RH(non-condensing)
Mounting: WALL or DIN rail
Size: W28.5X H71X D78.5
Weight: 72g
The Vector Lightning Arrester Model SK-312 is designed specifically
for 3-wire sensors transmitter. Lightning surges damage that enters into
wiring between the potentiometter/RTD and transmitter will be absorbed
by the SK-312, thus will protect the potentiometer and transmitter.
D1
D2
SG
6
5
7
4
3
1
TO EQUIPMENT
-+
+-
COM
L2
L1
COM
-+
+-
SG
TO CABLE
DISCHARGE
FG
2
8
GROUND
FRAME
EARTH
E
ELEMENTS
(<100
)
§Ù
TOP VIEW
HOLE
2-4.5X6
(0.18X0.24)
(0.14X0.31)
SCREW
8-M3, 5X8
28.5(1.12)
1
2
3
4
5
6
7
8
TERMINAL
8(0.31)
ELEMENT
SOCKET
(0.24)
65(2.56)
6
DIMENSIONS [Scale: mm(inch)]
30(1.18)
FIXTURE SIZE
19(0.75)
HOLE
4.5(0.18)
SPECIFICATIONS
SOCKET
DESCRIPTIONS
SCHEMATIC CIRCUITRY
PARTICULAR
DATA
Model
Discharge Voltage
Maximum Leakage
Current
Max. surge Voltage
Discharge Current Capacity
Response Time
Internal Series Resistance
Max. Load Current
btwn L-SG
btwn
L or SG-E
SK-312
¡¾
16V
5§Ë (at 16VDC)
1mA (at 135VDC)
¡¾
34V(8x20§Á )
250V (8x20§Á )
3500A(8x20§Á )
<0.001nsec
<1¥ì sec
Approx. 0.1¥Ø (including return)
100mA
¡¤
DIN rail or wall mount
Compact and light-weight
No interruption of transmission when unplugging the arrester element
Lightning surges are absorbed toa large extent. The SK-312 has
high responsiveness
¡¤
¡¤
¡¤
¡¤
Plug-in structure
Model: PTF08A-B
btwn L-SG
btwn
L or SG-E
btwn L-SG
btwn
L or SG-E
btwn L-SG
TEL: (0331)245-6001(REF)
FAX: (0331)245-6182
ARREX-SERIES


Similar Part No. - SK-312

ManufacturerPart #DatasheetDescription
logo
4D Systems Pty Ltd
SK-32PTU 4DSYSTEMS-SK-32PTU Datasheet
3Mb / 22P
   3.2 microLCD PICASO Display
12th MARCH 2019/REVISION: 2.3
SK-32PTU-AR 4DSYSTEMS-SK-32PTU-AR Datasheet
3Mb / 22P
   3.2 microLCD PICASO Display
12th MARCH 2019/REVISION: 2.3
logo
FOTEK CONTROLS CO., LTD...
SK-3D FOTEK-SK-3D Datasheet
111Kb / 1P
   POWER ON RESET PRESET DIGITAL COUNTER
More results

Similar Description - SK-312

ManufacturerPart #DatasheetDescription
logo
Kingtronics Internation...
SKT-SURGE-ARRESTERS KINGTRONICS-SKT-SURGE-ARRESTERS Datasheet
1Mb / 4P
   SKT - Surge Arresters 3-Electrode Ceramic Surge Arrester
logo
PHOENIX CONTACT
2788896 PHOENIX-2788896 Datasheet
53Kb / 3P
   Housing for mounting surge voltage arresters
logo
NTE Electronics
15040-ECG NTE-15040-ECG Datasheet
31Kb / 1P
   Surge Arresters
logo
EPCOS
EC90XN EPCOS-EC90XN Datasheet
538Kb / 6P
   SURGE ARRESTERS
logo
List of Unclassifed Man...
CG2145L ETC2-CG2145L Datasheet
322Kb / 4P
   TWO ELECTRODE SURGE ARRESTERS
logo
Littelfuse
SL1024A LITTELFUSE-SL1024A Datasheet
203Kb / 3P
   Gas Plasma Arresters
logo
NTE Electronics
NTE15040-ECG NTE-NTE15040-ECG Datasheet
21Kb / 1P
   Surge Arresters (Gas Filled)
logo
Kingtronics Internation...
SMD5076 KINGTRONICS-SMD5076 Datasheet
184Kb / 1P
   Gas Tube Surge Arresters
logo
ON Semiconductor
NCL30086 ONSEMI-NCL30086 Datasheet
378Kb / 28P
   Controller for LED Lighting
February, 2015 ??Rev. 2
logo
Balluff Korea Ltd.
BAE00C5 BALLUFF-BAE00C5 Datasheet
103Kb / 2P
   Lighting for Vision Systems
0.67_2021-10-12
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com