Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SK2111AXFT Datasheet(PDF) 4 Page - Semtech Corporation

Part # SK2111AXFT
Description  1:10 DIFFERENTIAL LVDS CLOCK DRIVER
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

SK2111AXFT Datasheet(HTML) 4 Page - Semtech Corporation

  SK2111AXFT Datasheet HTML 1Page - Semtech Corporation SK2111AXFT Datasheet HTML 2Page - Semtech Corporation SK2111AXFT Datasheet HTML 3Page - Semtech Corporation SK2111AXFT Datasheet HTML 4Page - Semtech Corporation SK2111AXFT Datasheet HTML 5Page - Semtech Corporation SK2111AXFT Datasheet HTML 6Page - Semtech Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
Revision 3 / April 24, 2003
4
www.semtech.com
TEST AND MEASUREMENT PRODUCTS
SK2111
SK2111 Power Supply DC Electrical Characteristics
DC Characteristics (continued)
SK2111 LVDS Input/Output DC Electrical Characteristics
l
o
b
m
y
Ss
c
it
s
ir
e
t
c
a
r
a
h
C
0
4
-
=
A
T
oC0
=
A
T
oC5
2
=
A
T
oC5
8
=
A
T
oC
s
ti
n
U
n
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
M
V HI
e
g
a
tl
o
V
h
g
i
H
t
u
p
n
I9
.
06
.
29
.
06
.
29
.
06
.
29
.
06
.
2V
V LI
e
g
a
tl
o
V
w
o
L
t
u
p
n
I5
6
.
04
.
25
6
.
04
.
25
6
.
04
.
25
6
.
04
.
2V
V H
O
e
g
a
tl
o
V
h
g
i
H
t
u
p
t
u
O5
2
.
18
.
15
2
.
18
.
15
2
.
18
.
15
2
.
18
.
1V
V L
O
e
g
a
tl
o
V
w
o
L
t
u
p
t
u
O5
9
.
05
.
15
9
.
05
.
15
9
.
05
.
15
9
.
05
.
1V
P
P
V
t
u
p
n
I
k
a
e
P
-
o
t-
k
a
e
P
g
n
i
w
S
1
.
00
.
11
.
00
.
11
.
00
.
11
.
00
.
1V
V
D
T
U
O
e
g
a
tl
o
V
k
a
e
p
-
o
t-
k
a
e
P
1
5
2
.
05
3
.
07
4
.
05
2
.
07
3
.
07
4
.
05
2
.
09
3
.
07
4
.
05
2
.
04
.
07
4
.
0V
V F
E
R
e
g
a
tl
o
V
e
c
n
e
r
e
f
e
R
S
D
V
L1
.
12
.
13
.
11
.
12
.
13
.
11
.
12
.
13
.
11
.
12
.
13
.
1V
R NI
e
c
n
a
d
e
p
m
I
t
u
p
n
I0
85
90
2
10
80
0
10
2
10
85
0
10
2
10
80
1
10
2
1
l
o
b
m
y
Ss
c
it
s
ir
e
t
c
a
r
a
h
C
0
4
-
=
A
T
oC0
=
A
T
oC5
2
=
A
T
oC5
8
=
A
T
oC
s
ti
n
U
n
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
Mn
i
Mp
y
Tx
a
M
I C
C
t
n
e
r
r
u
C
y
l
p
p
u
S
l
a
t
o
T
4
0
2
15
6
10
3
20
2
15
7
10
3
20
2
15
8
10
3
20
2
10
9
10
3
2A
m
(VCC = 3.0V to 3.6V, VEE = 0V)
(VCC = 3.0V to 3.6V, VEE = 0V)


Similar Part No. - SK2111AXFT

ManufacturerPart #DatasheetDescription
logo
Nanjing International G...
SK210 DGNJDZ-SK210 Datasheet
133Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
logo
Surge Components
SK210 SURGE-SK210 Datasheet
84Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER VOLTAGE - 20 to 100 Volts CURRENT - 2.0 Amperes????
logo
Micro Commercial Compon...
SK210 MCC-SK210 Datasheet
275Kb / 4P
   2 Amp Schottky Rectifier 20 to 100 Volts
logo
Shenzhen Yixinwei Techn...
SK210 YIXIN-SK210 Datasheet
112Kb / 2P
   SURFACE MOUNT SCHOTTKY BARRIER RECTIFIER
logo
Nanjing International G...
SK210 DGNJDZ-SK210 Datasheet
97Kb / 2P
   2.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS
More results

Similar Description - SK2111AXFT

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
STLVD111 STMICROELECTRONICS-STLVD111 Datasheet
266Kb / 12P
   PROGRAMMABLE LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK DRIVER
STLVD111 STMICROELECTRONICS-STLVD111_07 Datasheet
287Kb / 19P
   Programmable low voltage 1:10 differential LVDS clock driver
STLVD210 STMICROELECTRONICS-STLVD210 Datasheet
155Kb / 9P
   DIFFERENTIAL LVDS CLOCK DRIVER
logo
ON Semiconductor
MC100EP210S ONSEMI-MC100EP210S_11 Datasheet
144Kb / 8P
   1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
MC100EP210S ONSEMI-MC100EP210S_06 Datasheet
96Kb / 7P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
March, 2006 ??Rev. 8
MC100EP210SFATWG ONSEMI-MC100EP210SFATWG Datasheet
144Kb / 8P
   2.5V 1:5 Dual Differential LVDS Compatible Clock Driver
June, 2011 ??Rev. 10
NB3N111K ONSEMI-NB3N111K Datasheet
130Kb / 9P
   3.3V Differential 1:10 Fanout Clock Driver
April, 2012 ??Rev. 5
logo
Motorola, Inc
MC100ES7111 MOTOROLA-MC100ES7111 Datasheet
129Kb / 8P
   LOW VOLTAGE 1:10 DIFFERENTIAL LVDS CLOCK FANOUT BUFFER
logo
Texas Instruments
CDCLVD110 TI-CDCLVD110 Datasheet
144Kb / 10P
[Old version datasheet]   PROGRAMMABLE LOW-VOLTAGE 1:10 LVDS CLOCK DRIVER
logo
Analog Devices
ADN4670 AD-ADN4670 Datasheet
170Kb / 12P
   Programmable Low Voltage 1:10 LVDS Clock Driver
REV. 0
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com