Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMJ44C251 Datasheet(PDF) 6 Page - Texas Instruments

Part # SMJ44C251
Description  262144 BY 4-BIT MULTIPORT VIDEO RAM
Download  53 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

SMJ44C251 Datasheet(HTML) 6 Page - Texas Instruments

Back Button SMJ44C251 Datasheet HTML 2Page - Texas Instruments SMJ44C251 Datasheet HTML 3Page - Texas Instruments SMJ44C251 Datasheet HTML 4Page - Texas Instruments SMJ44C251 Datasheet HTML 5Page - Texas Instruments SMJ44C251 Datasheet HTML 6Page - Texas Instruments SMJ44C251 Datasheet HTML 7Page - Texas Instruments SMJ44C251 Datasheet HTML 8Page - Texas Instruments SMJ44C251 Datasheet HTML 9Page - Texas Instruments SMJ44C251 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 53 page
background image
SMJ44C251B
262144 BY 4-BIT
MULTIPORT VIDEO RAM
SGMS058A – MARCH 1995 – REVISED JUNE 1995
6
POST OFFICE BOX 1443
HOUSTON, TEXAS 77251–1443
output enable / transfer select ( TRG)
TRG selects either DRAM or transfer operation as RAS falls. For DRAM operation, TRG must be held high as
RAS falls. During DRAM operation, TRG functions as an output enable for the DRAM outputs DQ0 – DQ3. For
transfer operation, TRG must be brought low before RAS falls.
write-mask select, write enable ( W )
In DRAM operation, W enables data to be written to the DRAM. W is also used to select the DRAM write-per-bit
mode. Holding W low on the falling edge of RAS invokes the write-per-bit operation. The SMJ44C251B supports
both the normal write-per-bit mode and the persistent write-per-bit mode.
For transfer operation, W selects either a read-transfer operation (DRAM to SAM) or a write-transfer operation
(SAM to DRAM). During a transfer cycle, if W is high when RAS falls, a read transfer occurs; if W is low, a write
transfer occurs.
special function select (DSF)
DSF is latched on the falling edge of RAS or CAS, similar to an address. DSF determines which of the following
functions are invoked on a particular cycle:
D Persistent write-per-bit
D Block write
D Split-register transfer read
D Mask-register load for the persistent write-per-bit mode
D Color-register load for the block-write mode
DRAM data I/O, write-mask data (DQ0 – DQ3)
DRAM data is written via DQ terminals during a write or read-modify-write cycle. In an early-write cycle, W is
brought low prior to CAS and the data is strobed in by CAS with data setup and hold times referenced to this
signal. In a delayed-write or read-modify-write cycle, W is brought low after CAS and the data is strobed in by
W with data setup and hold times referenced to this signal.
The 3-state DQ output buffers provide direct TTL compatibility (no pullup resistors) with a fanout of two Series
54 TTL loads. Data out is the same polarity as data in. The outputs are in the high-impedance (floating) state
as long as CAS and TRG are held high. Data does not appear at the outputs until both CAS and TRG are brought
low. Once the outputs are valid, they remain valid while CAS and TRG are low. CAS or TRG going high returns
the outputs to the high-impedance state. In a register-transfer operation, the DQ outputs remain in the
high-impedance state for the entire cycle.
The write-per-bit mask is latched into the device via the random DQ terminals by the falling edge of RAS. This
mask selects which of the four random I/Os are written.
serial data I/O (SDQ0 – SDQ3)
Serial inputs and serial outputs share common I/O terminals. Serial-input or serial-output mode is determined
by the previous transfer cycle. If the previous transfer cycle was a read transfer, the data register is in
serial-output mode. While in serial-output mode, data in SAM is accessed from the least significant bit to the
most significant bit. The data registers operate modulo 512; so after bit 511 is accessed, the next bits to be
accessed are 00, 01, 02, etc. If the previous transfer cycle was either a write transfer or a pseudo transfer, the
data register is in serial-input mode and signal data can be input to the register.
serial clock (SC)
Serial data is accessed in or out of the data register on the rising edge of SC. The SMJ44C251B is designed
to work with a wide range of clock-duty cycles to simplify system design. There is no refresh requirement
because the data registers that comprise the SAM are static. There is also no minimum SC clock operating
frequency.


Similar Part No. - SMJ44C251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
logo
Austin Semiconductor
SMJ44C251B AUSTIN-SMJ44C251B Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
SMJ44C251B-10HJM AUSTIN-SMJ44C251B-10HJM Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
SMJ44C251B-10HMM AUSTIN-SMJ44C251B-10HMM Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
SMJ44C251B-10JDM AUSTIN-SMJ44C251B-10JDM Datasheet
1Mb / 57P
   256K X 4 VRAM 256K x 4 DRAM with 512K x 4 SAM
More results

Similar Description - SMJ44C251

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
SMJ44C251B TI-SMJ44C251B Datasheet
930Kb / 53P
[Old version datasheet]   262144 BY 4-BIT MULTIPORT VIDEO RAM
TMS55165 TI-TMS55165 Datasheet
1Mb / 70P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55166 TI-SMJ55166 Datasheet
1Mb / 62P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
SMJ55161 TI-SMJ55161 Datasheet
1Mb / 64P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAM
TMS55160 TI-TMS55160 Datasheet
1Mb / 67P
[Old version datasheet]   262144 BY 16-BIT MULTIPORT VIDEO RAMS
logo
Austin Semiconductor
SM55161A AUSTIN-SM55161A Datasheet
1Mb / 64P
   262144 x 16 BIT VRAM MULTIPORT VIDEO RAM
logo
Hitachi Semiconductor
HM53461 HITACHI-HM53461 Datasheet
781Kb / 13P
   65,536-WORD x 4-BIT MULTIPORT CMOS VIDEO RAM
logo
Mitsubishi Electric Sem...
M5M44258BP MITSUBISHI-M5M44258BP Datasheet
1Mb / 18P
   STATIC COLUMN MODE 1048576-BIT (262144-WORD BY 4-BIT) DYNAMIC RAM
logo
Renesas Technology Corp
M5M5256DFP-70LL RENESAS-M5M5256DFP-70LL Datasheet
160Kb / 8P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
logo
Mitsubishi Electric Sem...
M5M5256DP-45LL MITSUBISHI-M5M5256DP-45LL Datasheet
63Kb / 7P
   262144-BIT (32768-WORD BY 8-BIT) CMOS STATIC RAM
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com