Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SMOS48N50 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SMOS48N50
Description  POWER MOSFETS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SMOS48N50 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SMOS48N50 Datasheet HTML 1Page - List of Unclassifed Manufacturers SMOS48N50 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SMOS44N50, SMOS48N50
Power MOSFETs
G=Gate, D=Drain,S=Source
Symbol
Unit
VDSS
TJ=25
oC to 150oC
VDGR
TJ=25
oC to 150oC; RGS=1M
VGS
Continuous
VGSM
Transient
ID25
TC=25
oC
44N50
48N50
IDM
TC=25
oC; pulse width limited by TJM
44N50
48N50
IAR
TC=25
oC
EAR
TC=25
oC
mJ
dv/dt
IS
IDM; di/dt
100A/us; VDD
VDSS'
V/ns
TJ
150
oC; RG=2
PD
TC=25
oC
W
TJ
TJM
oC
Tstg
TL
1.6mm(0.063 in.) from case for 10s
oC
Md
Nm/Ib.in.
W eight
g
192
24
1.5/13
-
520
5
30
30
V
±20
±30
A
A
A
44
48
176
V
Maximum Ratings
Test Conditions
500
500
150
-55...+150
-55...+150
Dim.
Millimeter
Inches
Min.
Max.
Min.
Max.
A
31.50
31.88
1.240
1.255
B
7.80
8.20
0.307
0.323
C
4.09
4.29
0.161
0.169
D
4.09
4.29
0.161
0.169
E
4.09
4.29
0.161
0.169
F
14.91
15.11
0.587
0.595
G
30.12
30.30
1.186
1.193
H
37.80
38.20
1.489
1.505
J
11.68
12.22
0.460
0.481
K
8.92
9.60
0.351
0.378
L
0.76
0.84
0.030
0.033
M
12.60
12.85
0.496
0.506
N
25.15
25.42
0.990
1.001
O
1.98
2.13
0.078
0.084
P
4.95
5.97
0.195
0.235
Q
26.54
26.90
1.045
1.059
R
3.94
4.42
0.155
0.174
S
4.72
4.85
0.186
0.191
T
24.59
25.07
0.968
0.987
U
-0.05
0.1
-0.002
0.004
V
3.30
4.57
0.130
0.180
W
0.780
0.830
19.81
21.08
S
G
D
S
Dimensions SOT-227(ISOTOP)
Mounting torque
Terminal connection torque
1.5/13
VISOL
50/60Hz,RMS
t=1 min
IISOL 1mA
t=1 s
2500
3000
V~


Similar Part No. - SMOS48N50

ManufacturerPart #DatasheetDescription
logo
Sirectifier Semiconduct...
SMOS48N50 SIRECTIFIER-SMOS48N50 Datasheet
187Kb / 2P
   Power MOSFETs
SMOS48N50D2 SIRECTIFIER-SMOS48N50D2 Datasheet
183Kb / 2P
   Power MOSFETs
SMOS48N50D3 SIRECTIFIER-SMOS48N50D3 Datasheet
183Kb / 2P
   Power MOSFETs
More results

Similar Description - SMOS48N50

ManufacturerPart #DatasheetDescription
logo
IXYS Corporation
IXFH21N50 IXYS-IXFH21N50 Datasheet
562Kb / 4P
   HiPerFET Power MOSFETs MOSFETs
logo
Sensitron
SHD218413 SENSITRON-SHD218413 Datasheet
42Kb / 2P
   POWER MOSFETS
logo
List of Unclassifed Man...
ECG2399 ETC1-ECG2399 Datasheet
115Kb / 1P
   Power MOSFETS
logo
IXYS Corporation
IXFT16N120P IXYS-IXFT16N120P_V01 Datasheet
135Kb / 6P
   Power MOSFETs
IXFT6N100F IXYS-IXFT6N100F Datasheet
820Kb / 4P
   Power MOSFETs
IXFV52N30P IXYS-IXFV52N30P_V01 Datasheet
195Kb / 6P
   Power MOSFETs
logo
Vishay Siliconix
SIHF9630 VISHAY-SIHF9630_V01 Datasheet
153Kb / 9P
   Power MOSFETS
02-Oct-12
logo
List of Unclassifed Man...
SMOS21N50 ETC-SMOS21N50 Datasheet
141Kb / 2P
   Power MOSFETs
logo
Sirectifier Semiconduct...
SMOS21N50 SIRECTIFIER-SMOS21N50 Datasheet
143Kb / 2P
   Power MOSFETs
logo
IXYS Corporation
IXFK33N50 IXYS-IXFK33N50_V01 Datasheet
202Kb / 3P
   Power MOSFETs
logo
Vishay Siliconix
SIHFBC30AL VISHAY-SIHFBC30AL_V01 Datasheet
274Kb / 12P
   Power MOSFETs
09-Jul-2021
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com