Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SR315 Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SR315
Description  315.00 MHz One-Port SAW Resonator
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SR315 Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SR315 Datasheet HTML 1Page - List of Unclassifed Manufacturers SR315 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
315.00 MHz One-Port SAW Resonator
Phone: +86 10 6301 4184
Fax: +86 10 6301 9167
Email: sales@vanlong.com
Web: http://www.vanlong.com
© 2004 by Vanlong Technology Co., Ltd.
S R 3 1 5
Ideal for 315.00 MHz Transmitters
Very Low Insertion Loss
Quartz Stability
Rugged, Hermetic, Low Profile TO-39 Package
Absolute Maximum Rating (Ta=25
°C)
Parameter
Rating
Unit
CW RF Power Dissipation
P
0
dBm
DC Voltage
VDC
±30
V
Operating Temperature Range
TA
-10 ~ +60
°C
Storage Temperature Range
Tstg
-40 ~ +85
°C
Electronic Characteristics
Parameter
Sym
Minimum
Typical
Maximum
Unit
Frequency (25
°C)
Nominal Frequency
Tolerance from 315.00 MHz
fC
f
C
NS
-
315.00
-
NS
± 75
MHz
KHz
Insertion Loss
IL
-
1.5
2.0
dB
Quality Factor
Unloaded Q-Value
50
Ω Loaded Q-Value
QU
QL
-
-
12,500
2,000
-
-
-
-
Temperature Stability
Turnover Temperature
Turnover Frequency
Frequency Temperature Coefficient
TO
fO
FTC
25
-
-
-
fc
-0.032
55
-
-
°C
KHz
ppm/
°C2
Frequency Aging
Absolute Value during the First Year
|f
A|
-
-
10
ppm/yr
DC Insulation Resistance Between any Two Pins
-
1.0
-
-
M
RF Equivalent RLC Model
Motional Resistance
Motional Inductance
Motional Capacitance
Pin 1 to Pin 2 Static Capacitance
RM
LM
CM
CO
-
-
-
2.3
19
120.3114
2.1240
2.6
26
-
-
2.9
µH
fF
pF
NS = Not Specified
Notes:
1.
The center frequency, fC, is measured at the minimum IL point with
the resonator in the 50
Ω test system.
2.
Unless noted otherwise, case temperature TC = +25°C ± 2°C.
3.
Frequency aging is the change in fC with time and is specified at
+65
°C or less. Aging may exceed the specification for prolonged
temperatures above +65°C. Typically, aging is greatest the first year
after manufacture, decreasing in subsequent years.
4.
Turnover temperature, T0, is the temperature of maximum (or
turnover) frequency, f0. The nominal frequency at any case
temperature, TC, may be calculated from: f = f0 [1 - FTC (T0 - TC)
2].
5.
This equivalent RLC model approximates resonator performance
near the resonant frequency and is provided for reference only. The
capacitance C0 is the measured static (nonmotional) capacitance
between Pin1 and Pin2. The measurement includes case parasitic
capacitance.
6.
Derived mathematically from one or more of the following directly
measured parameters: fC, IL, 3 dB bandwidth, fC versus TC, and C0.
7.
The specifications of this device are based on the test circuit shown
above and subject to change or obsolescence without notice.
8.
Typically, equipment utilizing this device requires emissions testing
and government approval, which is the responsibility of the
equipment manufacturer.
9.
Our liability is only assumed for the Surface Acoustic Wave (SAW)
component(s) per se, not for applications, processes and circuits
implemented within components or assemblies.
10.
For questions on technology, prices and delivery please contact our
sales offices or e-mail to sales@vanlong.com.
SR315


Similar Part No. - SR315

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
SR315 TSC-SR315 Datasheet
164Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
Vanlong Technology Co.,...
SR315 VANLONG-SR315 Datasheet
91Kb / 2P
   315.00 MHz One-Port SAW Resonator
logo
Taiwan Semiconductor Co...
SR315 TSC-SR315 Datasheet
210Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
logo
PETERMANN-TECHNIK
SR315 PETERMANN-SR315 Datasheet
83Kb / 7P
   HIGH RELIABILITY FOR LOW COST
logo
Taiwan Semiconductor Co...
SR315 TSC-SR315 Datasheet
194Kb / 2P
   3.0 AMPS. Schottky Barrier Rectifiers
More results

Similar Description - SR315

ManufacturerPart #DatasheetDescription
logo
Vanlong Technology Co.,...
SR5415 VANLONG-SR5415 Datasheet
92Kb / 2P
   315.00 MHz One Port SAW Resonator
SR315B VANLONG-SR315B Datasheet
87Kb / 2P
   315.00 MHz One-Port SAW Resonator
SR5414 VANLONG-SR5414 Datasheet
97Kb / 2P
   315.00 MHz One Port SAW Resonator
SR315 VANLONG-SR315 Datasheet
91Kb / 2P
   315.00 MHz One-Port SAW Resonator
SR5416 VANLONG-SR5416 Datasheet
93Kb / 2P
   315.00 MHz One Port SAW Resonator
logo
Abracon Corporation
ASR315E ABRACON-ASR315E Datasheet
629Kb / 1P
   SMD ONE PORT 315.00 MHz SAW RESONATOR
logo
Vanlong Technology Co.,...
SQ315 VANLONG-SQ315 Datasheet
173Kb / 2P
   315.00 MHz Two-Port SAW Resonator
logo
Murata Manufacturing Co...
RO3073A-11 MURATA-RO3073A-11 Datasheet
393Kb / 2P
   315.00 MHz SAW Resonator
logo
TAI-SAW TECHNOLOGY CO.,...
TC0182B TAI-SAW-TC0182B Datasheet
390Kb / 5P
   SAW Resonator 315.00 MHz
logo
Murata Manufacturing Co...
RO3073D MURATA-RO3073D Datasheet
99Kb / 2P
   315.00 MHz SAW Resonator
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com