Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SDR2207-120YL Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # SDR2207-120YL
Description  SMD Power Inductors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC - List of Unclassifed Manufacturers

SDR2207-120YL Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  SDR2207-120YL Datasheet HTML 1Page - List of Unclassifed Manufacturers SDR2207-120YL Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
SDR2207 Series - SMD Power Inductors
Features
Available in E12 series
Low height of only 7.0 mm
Inductance as low as 0.8 µH
High current up to 16 amps
Lead free version available (see How to
Order)
Lead free versions are RoHS compliant*
Applications
Input/output of DC/DC converters
Power supplies for:
• Portable communications equipment
• Camcorders
• LCD TVs
• Car radios
Electrical Specifications
Product Dimensions
Recommended Layout
General Specifications
Test Voltage .....................................0.1 V
Reflow Soldering....230 °C; 10 sec. max.
Operating Temperature ..-40 °C to +125 °C
(Temperature rise included)
Storage Temperature
.................................-40 °C to +125 °C
Resistance to Soldering Heat
................................230 °C for 10 sec.
Materials
Core.........................................Ferrite DR
Wire .............................Enameled copper
Terminal Electrode ......See How to Order
Base................................Phenolic T375J
Adhesive ..............................Epoxy resin
Rated Current
....................Ind. drop 10 % typ. at Isat
Temperature Rise
.......................40 °C max. at rated Irms
Packaging ....................250 pcs. per reel
22.0 ± 0.3
(.866 ± .012)
= START OF WINDING
7.0 + 0.8/-0.4
(.276 + .031/-.016)
15.0 ± 0.3
(.591 ± .012)
4.0
(.157)
13.5
(.531)
9.0
(.354)
Electrical Schematic
Inductance 100 KHz
Q
Test
SRF
RDC
I rms
I sat
Bourns Part No.
(
µ
µH)
Tol. %
Ref.
Frequency
Min.
(m
Ω)
Max.
Typ.
(MHz)
(MHz)
(A)
(A)
SDR2207-R80M_
0.8
± 20
30
5
102.0
2.8
16.0
35.0
SDR2207-1R2M_
1.2
± 20
30
3
70.0
3.8
15.0
30.0
SDR2207-1R8M_
1.8
± 20
31
3
51.0
4.5
13.0
25.0
SDR2207-2R7M_
2.7
± 20
38
3
51.0
7.0
10.0
20.0
SDR2207-3R3M_
3.3
± 20
38
3
39.0
7.8
9.0
17.0
SDR2207-4R7M_
4.7
± 20
38
3
33.0
8.8
8.5
15.0
SDR2207-5R6M_
5.6
± 20
50
3
30.0
13.4
7.8
14.0
SDR2207-6R8M_
6.8
± 20
38
3
27.0
14.2
7.5
12.0
SDR2207-8R2M_
8.2
± 20
35
3
25.0
15.5
7.0
11.0
SDR2207-100M_
10
± 20
53
5
20.0
17.2
6.5
10.0
SDR2207-120Y_
12
± 15
50
5
19.0
23.6
5.5
9.5
SDR2207-150Y_
15
± 15
38
5
16.0
28.8
5.0
9.0
SDR2207-180Y_
18
± 15
46
5
15.0
33.0
4.6
8.0
SDR2207-220Y_
22
± 15
27
3
14.0
39.4
4.0
6.5
SDR2207-270Y_
27
± 15
22
3
12.0
43.5
3.8
6.0
SDR2207-330Y_
33
± 15
27
3
11.0
58.4
3.4
5.5
SDR2207-390K_
39
± 10
18
3
10.0
65.0
3.2
5.2
SDR2207-470K_
47
± 10
27
3
9.0
91.2
2.8
5.0
SDR2207-560K_
56
± 10
25
2
8.3
96.5
2.6
4.5
SDR2207-680K_
68
± 10
18
2
7.9
112.0
2.4
4.0
SDR2207-820K_
82
± 10
28
2
6.5
144.0
2.3
3.5
SDR2207-101K_
100
± 10
18
2
6.2
168.0
2.2
3.0
SDR2207-121K_
120
± 10
20
2
6.0
230.0
1.6
3.0
SDR2207-151K_
150
± 10
22
2
5.8
250.0
1.5
2.6
SDR2207-181K_
180
± 10
20
2
5.7
300.0
1.3
2.5
SDR2207-221K_
220
± 10
19
2
5.5
380.0
1.2
2.4
SDR2207-271K_
270
± 10
17
2
5.3
470.0
1.1
2.2
SDR2207-331K_
330
± 10
20
1
5.1
560.0
1.0
1.9
SDR2207-391K_
390
± 10
17
1
4.9
680.0
0.9
1.7
SDR2207-471K_
470
± 10
19
1
4.7
850.0
0.8
1.4
SDR2207-561K_
560
± 10
18
1
4.5
1000
0.8
1.3
SDR2207-681K_
680
± 10
16
1
4.2
1100
0.7
1.2
SDR2207-821K_
820
± 10
16
1
3.9
1400
0.6
1.1
SDR2207-102K_
1000
± 10
15
1
3.5
1800
0.6
1.0
DIMENSIONS:
MM
(INCHES)
*RoHS Directive 2002/95/EC Jan 27 2003 including Annex
Specifications are subject to change without notice.
Customers should verify actual device performance in their specific applications.
How to Order
SDR2207 - 100M __
Model
Value/Tolerance: from table
Termination
L = Cu/Sn
Blank = Cu/SnPb


Similar Part No. - SDR2207-120YL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR2207-120YL BOURNS-SDR2207-120YL Datasheet
129Kb / 2P
   SMD Power Inductors
More results

Similar Description - SDR2207-120YL

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
SDR1105 BOURNS-SDR1105 Datasheet
145Kb / 1P
   SMD Power Inductors
SDR1307 BOURNS-SDR1307 Datasheet
202Kb / 2P
   SMD Power Inductors
logo
Abracon Corporation
ASPI-0706HC ABRACON-ASPI-0706HC Datasheet
178Kb / 1P
   SMD POWER INDUCTORS
logo
Taiyo Yuden (U.S.A.), I...
NR5040T220M TAIYO-YUDEN-NR5040T220M Datasheet
148Kb / 1P
   SMD Power Inductors
NR10050T2R9N TAIYO-YUDEN-NR10050T2R9N Datasheet
151Kb / 1P
   SMD Power Inductors
NR10050T330M TAIYO-YUDEN-NR10050T330M Datasheet
151Kb / 1P
   SMD Power Inductors
NS10155T3R3NNA TAIYO-YUDEN-NS10155T3R3NNA Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T4R2NN TAIYO-YUDEN-NS12565T4R2NN Datasheet
168Kb / 2P
   SMD Power Inductors
NS12565T221MN TAIYO-YUDEN-NS12565T221MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T330MN TAIYO-YUDEN-NS12565T330MN Datasheet
167Kb / 2P
   SMD Power Inductors
NS12565T680MN TAIYO-YUDEN-NS12565T680MN Datasheet
167Kb / 2P
   SMD Power Inductors
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com