Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SRUUH-SS-109D1 Datasheet(PDF) 2 Page - Tyco Electronics

Part # SRUUH-SS-109D1
Description  15 Amp Miniature Power PC Board Relay
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

SRUUH-SS-109D1 Datasheet(HTML) 2 Page - Tyco Electronics

  SRUUH-SS-109D1 Datasheet HTML 1Page - Tyco Electronics SRUUH-SS-109D1 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
445
Dimensions are shown for
reference purposes only.
Dimensions are in inches over
(millimeters) unless otherwise
specified.
Specifications and availability
subject to change.
www.tycoelectronics.com
Technical support:
Refer to inside back cover.
OEG
Catalog 1308242
Issued 3-03 (PDF Rev. 3-04)
Wiring Diagram (Bottom View)
Outline Dimensions
PC Board Layout (Bottom View)
Ordering Information
Typical Part Number
B
SRUUH -SS
-1
12
D
1
M
,000
1. Basic Series:
SRUUH = Miniature Power PC board relay.
2. Enclosure:
SS = Vent (Flux-tight)* plastic cover.
SH = Sealed, plastic case.
3. Termination:
1 = 1 pole
4. Coil Voltage:
03 = 3VDC
09 = 9VDC
24 = 24VDC
06 = 6VDC
12 = 12VDC
48 = 48VDC
5. Coil Input:
D = Standard
6. Contact Material:
1 = Silver Cadmium Oxide
7. Contact Arrangement:
Leave Blank = 1 Form C, SPDT
M = 1 Form A, SPST-NO
8. Option:
,000= Standard model.
Other Suffix = Custom model.
* Not suitable for immersion cleaning processes.
.65
± .02
(16.5
± .5)
.48
± .008
(12.2
± .2)
.039
(1.0)
.177
± .008
(4.5
± .2)
.157
± .008
(4.0
± .2)
.795
± .02
(20.2
± .5)
.022
(.56)
.795
± .02
(20.2
± .5)
.012
(.3)
.039
(1.0)
.020
(.5)
.020
(.5)
.236
± .008
(6.0
± .2)
.079
± .008
(2.0
± .2)
.236
± .008
(6.0
± .2)
.079
± .008
(2.0
± .2)
.48
± .004
(12.2
± .1)
.236
± .004
(6.0
± .1)
5 – .05 DIA
(1.3)
.236
± .004
(6.0
± .1)
.079
± .008
(2.0
± .2)
Note: Only necessary terminals are present on 1 Form A (SPST-NO) models.
SRUUH-SH112D1M,000
SRUUH-SH124D1M,000
Our authorized distributors are more likely to maintain the following items in stock for immediate delivery.
SRUUH-SH112D1,000
SRUUH-SH124D1,000
Socket
Hold-Down Spring
.167 MAX.
(4.25)
.270 MAX.
(6.85)
.916 MAX.
(23.35)
.660 MAX.
(16.75)
.016 TYP.
(.40)
27E1064 socket is rated 10A @ 300VAC. UL Recognized for US and
Canada. Designed to fit same suggested board layout as relay.
20C430 spring is designed to secure SRUUH relay in 27E1064 socket.
(


Similar Part No. - SRUUH-SS-109D1

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
SRU COOPER-SRU Datasheet
143Kb / 2P
   Box Cover Units for Plug Fuses
logo
Ningbo songle relay co....
SRU SONGLERELAY-SRU Datasheet
3Mb / 2P
   Miniature volume, PCB usage
SRU-12VDC-FD-A SONGLERELAY-SRU-12VDC-FD-A Datasheet
3Mb / 2P
   Miniature volume, PCB usage
SRU-12VDC-FD-B SONGLERELAY-SRU-12VDC-FD-B Datasheet
3Mb / 2P
   Miniature volume, PCB usage
SRU-12VDC-FD-C SONGLERELAY-SRU-12VDC-FD-C Datasheet
3Mb / 2P
   Miniature volume, PCB usage
More results

Similar Description - SRUUH-SS-109D1

ManufacturerPart #DatasheetDescription
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943 Datasheet
45Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
American Zettler, Inc.
AZ943 AZETTLER-AZ943 Datasheet
109Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ943H AZETTLER-AZ943H Datasheet
116Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ9431 AZETTLER-AZ9431 Datasheet
106Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ932 AZETTLER-AZ932 Datasheet
176Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
logo
ZETTLER Electronics
AZ943 ZETTLER-AZ943_14 Datasheet
63Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY
AZ943S ZETTLER-AZ943S Datasheet
57Kb / 2P
   15 AMP MINIATURE PC BOARD RELAY SMT
logo
American Zettler, Inc.
AZ943S AZETTLER-AZ943S Datasheet
136Kb / 2P
   15 AMP (SMT) MINIATURE PC BOARD RELAY
logo
Tyco Electronics
SDT-S-112LMR MACOM-SDT-S-112LMR Datasheet
131Kb / 2P
   10 Amp Miniature Power PC Board Relay
SRUDH MACOM-SRUDH Datasheet
118Kb / 2P
   12 Amp Miniature Power PC Board Relay
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com