Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SST25VF512 Datasheet(PDF) 3 Page - Silicon Storage Technology, Inc

Part # SST25VF512
Description  512 Kbit SPI Serial Flash
Download  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SST [Silicon Storage Technology, Inc]
Direct Link  http://www.sst.com/
Logo SST - Silicon Storage Technology, Inc

SST25VF512 Datasheet(HTML) 3 Page - Silicon Storage Technology, Inc

  SST25VF512 Datasheet HTML 1Page - Silicon Storage Technology, Inc SST25VF512 Datasheet HTML 2Page - Silicon Storage Technology, Inc SST25VF512 Datasheet HTML 3Page - Silicon Storage Technology, Inc SST25VF512 Datasheet HTML 4Page - Silicon Storage Technology, Inc SST25VF512 Datasheet HTML 5Page - Silicon Storage Technology, Inc SST25VF512 Datasheet HTML 6Page - Silicon Storage Technology, Inc SST25VF512 Datasheet HTML 7Page - Silicon Storage Technology, Inc SST25VF512 Datasheet HTML 8Page - Silicon Storage Technology, Inc SST25VF512 Datasheet HTML 9Page - Silicon Storage Technology, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 23 page
background image
Data Sheet
512 Kbit SPI Serial Flash
SST25VF512
3
©2005 Silicon Storage Technology, Inc.
S71192-08-000
11/05
PIN DESCRIPTION
FIGURE 1: PIN ASSIGNMENTS
FIGURE 2: SPI PROTOCOL
TABLE
1: PIN DESCRIPTION
Symbol
Pin Name
Functions
SCK
Serial Clock
To provide the timing of the serial interface.
Commands, addresses, or input data are latched on the rising edge of the clock input, while output
data is shifted out on the falling edge of the clock input.
SI
Serial Data
Input
To transfer commands, addresses, or data serially into the device.
Inputs are latched on the rising edge of the serial clock.
SO
Serial Data
Output
To transfer data serially out of the device.
Data is shifted out on the falling edge of the serial clock.
CE#
Chip Enable
The device is enabled by a high to low transition on CE#. CE# must remain low for the duration of
any command sequence.
WP#
Write Protect
The Write Protect (WP#) pin is used to enable/disable BPL bit in the status register.
HOLD#
Hold
To temporarily stop serial communication with SPI flash memory without resetting the device.
VDD
Power Supply
To provide power supply (2.7-3.6V).
VSS
Ground
T1.7 1192
1
2
3
4
8
7
6
5
CE#
SO
WP#
VSS
VDD
HOLD#
SCK
SI
Top View
1192 08-soic P1.4
8-LEAD SOIC
8-CONTACT WSON
1
2
3
4
8
7
6
5
CE#
SO
WP#
VSS
Top View
VDD
HOLD#
SCK
SI
1192 08-wson P1a.6
1192 F34.6
MODE 3
SCK
SI
SO
CE#
MODE 3
DON'T CARE
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
Bit 7 Bit 6 Bit 5 Bit 4 Bit 3 Bit 2 Bit 1 Bit 0
MODE 0
MODE 0
HIGH IMPEDANCE
MSB
MSB


Similar Part No. - SST25VF512

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF512 SST-SST25VF512 Datasheet
272Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512 SST-SST25VF512 Datasheet
281Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512-20-4C-QA SST-SST25VF512-20-4C-QA Datasheet
272Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512-20-4C-QAE SST-SST25VF512-20-4C-QAE Datasheet
272Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512-20-4C-QAE SST-SST25VF512-20-4C-QAE Datasheet
281Kb / 23P
   512 Kbit SPI Serial Flash
More results

Similar Description - SST25VF512

ManufacturerPart #DatasheetDescription
logo
Silicon Storage Technol...
SST25VF512 SST-SST25VF512_10 Datasheet
281Kb / 23P
   512 Kbit SPI Serial Flash
SST25VF512A SST-SST25VF512A Datasheet
291Kb / 25P
   512 Kbit SPI Serial Flash
SST25VF512 SST-SST25VF512 Datasheet
272Kb / 23P
   512 Kbit SPI Serial Flash
logo
Microchip Technology
25LC512 MICROCHIP-25LC512_14 Datasheet
502Kb / 30P
   512 Kbit SPI Bus Serial EEPROM
10/28/13
25AA512 MICROCHIP-25AA512_10 Datasheet
670Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
25AA512 MICROCHIP-25AA512 Datasheet
620Kb / 32P
   512 Kbit SPI Bus Serial EEPROM
2007
25A512 MICROCHIP-25A512 Datasheet
392Kb / 34P
   512 Kbit SPI Bus Serial EEPROM
05/02/11
25LC512 MICROCHIP-25LC512_10 Datasheet
664Kb / 36P
   512 Kbit SPI Bus Serial EEPROM
2010
logo
STMicroelectronics
M95512-RMN6P STMICROELECTRONICS-M95512-RMN6P Datasheet
1Mb / 50P
   512-Kbit serial SPI bus EEPROM
logo
Numonyx B.V
M25P05-A NUMONYX-M25P05-A Datasheet
1,001Kb / 52P
   512 Kbit, serial Flash memory, 50 MHz SPI bus interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com